Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC59116ITPWRQ1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLC59116ITPWRQ1
Description  16-Channel Constant-Current LED Sink Driver
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC59116ITPWRQ1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLC59116ITPWRQ1 Datasheet HTML 5Page - Texas Instruments TLC59116ITPWRQ1 Datasheet HTML 6Page - Texas Instruments TLC59116ITPWRQ1 Datasheet HTML 7Page - Texas Instruments TLC59116ITPWRQ1 Datasheet HTML 8Page - Texas Instruments TLC59116ITPWRQ1 Datasheet HTML 9Page - Texas Instruments TLC59116ITPWRQ1 Datasheet HTML 10Page - Texas Instruments TLC59116ITPWRQ1 Datasheet HTML 11Page - Texas Instruments TLC59116ITPWRQ1 Datasheet HTML 12Page - Texas Instruments TLC59116ITPWRQ1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
Output Voltage (V)
0
0.2
0.4
0.6
0.8
1
1.2
1.4 1.5
0
4
8
12
16
20
24
28
D003
-40 qC
25 qC
85 qC
105 qC
Supply Voltage (V)
3
3.25
3.5
3.75
4
4.25
4.5
4.75
5
5.25
5.5
14
16
18
20
22
24
D004
-40 qC
25 qC
85 qC
105 qC
Output Voltage (V)
0
0.2
0.4
0.6
0.8
1
1.2
1.4 1.5
0
25
50
75
100
125
D002
156 :
720 :
3750 :
0
20
40
60
80
100
120
140
R
( )
ext W
0
1500
2500
3500
500
1000
2000
3000
4000
9
TLC59116-Q1
www.ti.com
SLDS223A – MARCH 2016 – REVISED MARCH 2016
Product Folder Links: TLC59116-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.7 Typical Characteristics
Figure 1. IOUT,target vs Rext
VCC = 5 V
CG = 0.992
Figure 2. Output Current vs Output Voltage across Output
Current
VCC = 5 V
CG = 0.992
REXT = 720 Ω
Figure 3. Output Current vs Output Voltage across Temp
REXT = 720 Ω
All Channels ON
Figure 4. ICC vs VCC across Temp


Similar Part No. - TLC59116ITPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59116IPWR TI-TLC59116IPWR Datasheet
550Kb / 30P
[Old version datasheet]   16-CHANNEL Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
TLC59116IPWR TI-TLC59116IPWR Datasheet
551Kb / 30P
[Old version datasheet]   16-CHANNEL Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
TLC59116IPWR TI1-TLC59116IPWR Datasheet
1Mb / 38P
[Old version datasheet]   16-CHANNEL Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
TLC59116IPWRG4 TI-TLC59116IPWRG4 Datasheet
550Kb / 30P
[Old version datasheet]   16-CHANNEL Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
TLC59116IPWRG4 TI-TLC59116IPWRG4 Datasheet
551Kb / 30P
[Old version datasheet]   16-CHANNEL Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
More results

Similar Description - TLC59116ITPWRQ1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5025 ETC1-MBI5025 Datasheet
387Kb / 18P
   16-channel Constant Current LED Sink Driver
logo
Princeton Technology Co...
PT6726 PTC-PT6726 Datasheet
193Kb / 3P
   16-Channel Constant Current Sink for LED Driver
logo
Texas Instruments
TLC5925 TI-TLC5925_09 Datasheet
705Kb / 23P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
TLC59025 TI-TLC59025 Datasheet
696Kb / 21P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
logo
List of Unclassifed Man...
MBI5026 ETC-MBI5026 Datasheet
381Kb / 14P
   16-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16C596 STMICROELECTRONICS-STP16C596 Datasheet
340Kb / 18P
   16-BIT CONSTANT CURRENT LED SINK DRIVER
logo
Texas Instruments
TLC5925 TI-TLC5925 Datasheet
666Kb / 22P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
TLC5925 TI1-TLC5925_15 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Power 16-Channel Constant-Current LED Sink Driver
logo
List of Unclassifed Man...
MBI5026CF ETC1-MBI5026CF Datasheet
378Kb / 17P
   16-bit Constant Current LED Sink Driver
logo
Unisonic Technologies
L16B45B UTC-L16B45B Datasheet
287Kb / 10P
   16-BIT CONSTANT CURRENT LED SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com