Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC59116ITPWTQ1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLC59116ITPWTQ1
Description  16-Channel Constant-Current LED Sink Driver
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC59116ITPWTQ1 Datasheet(HTML) 4 Page - Texas Instruments

  TLC59116ITPWTQ1 Datasheet HTML 1Page - Texas Instruments TLC59116ITPWTQ1 Datasheet HTML 2Page - Texas Instruments TLC59116ITPWTQ1 Datasheet HTML 3Page - Texas Instruments TLC59116ITPWTQ1 Datasheet HTML 4Page - Texas Instruments TLC59116ITPWTQ1 Datasheet HTML 5Page - Texas Instruments TLC59116ITPWTQ1 Datasheet HTML 6Page - Texas Instruments TLC59116ITPWTQ1 Datasheet HTML 7Page - Texas Instruments TLC59116ITPWTQ1 Datasheet HTML 8Page - Texas Instruments TLC59116ITPWTQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
1
2
3
9
4
10
5
11
6
12
7
13
8
14
28
27
26
20
25
19
24
18
23
17
22
16
21
15
REXT
A0
A1
A2
A3
OUT0
OUT1
OUT2
OUT3
GND
OUT4
OUT5
OUT6
OUT7
VCC
SDA
SCL
RESET
GND
OUT15
OUT14
OUT13
OUT12
GND
OUT11
OUT10
OUT9
OUT8
4
TLC59116-Q1
SLDS223A – MARCH 2016 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TLC59116-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
I/O = input and Output
6 Pin Configuration and Functions
PW Package
28-Pin TSSOP
Top View
Pin Functions
PIN
I/O (1)
DESCRIPTION
NO.
NAME
1
REXT
I
Input terminal used to connect an external resistor for setting up all output currents
2
A0
I
Address input 0
3
A1
I
Address input 1
4
A2
I
Address input 2
5
A3
I
Address input 3
6
OUT0
O
Constant current output 0
7
OUT1
O
Constant current output 1
8
OUT2
O
Constant current output 2
9
OUT3
O
Constant current output 3
10
GND
Ground
11
OUT4
O
Constant current output 4
12
OUT5
O
Constant current output 5
13
OUT6
O
Constant current output 6
14
OUT7
O
Constant current output 7
15
OUT8
O
Constant current output 8
16
OUT9
O
Constant current output 9
17
OUT10
O
Constant current output 10
18
OUT11
O
Constant current output 11
19
GND
Ground
20
OUT12
O
Constant current output 12
21
OUT13
O
Constant current output 13
22
OUT14
O
Constant current output 14
23
OUT15
O
Constant current output 15
24
GND
Ground
25
RESET
I
Active-low reset input
26
SCL
I
Serial clock input
27
SDA
I/O
Serial data input/output
28
VCC
Power supply


Similar Part No. - TLC59116ITPWTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59116IPWR TI-TLC59116IPWR Datasheet
550Kb / 30P
[Old version datasheet]   16-CHANNEL Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
TLC59116IPWR TI-TLC59116IPWR Datasheet
551Kb / 30P
[Old version datasheet]   16-CHANNEL Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
TLC59116IPWR TI1-TLC59116IPWR Datasheet
1Mb / 38P
[Old version datasheet]   16-CHANNEL Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
TLC59116IPWRG4 TI-TLC59116IPWRG4 Datasheet
550Kb / 30P
[Old version datasheet]   16-CHANNEL Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
TLC59116IPWRG4 TI-TLC59116IPWRG4 Datasheet
551Kb / 30P
[Old version datasheet]   16-CHANNEL Fm I2C-BUS CONSTANT-CURRENT LED SINK DRIVER
More results

Similar Description - TLC59116ITPWTQ1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5025 ETC1-MBI5025 Datasheet
387Kb / 18P
   16-channel Constant Current LED Sink Driver
logo
Princeton Technology Co...
PT6726 PTC-PT6726 Datasheet
193Kb / 3P
   16-Channel Constant Current Sink for LED Driver
logo
Texas Instruments
TLC5925 TI-TLC5925_09 Datasheet
705Kb / 23P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
TLC59025 TI-TLC59025 Datasheet
696Kb / 21P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
logo
List of Unclassifed Man...
MBI5026 ETC-MBI5026 Datasheet
381Kb / 14P
   16-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16C596 STMICROELECTRONICS-STP16C596 Datasheet
340Kb / 18P
   16-BIT CONSTANT CURRENT LED SINK DRIVER
logo
Texas Instruments
TLC5925 TI-TLC5925 Datasheet
666Kb / 22P
[Old version datasheet]   LOW-POWER 16-CHANNEL CONSTANT-CURRENT LED SINK DRIVER
TLC5925 TI1-TLC5925_15 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Power 16-Channel Constant-Current LED Sink Driver
logo
List of Unclassifed Man...
MBI5026CF ETC1-MBI5026CF Datasheet
378Kb / 17P
   16-bit Constant Current LED Sink Driver
logo
Unisonic Technologies
L16B45B UTC-L16B45B Datasheet
287Kb / 10P
   16-BIT CONSTANT CURRENT LED SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com