Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8556SQX-E08 Datasheet(PDF) 7 Page - Texas Instruments

Part # LP8556SQX-E08
Description  High-Efficiency LED Backlight Driver for Tablets
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8556SQX-E08 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP8556SQX-E08 Datasheet HTML 3Page - Texas Instruments LP8556SQX-E08 Datasheet HTML 4Page - Texas Instruments LP8556SQX-E08 Datasheet HTML 5Page - Texas Instruments LP8556SQX-E08 Datasheet HTML 6Page - Texas Instruments LP8556SQX-E08 Datasheet HTML 7Page - Texas Instruments LP8556SQX-E08 Datasheet HTML 8Page - Texas Instruments LP8556SQX-E08 Datasheet HTML 9Page - Texas Instruments LP8556SQX-E08 Datasheet HTML 10Page - Texas Instruments LP8556SQX-E08 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 63 page
background image
7
LP8556
www.ti.com
SNVS871I – JULY 2012 – REVISED MARCH 2016
Product Folder Links: LP8556
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
(1)
All voltages are with respect to the potential at the GND pins.
(2)
Minimum (MIN) and Maximum (MAX) limits are verified by design, test, or statistical analysis. Typical numbers are for information only.
(3)
Verified by design and not tested in production.
7.5 Electrical Characteristics
Unless otherwise specified: VDD = 12 V, EN / VDDIO = 1.8 V, TA = 25°C
(1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDDIO
Supply voltage for digital I/Os
1.62
3.6
V
VDD
Input voltage for the internal LDO
2.7
20
V
IDD
Standby supply current
EN / VDDIO = 0 V, LDO disabled,
–30°C
≤ TA ≤ 85°C
1.6
μA
Normal mode supply current
LDO enabled, boost disabled
0.9
1.5
mA
LDO enabled, boost enabled, no load
2.2
3.65
fOSC
Internal oscillator frequency
accuracy
–4%
4%
–30°C
≤ TA ≤ 85°C
–7%
7%
VLDO
LDO output voltage
VDD ≥ 3.1 V
2.95
3.05
3.15
V
2.7 V
≤ VDD < 3.1 V
VDD – 0.05
TTSD
Thermal shutdown threshold
See(3)
150
°C
TTSD_hyst
Thermal shutdown hysteresis
20
°C


Similar Part No. - LP8556SQX-E08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8556SQX-E08/NOPB TI-LP8556SQX-E08/NOPB Datasheet
1Mb / 52P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Tablets
More results

Similar Description - LP8556SQX-E08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8557 TI1-LP8557 Datasheet
1Mb / 49P
[Old version datasheet]   High-Efficiency LED Backlight Driver For Tablets
LP8556 TI-LP8556 Datasheet
1Mb / 52P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Tablets
LP8550 TI1-LP8550 Datasheet
188Kb / 6P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8551 TI1-LP8551 Datasheet
186Kb / 6P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8553 TI1-LP8553 Datasheet
614Kb / 40P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8545 TI1-LP8545 Datasheet
623Kb / 40P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8552 TI1-LP8552 Datasheet
571Kb / 39P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
LP8545 TI1-LP8545_14 Datasheet
1Mb / 44P
[Old version datasheet]   High-Efficiency LED Backlight Driver for Notebooks
logo
Richtek Technology Corp...
RT4532 RICHTEK-RT4532 Datasheet
204Kb / 12P
   High Efficiency Backlight LED Driver
RT4532 RICHTEK-RT4532_15 Datasheet
204Kb / 12P
   High Efficiency Backlight LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com