Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG5249FBRUZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADG5249FBRUZ
Description  User Defined Fault Protection and Detection, 0.8 pC QINJ, 8-1/Dual 4-1 Multiplexers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5249FBRUZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG5249FBRUZ Datasheet HTML 2Page - Analog Devices ADG5249FBRUZ Datasheet HTML 3Page - Analog Devices ADG5249FBRUZ Datasheet HTML 4Page - Analog Devices ADG5249FBRUZ Datasheet HTML 5Page - Analog Devices ADG5249FBRUZ Datasheet HTML 6Page - Analog Devices ADG5249FBRUZ Datasheet HTML 7Page - Analog Devices ADG5249FBRUZ Datasheet HTML 8Page - Analog Devices ADG5249FBRUZ Datasheet HTML 9Page - Analog Devices ADG5249FBRUZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
ADG5248F/ADG5249F
Data Sheet
Parameter
+25°C
−40°C to
+85°C
−40°C to
+125°C
Unit
Test Conditions/Comments
Drain Leakage Current, ID
With Overvoltage
±10
nA typ
VDD = +22 V, VSS = −22 V, GND = 0 V, VS = ±55 V,
see Figure 33
±2
±2
±2
µA max
Power Supplies Grounded
±500
nA typ
VDD = 0 V, VSS = 0 V, GND = 0 V, VS = ±55 V, Ax =
0 V, see Figure 32
±700
±700
±700
nA max
Power Supplies Floating
±50
±50
±50
µA typ
VDD = floating, VSS = floating, GND = 0 V, VS =
±55 V, Ax = 0 V, see Figure 32
DIGITAL INPUTS
Input Voltage
High, VINH
2.0
V min
Low, VINL
0.8
V max
Input Current, IINL or IINH
±0.7
µA typ
VIN = GND or VDD
±1.1
±1.2
µA max
Digital Input Capacitance, CIN
5.0
pF typ
Output Voltage
High, VOH
2.0
V min
Low, VOL
0.8
V max
DYNAMIC CHARACTERISTICS1
Transition Time, tTRANSITION
230
ns typ
RL = 1 kΩ, CL = 35 pF
335
340
340
ns max
VS = 10 V, see Figure 48
tON (EN)
225
ns typ
RL = 1 kΩ, CL = 35 pF
325
340
340
ns max
VS = 10 V, see Figure 47
tOFF (EN)
100
ns typ
RL = 1 kΩ, CL = 35 pF
135
155
155
ns max
VS = 10 V, see Figure 47
Break-Before-Make Time Delay, tD
175
ns typ
RL = 1 kΩ, CL = 35 pF
95
ns min
VS = 10 V, see Figure 46
Overvoltage Response Time, tRESPONSE
75
ns typ
RL = 1 kΩ, CL = 5 pF, see Figure 41
105
105
105
ns max
Overvoltage Recovery Time, tRECOVERY
820
ns typ
RL = 1 kΩ, CL = 5 pF, see Figure 42
1100
1250
1400
ns max
Interrupt Flag Response Time, tDIGRESP
75
ns typ
CL = 12 pF, see Figure 43
Interrupt Flag Recovery Time, tDIGREC
65
µs typ
CL = 12 pF, see Figure 44
1000
ns typ
CL = 12 pF, RPULLUP = 1 kΩ, see Figure 45
Charge Injection, QINJ
−1.2
pC typ
VS = 0 V, RS = 0 Ω, CL = 1 nF, see Figure 49
Off Isolation
−75
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz, see Figure 39,
worst case channel
Channel-to-Channel Crosstalk
RL = 50 Ω, CL = 5 pF, f = 1 MHz, see Figure 38
Adjacent Channels
−75
dB typ
Nonadjacent Channels
−88
dB typ
Total Harmonic Distortion Plus Noise,
THD + N
0.005
% typ
RL = 10 kΩ, VS = 20 V p-p, f = 20 Hz to 20 kHz,
see Figure 37
−3 dB Bandwidth
RL = 50 Ω, CL = 5 pF, see Figure 40
ADG5248F
190
MHz typ
ADG5249F
320
MHz typ
Insertion Loss
10.5
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz, see Figure 40
CS (Off)
4
pF typ
VS = 0 V, f = 1 MHz
CD (Off)
VS = 0 V, f = 1 MHz
ADG5248F
13
pF typ
ADG5249F
8
pF typ
Rev. 0 | Page 6 of 33


Similar Part No. - ADG5249FBRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG5243F AD-ADG5243F Datasheet
635Kb / 30P
   User Defined Fault Protection and Detection, 0.8 pc QINJ, Triple SPDT
ADG5243FBRUZ AD-ADG5243FBRUZ Datasheet
635Kb / 30P
   User Defined Fault Protection and Detection, 0.8 pc QINJ, Triple SPDT
ADG5243FBRUZ-RL7 AD-ADG5243FBRUZ-RL7 Datasheet
635Kb / 30P
   User Defined Fault Protection and Detection, 0.8 pc QINJ, Triple SPDT
More results

Similar Description - ADG5249FBRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG5243F AD-ADG5243F Datasheet
635Kb / 30P
   User Defined Fault Protection and Detection, 0.8 pc QINJ, Triple SPDT
ADG5208F AD-ADG5208F Datasheet
635Kb / 27P
   Fault Protection, ??.4 pC QINJ,8:1/Dual 4:1 Multiplexers
ADG5208F AD-ADG5208F_V01 Datasheet
544Kb / 27P
   Fault Protection, ??.4 pC QINJ, 8:1/Dual 4:1 Multiplexers
Rev. A
ADG5462F AD-ADG5462F Datasheet
634Kb / 29P
   User Defined Fault Protection and Detection,10 廓 RON, Quad Channel Protector
logo
Maxim Integrated Produc...
MAX4708 MAXIM-MAX4708_08 Datasheet
257Kb / 15P
   Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers
Rev 1; 12/08
MAX4708 MAXIM-MAX4708 Datasheet
408Kb / 14P
   Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers
Rev 0; 9/02
MAX4508 MAXIM-MAX4508 Datasheet
288Kb / 16P
   Fault-Protected, High-Voltage Single 8-to-1/Dual 4-to-1 Multiplexers
Rev 0; 1/99
logo
Texas Instruments
TMUX7308F TI-TMUX7308F_V01 Datasheet
1Mb / 40P
[Old version datasheet]   TMUX730xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with 1.8-V Logic
OCTOBER 2021
TMUX7308F TI-TMUX7308F Datasheet
1Mb / 34P
[Old version datasheet]   TMUX730xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with 1.8-V Logic
logo
Maxim Integrated Produc...
MAX4638 MAXIM-MAX4638 Datasheet
315Kb / 15P
   3.5?? Single 8:1 and Dual 4:1, Low-Voltage Analog Multiplexers
Rev 1; 3/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com