Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2981IM5-2.5 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP2981IM5-2.5
Description  Micropower 100-mA Ultralow Dropout Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2981IM5-2.5 Datasheet(HTML) 5 Page - Texas Instruments

  LP2981IM5-2.5 Datasheet HTML 1Page - Texas Instruments LP2981IM5-2.5 Datasheet HTML 2Page - Texas Instruments LP2981IM5-2.5 Datasheet HTML 3Page - Texas Instruments LP2981IM5-2.5 Datasheet HTML 4Page - Texas Instruments LP2981IM5-2.5 Datasheet HTML 5Page - Texas Instruments LP2981IM5-2.5 Datasheet HTML 6Page - Texas Instruments LP2981IM5-2.5 Datasheet HTML 7Page - Texas Instruments LP2981IM5-2.5 Datasheet HTML 8Page - Texas Instruments LP2981IM5-2.5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
5
LP2981-N
www.ti.com
SNOS773N – MARCH 2000 – REVISED APRIL 2016
Product Folder Links: LP2981-N
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
LP2981-N
UNIT
DBV (SOT-23)
5 PINS
RθJA
Junction-to-ambient thermal resistance, High-K
175.7
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
78.0
°C/W
RθJB
Junction-to-board thermal resistance
30.8
°C/W
ψJT
Junction-to-top characterization parameter
2.8
°C/W
ψJB
Junction-to-board characterization parameter
30.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
(1)
Minimum and maximum limits are ensured through test, design, or statistical correlation over the junction temperature (TJ) range of
–40°C to 125°C, unless otherwise stated. Typical values represent the most likely parametric norm at TA = 25°C, and are provided for
reference purposes only.
(2)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are ensured through correlation using Statistical
Quality Control (SQC) methods. The limits are used to calculate Average Outgoing Quality Level (AOQL).
(3)
Dropout voltage is defined as the input to output differential at which the output voltage drops 100 mV below the value measured with a
1-V differential.
6.5 Electrical Characteristics
Unless otherwise specified: TJ = 25°C, VIN = VO(NOM) + 1 V, IL = 1 mA, COUT = 1 μF, VON/OFF = 2 V.
(1)
PARAMETER
TEST CONDITIONS
LP2981AI-XX(2)
LP2981I-XX(2)
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
ΔVO
Output voltage
tolerance
IL = 1 mA
−0.75
0.75
−1.25
1.25
%VNOM
1 mA < IL < 100 mA
−1
1
−2
2
1 mA < IL < 100 mA
–40°C
≤ TJ ≤ 125°C
−2.5
2.5
−3.5
3.5
ΔVO/ΔVIN
Output voltage line
regulation
VO(NOM) + 1 V ≤ VIN ≤ 16 V
0.007
0.014
0.007
0.014
%/V
VO(NOM) + 1 V ≤ VIN ≤ 16 V
–40°C
≤ TJ ≤ 125°C
0.032
0.032
VIN – VO
Dropout voltage(3)
IL = 0 mA
1
3
1
3
mV
IL = 0 mA, –40°C ≤ TJ ≤ 125°C
5
5
IL = 1 mA
7
10
7
10
IL = 1 mA, –40°C ≤ TJ ≤ 125°C
15
15
IL = 25 mA
70
100
70
100
IL = 25 mA, –40°C ≤ TJ ≤ 125°C
150
150
IL = 100 mA
200
250
200
250
IL = 100 mA, –40°C ≤ TJ ≤ 125°C
375
375
IGND
Ground pin current
IL = 0 mA
65
95
65
95
μA
IL = 0 mA, –40°C ≤ TJ ≤ 125°C
125
125
IL = 1 mA
80
110
80
110
IL = 1 mA, –40°C ≤ TJ ≤ 125°C
170
170
IL = 25 mA
200
300
200
300
IL = 25 mA, –40°C ≤ TJ ≤ 125°C
550
550
IL = 100 mA
600
800
600
800
IL = 100 mA, –40°C ≤ TJ ≤ 125°C
1500
1500
VON/OFF < 0.3 V
0.01
0.8
0.01
0.8
VON/OFF < 0.15 V
–40°C
≤ TJ ≤ 125°C
0.05
2
0.05
2


Similar Part No. - LP2981IM5-2.5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2981IM5-2.5 NSC-LP2981IM5-2.5 Datasheet
406Kb / 16P
   Micropower 100 mA Ultra Low-Dropout Regulator
logo
Texas Instruments
LP2981IM5-2.5 TI1-LP2981IM5-2.5 Datasheet
423Kb / 18P
[Old version datasheet]   Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2981IM5-2.5 TI1-LP2981IM5-2.5 Datasheet
1Mb / 24P
[Old version datasheet]   Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2981IM5-2.5 TI-LP2981IM5-2.5 Datasheet
1Mb / 24P
[Old version datasheet]   LP2981-N Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2981IM5-2.5 TI1-LP2981IM5-2.5 Datasheet
1Mb / 24P
[Old version datasheet]   LP2981-N Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
More results

Similar Description - LP2981IM5-2.5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2981 NSC-LP2981 Datasheet
406Kb / 16P
   Micropower 100 mA Ultra Low-Dropout Regulator
logo
Texas Instruments
TPS76901-HT TI-TPS76901-HT_15 Datasheet
879Kb / 22P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATOR
LP3988-Q1 TI1-LP3988-Q1_16 Datasheet
433Kb / 15P
[Old version datasheet]   Micropower, 150-mA Ultralow-Dropout CMOS Voltage Regulator With Power Good
LP2992 TI1-LP2992_15 Datasheet
1Mb / 35P
[Old version datasheet]   Micropower 250-mA Low-Noise Ultralow-Dropout Regulator in SOT-23
LP3988-Q1 TI-LP3988-Q1_15 Datasheet
952Kb / 17P
[Old version datasheet]   Micropower, 150-mA Ultralow-Dropout CMOS Voltage Regulator With Power Good
logo
ON Semiconductor
CS8221 ONSEMI-CS8221 Datasheet
75Kb / 7P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator
February, 2006 ??Rev. 8
logo
Texas Instruments
TPS76201-Q1 TI1-TPS76201-Q1 Datasheet
457Kb / 17P
[Old version datasheet]   Low Output, Adjustable, Ultralow-Power, 100-mA Low-Dropout Linear Regulator
logo
National Semiconductor ...
LP2980 NSC-LP2980 Datasheet
423Kb / 18P
   Micropower 50 mA Ultra Low-Dropout Regulator
LP2982 NSC-LP2982 Datasheet
411Kb / 17P
   Micropower 50 mA Ultra Low-Dropout Regulator
logo
Microchip Technology
MIC5200 MICROCHIP-MIC5200 Datasheet
320Kb / 24P
   100 mA Low-Dropout Regulator
06/23/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com