Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG5412FBCPZ-RL7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADG5412FBCPZ-RL7
Description  Fault Protection and Detection, 10 ohm RON, Quad SPST Switches
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5412FBCPZ-RL7 Datasheet(HTML) 4 Page - Analog Devices

  ADG5412FBCPZ-RL7 Datasheet HTML 1Page - Analog Devices ADG5412FBCPZ-RL7 Datasheet HTML 2Page - Analog Devices ADG5412FBCPZ-RL7 Datasheet HTML 3Page - Analog Devices ADG5412FBCPZ-RL7 Datasheet HTML 4Page - Analog Devices ADG5412FBCPZ-RL7 Datasheet HTML 5Page - Analog Devices ADG5412FBCPZ-RL7 Datasheet HTML 6Page - Analog Devices ADG5412FBCPZ-RL7 Datasheet HTML 7Page - Analog Devices ADG5412FBCPZ-RL7 Datasheet HTML 8Page - Analog Devices ADG5412FBCPZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ADG5412F/ADG5413F
Data Sheet
Rev. B | Page 4 of 28
Parameter
+25°C
−40°C to
+85°C
−40°C to
+125°C
Unit
Test Conditions/Comments
DYNAMIC CHARACTERISTICS1
tON
400
ns typ
RL = 300 Ω, CL = 35 pF
495
525
550
ns max
VS = 10 V, see Figure 47
tOFF
410
ns typ
RL = 300 Ω, CL = 35 pF
510
545
555
ns max
VS = 10 V, see Figure 47
Break-Before-Make Time Delay, tD
(ADG5413F Only)
285
ns typ
RL = 300 Ω, CL = 35 pF
185
ns min
VS1 = VS2 = 10 V, see Figure 46
Overvoltage Response Time, tRESPONSE
460
ns typ
RL = 1 kΩ, CL = 2 pF, see Figure 41
585
615
630
ns max
Overvoltage Recovery Time, tRECOVERY
720
ns typ
RL = 1 kΩ, CL = 2 pF, see Figure 42
930
1050
1100
ns max
Interrupt Flag Response Time, tDIGRESP
85
115
ns typ
CL = 10 pF, see Figure 43
Interrupt Flag Recovery Time, tDIGREC
60
85
µs typ
CL = 10 pF, see Figure 44
600
ns typ
CL = 10 pF, RPULLUP = 1 kΩ, see Figure 45
Charge Injection, QINJ
−680
pC typ
VS = 0 V, RS = 0 Ω, CL = 1 nF, see Figure 48
Off Isolation
−70
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz, see Figure 35
Channel-to-Channel Crosstalk
−90
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz, see Figure 36
Total Harmonic Distortion Plus Noise, THD + N
0.0015
% typ
RL = 10 kΩ, VS = 15 V p-p, f = 20 Hz to
20 kHz, see Figure 40
−3 dB Bandwidth
270
MHz typ
RL = 50 Ω, CL = 5 pF, see Figure 39
Insertion Loss
−0.72
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz, see Figure 39
CS (Off)
13
pF typ
VS = 0 V, f = 1 MHz
CD (Off)
12
pF typ
VS = 0 V, f = 1 MHz
CD (On), CS (On)
24
pF typ
VS = 0 V, f = 1 MHz
POWER REQUIREMENTS
VDD = 16.5 V, VSS = −16.5 V, GND = 0 V,
digital inputs = 0 V, 5 V, or VDD
Normal Mode
IDD
0.9
mA typ
1.2
1.3
mA max
IGND
0.4
mA typ
0.55
0.6
mA max
ISS
0.5
mA typ
0.65
0.7
mA max
Fault Mode
VS = ±55 V
IDD
1.2
mA typ
1.6
1.8
mA max
IGND
0.8
mA typ
1.0
1.1
mA max
ISS
0.5
mA typ
1.0
1.8
mA max
VDD/VSS
±5
V min
GND = 0 V
±22
V max
GND = 0 V
1
Guaranteed by design; not subject to production test.


Similar Part No. - ADG5412FBCPZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG5412F AD-ADG5412F Datasheet
587Kb / 31P
   짹60 V Fault Protection and Detection, 11 廓 RON, Dual SPST Switch
More results

Similar Description - ADG5412FBCPZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG5412BF AD-ADG5412BF Datasheet
583Kb / 28P
   Bidirectional Fault Protection and Detection, 10 ohm RON, Quad SPST Switches
ADG5436F AD-ADG5436F Datasheet
1Mb / 30P
   Fault Protection and Detection, 10 ohm RON, Dual SPDT Switch
ADG5404F AD-ADG5404F Datasheet
560Kb / 30P
   Fault Protection and Detection, 10 ohm RON, 4-Channel Multiplexer
ADG5462F AD-ADG5462F Datasheet
634Kb / 29P
   User Defined Fault Protection and Detection,10 廓 RON, Quad Channel Protector
ADG5421F AD-ADG5421F Datasheet
587Kb / 31P
   짹60 V Fault Protection and Detection, 11 廓 RON, Dual SPST Switch
ADG7421F AD-ADG7421F Datasheet
1Mb / 30P
   Low Voltage Fault Protection and Detection, 12 廓 RON, Dual SPST Switch
ADG451 AD-ADG451 Datasheet
161Kb / 12P
   LC2MOS 5 ohm RON SPST Switches
REV. A
logo
Maxim Integrated Produc...
MAX312 MAXIM-MAX312_02 Datasheet
662Kb / 12P
   10 OHM, Quad, SPST, CMOS Analog Switches
Rev 2; 7/02
logo
ON Semiconductor
NLAS5213 ONSEMI-NLAS5213 Datasheet
139Kb / 11P
   1??RON DPST and Dual SPST Switches
January, 2009 ??Rev. 2
logo
Maxim Integrated Produc...
MAX4711 MAXIM-MAX4711 Datasheet
411Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com