Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2981IM5X-3.3 Datasheet(PDF) 9 Page - Texas Instruments

Part # LP2981IM5X-3.3
Description  Micropower 100-mA Ultralow Dropout Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2981IM5X-3.3 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP2981IM5X-3.3 Datasheet HTML 5Page - Texas Instruments LP2981IM5X-3.3 Datasheet HTML 6Page - Texas Instruments LP2981IM5X-3.3 Datasheet HTML 7Page - Texas Instruments LP2981IM5X-3.3 Datasheet HTML 8Page - Texas Instruments LP2981IM5X-3.3 Datasheet HTML 9Page - Texas Instruments LP2981IM5X-3.3 Datasheet HTML 10Page - Texas Instruments LP2981IM5X-3.3 Datasheet HTML 11Page - Texas Instruments LP2981IM5X-3.3 Datasheet HTML 12Page - Texas Instruments LP2981IM5X-3.3 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
9
LP2981-N
www.ti.com
SNOS773N – MARCH 2000 – REVISED APRIL 2016
Product Folder Links: LP2981-N
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Unless otherwise specified: TA = 25°C, VIN = VO(NOM) + 1 V, COUT = 4.7 μF, CIN = 1 μF all voltage options, ON/OFF pin tied to
VIN.
Figure 7. Dropout Voltage vs Temperature
Figure 8. Dropout Voltage vs Load Current
Figure 9. Ground Pin Current vs Temperature
Figure 10. Ground Pin Current vs Load Current
Figure 11. Input Current vs VIN
Figure 12. Input Current vs VIN


Similar Part No. - LP2981IM5X-3.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2981IM5X-3.3 NSC-LP2981IM5X-3.3 Datasheet
406Kb / 16P
   Micropower 100 mA Ultra Low-Dropout Regulator
logo
Texas Instruments
LP2981IM5X-3.3 TI1-LP2981IM5X-3.3 Datasheet
423Kb / 18P
[Old version datasheet]   Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2981IM5X-3.3 TI1-LP2981IM5X-3.3 Datasheet
1Mb / 24P
[Old version datasheet]   Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2981IM5X-3.3 TI-LP2981IM5X-3.3 Datasheet
1Mb / 24P
[Old version datasheet]   LP2981-N Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2981IM5X-3.3 TI1-LP2981IM5X-3.3 Datasheet
1Mb / 24P
[Old version datasheet]   LP2981-N Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
More results

Similar Description - LP2981IM5X-3.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2981 NSC-LP2981 Datasheet
406Kb / 16P
   Micropower 100 mA Ultra Low-Dropout Regulator
logo
Texas Instruments
TPS76901-HT TI-TPS76901-HT_15 Datasheet
879Kb / 22P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATOR
LP3988-Q1 TI1-LP3988-Q1_16 Datasheet
433Kb / 15P
[Old version datasheet]   Micropower, 150-mA Ultralow-Dropout CMOS Voltage Regulator With Power Good
LP2992 TI1-LP2992_15 Datasheet
1Mb / 35P
[Old version datasheet]   Micropower 250-mA Low-Noise Ultralow-Dropout Regulator in SOT-23
LP3988-Q1 TI-LP3988-Q1_15 Datasheet
952Kb / 17P
[Old version datasheet]   Micropower, 150-mA Ultralow-Dropout CMOS Voltage Regulator With Power Good
logo
ON Semiconductor
CS8221 ONSEMI-CS8221 Datasheet
75Kb / 7P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator
February, 2006 ??Rev. 8
logo
Texas Instruments
TPS76201-Q1 TI1-TPS76201-Q1 Datasheet
457Kb / 17P
[Old version datasheet]   Low Output, Adjustable, Ultralow-Power, 100-mA Low-Dropout Linear Regulator
logo
National Semiconductor ...
LP2980 NSC-LP2980 Datasheet
423Kb / 18P
   Micropower 50 mA Ultra Low-Dropout Regulator
LP2982 NSC-LP2982 Datasheet
411Kb / 17P
   Micropower 50 mA Ultra Low-Dropout Regulator
logo
Microchip Technology
MIC5200 MICROCHIP-MIC5200 Datasheet
320Kb / 24P
   100 mA Low-Dropout Regulator
06/23/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com