Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL363 Datasheet(PDF) 1 Page - Analog Devices

Part # ADXL363
Description  Micropower 3-Sensor Combination Including Acceleration and Temperature
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL363 Datasheet(HTML) 1 Page - Analog Devices

  ADXL363 Datasheet HTML 1Page - Analog Devices ADXL363 Datasheet HTML 2Page - Analog Devices ADXL363 Datasheet HTML 3Page - Analog Devices ADXL363 Datasheet HTML 4Page - Analog Devices ADXL363 Datasheet HTML 5Page - Analog Devices ADXL363 Datasheet HTML 6Page - Analog Devices ADXL363 Datasheet HTML 7Page - Analog Devices ADXL363 Datasheet HTML 8Page - Analog Devices ADXL363 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
Micropower 3-Sensor Combination
Including Acceleration and Temperature
Data Sheet
ADXL363
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Accelerometer, temperature sensor, and provision for 3rd
analog sensor input
All sensors sampled synchronously
Up to 400 Hz output data rate (ODR)
Samples can be synchronized to external trigger
Ultralow power
1.95 µA at 100 Hz ODR, 2.0 V supply, all sensors on
270 nA at 6 Hz motion activated wake-up mode
10 nA standby current
12-bit resolution for all sensors
Acceleration scale factor down to 1 mg/LSB
Temperature scale factor: 0.065°C/LSB (average)
Built-in features for motion-based system level power savings
Adjustable threshold sleep/wake modes for motion
activation
Autonomous interrupt processing, without need for
microcontroller intervention, to allow the rest of the
system to be turned off completely
Deep embedded FIFO minimizes host processor load
Awake state output enables implementation of
standalone, motion activated switch
Wide supply and I/O voltage ranges: 1.6 V to 3.5 V
Operates off 1.8 V to 3.3 V rails
Power can be derived from coin cell battery
SPI digital interface
Small and thin 3 mm × 3.25 mm × 1.06 mm package
APPLICATIONS
Home healthcare devices
Wireless sensors
Motion enabled metering devices
GENERAL DESCRIPTION
The ADXL363 is an ultralow power, three-sensor combination
consisting of a 3-axis MEMS accelerometer, a temperature sensor,
and an on-board ADC input for synchronous conversion of an
external signal. The entire system consumes less than 2 µA at a
100 Hz output data rate and 270 nA when in motion triggered
wake-up mode.
The ADXL363 communicates via a serial port interface (SPI)
and always provides 12-bit output resolution for all three
sensors.
The ADXL363 accelerometer provides selectable measurement
ranges of ±2 g, ±4 g, and ±8 g, with a resolution of 1 mg/LSB on
the ±2 g range. Unlike accelerometers that use power duty
cycling to achieve low power consumption, the ADXL363 does
not alias input signals by undersampling; it samples the full
bandwidth of the sensor at all data rates.
The ADXL363 temperature sensor operates with a scale factor
of 0.065°C (typical). Acceleration and temperature data can be
stored in a 512-sample multimode FIFO buffer, allowing up to
13 sec of data to be stored.
In addition to the accelerometer and temperature sensor, the
ADXL363 also provides access to an internal ADC for
synchronous conversion of an additional analog input.
The ADXL363 operates on a wide 1.6 V to 3.5 V supply range,
and can interface, if necessary, to a host operating on a separate,
lower supply voltage. The ADXL363 is available in a 3 mm ×
3.25 mm × 1.06 mm package.
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
VDD I/O
3-AXIS
MEMS
SENSOR
ADC_IN
TEMPERATURE
SENSOR
AXIS
DEMODULATORS
ANTIALIASING
FILTERS
ADXL363
12-BIT
ADC
DIGITAL
FIFO
AND
SPI
INT1
INT2
MOSI
MISO
CS
SCLK
VS
GND


Similar Part No. - ADXL363

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL362 AD-ADXL362 Datasheet
904Kb / 40P
   Micropower Three-Axis 짹2g/짹4g/짹8g
Rev. PrB
ADXL362 AD-ADXL362 Datasheet
261Kb / 6P
   Ultralow Power, 3-Axis, Motion Activated Switch
REV. A
ADXL362BCCZ-R2 AD-ADXL362BCCZ-R2 Datasheet
1Mb / 44P
   Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
REV. B
ADXL362BCCZ-RL AD-ADXL362BCCZ-RL Datasheet
1Mb / 44P
   Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
REV. B
ADXL362BCCZ-RL7 AD-ADXL362BCCZ-RL7 Datasheet
1Mb / 44P
   Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
REV. B
More results

Similar Description - ADXL363

ManufacturerPart #DatasheetDescription
logo
HOKURIKU ELECTRIC INDUS...
HAAM-346A HOKURIKU-HAAM-346A Datasheet
122Kb / 2P
   Piezoresisitive 3-Axis Acceleration Sensor
HAAM-346B HOKURIKU-HAAM-346B Datasheet
121Kb / 2P
   Piezoresisitive 3-Axis Acceleration Sensor
logo
Pepperl+Fuchs Inc.
ACY04-F99-2I-V15 PF-ACY04-F99-2I-V15 Datasheet
1Mb / 5P
   Acceleration sensor
ACX04-F99-I-V15 PF-ACX04-F99-I-V15 Datasheet
1Mb / 5P
   Acceleration sensor
logo
HOKURIKU ELECTRIC INDUS...
HAAM-375 HOKURIKU-HAAM-375 Datasheet
130Kb / 2P
   Digital Output Type 3-axis Acceleration Sensor
logo
SignalQuest, Inc.
SQ-ASX SIGNALQUEST-SQ-ASX Datasheet
754Kb / 8P
   ON/OFF SHOCK AND ACCELERATION SENSOR
logo
List of Unclassifed Man...
SENACC-010 ETC2-SENACC-010 Datasheet
150Kb / 3P
   Acceleration Sensor - SENACC
logo
Bosch Sensortec GmbH
BMA455 BOSCH-BMA455 Datasheet
223Kb / 2P
   Intelligent, triaxial acceleration sensor
BMA180 BOSCH-BMA180 Datasheet
194Kb / 2P
   Digital, triaxial acceleration sensor
logo
List of Unclassifed Man...
BMA220 ETC2-BMA220 Datasheet
2Mb / 63P
   Digital, triaxial acceleration sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com