Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC4062C Datasheet(PDF) 9 Page - NEC

Part # UPC4062C
Description  Bipolar Analog Integrated Circuit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC4062C Datasheet(HTML) 9 Page - NEC

Back Button UPC4062C Datasheet HTML 4Page - NEC UPC4062C Datasheet HTML 5Page - NEC UPC4062C Datasheet HTML 6Page - NEC UPC4062C Datasheet HTML 7Page - NEC UPC4062C Datasheet HTML 8Page - NEC UPC4062C Datasheet HTML 9Page - NEC UPC4062C Datasheet HTML 10Page - NEC UPC4062C Datasheet HTML 11Page - NEC UPC4062C Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
µPC832,4062
データ・シート G13980JJ3V0DS00
9
85
1
4
0.42
+0.08
−0.07
0.12 M
1.27
0.78 MAX.
1.49
1.59
±0.21
0.1
±0.1
0.17
+0.08
−0.07
5.2
+0.17
−0.20
0.6
±0.2
1.1
±0.2
4.4
±0.15
6.5 0.3
±
8ピン・プラスチック SOP(225 mil)外形図(単位 : mm)
S8GM-50-225B-5
端子先端形状詳細図
3
°+7°
−3
°
0.10 S
S


Similar Part No. - UPC4062C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC4062C RENESAS-UPC4062C Datasheet
257Kb / 11P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1987
More results

Similar Description - UPC4062C

ManufacturerPart #DatasheetDescription
logo
NEC
UPC37M31 NEC-UPC37M31 Datasheet
86Kb / 11P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1225H NEC-UPC1225H Datasheet
391Kb / 17P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1270H NEC-UPC1270H Datasheet
729Kb / 16P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1883 NEC-UPC1883 Datasheet
229Kb / 4P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
California Eastern Labs
UPC3226TB CEL-UPC3226TB Datasheet
416Kb / 13P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
NEC
UPC1227V NEC-UPC1227V Datasheet
599Kb / 6P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
Renesas Technology Corp
PC1470 RENESAS-PC1470_15 Datasheet
183Kb / 8P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC2753GR RENESAS-UPC2753GR Datasheet
243Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
UPC2756TB RENESAS-UPC2756TB Datasheet
252Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
UPC3223TB RENESAS-UPC3223TB Datasheet
225Kb / 17P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2004
UPC1830 RENESAS-UPC1830 Datasheet
525Kb / 46P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com