Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC4558G25 Datasheet(PDF) 2 Page - NEC

Part # UPC4558G25
Description  Bipolar Analog Integrated Circuit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC4558G25 Datasheet(HTML) 2 Page - NEC

  UPC4558G25 Datasheet HTML 1Page - NEC UPC4558G25 Datasheet HTML 2Page - NEC UPC4558G25 Datasheet HTML 3Page - NEC UPC4558G25 Datasheet HTML 4Page - NEC UPC4558G25 Datasheet HTML 5Page - NEC UPC4558G25 Datasheet HTML 6Page - NEC UPC4558G25 Datasheet HTML 7Page - NEC UPC4558G25 Datasheet HTML 8Page - NEC UPC4558G25 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
µPC258,4558
2
データ・シート G10518JJ9V0DS00
等価回路図(1/2回路)
端子接続図(Top View)
V
II
IN
V
Q5
Q2
Q3
Q8
Q14
Q15
Q4
Q6
Q9
Q11
Q13
Q1
Q10
Q12
R1
R3
R4
R9
R8
R7
R6
C1
R5
R2
D
OUT
Q7
C2
1
2
3
4
8
7
6
5
+ −
2
− +
1
OUT1
II1
IN1
V
V
OUT2
II2
IN2
μPC258C, 258G2
μPC4558C, 4558G2
絶対最大定格(TA =25℃)
項    目
電源電圧
注1
差動入力電圧
入力電圧
注2
出力印加電圧
注3
全損失
出力短絡時間
注6
動作周囲温度
保存温度
略 号
V−V
VID
VI
VO
PT
TA
Tstg
μPC258C
μPC258C(5)
350
注4
単位
V
V
V
V
mW
s
−20∼+80
注1.電源の逆接続は破壊の可能性がありますのでご注意ください。
2.特性劣化や破壊がなく,入力端子に印加可能な入力電圧範囲です。
電源ON/OFF時などの過渡状態も含めて定格を越えないようにご注意ください。
なお,オペアンプとして正常動作する入力電圧は,電気的特性の同相入力電圧範囲内です。
3.特性劣化や破壊がなく,出力端子に外部から印加可能な電圧範囲です。
電源ON/OFF時などの過渡状態も含めて定格を越えないようにご注意ください。
なお,オペアンプとして得られる出力電圧は,電気的特性の最大出力電圧の範囲内です。
4.TA≦+55 ℃での値です。TA>55 ℃では−5.0 mW/℃でディレーティングしてください。
5.TA≦+25 ℃での値です。TA>25 ℃では−4.4 mW/℃でディレーティングしてください。
6.全損失および注4,5のディレーティング以下でご使用ください。
推奨動作条件
項    目
電源電圧
略 号
V±
MIN.
±4
TYP.
MAX.
±16
単位
V
−0.3∼+36
±30
V−0.3∼V+0.3
V−0.3∼V+0.3
無 限 大
−55∼+125
μPC258G2
μPC258G2(5)
440
注5
μPC4558C
μPC4558C(5)
350
注4
−40∼+85
μPC4558G2
μPC4558G2
(5)
440
注5


Similar Part No. - UPC4558G25

ManufacturerPart #DatasheetDescription
logo
NEC
UPC4558G2 NEC-UPC4558G2 Datasheet
309Kb / 10P
   HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIER???
logo
Renesas Technology Corp
UPC4558G2 RENESAS-UPC4558G2 Datasheet
315Kb / 13P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1987
UPC4558G2-A RENESAS-UPC4558G2-A Datasheet
602Kb / 10P
   Low Noise Dual Operational Amplifier
2019.06.13
More results

Similar Description - UPC4558G25

ManufacturerPart #DatasheetDescription
logo
NEC
UPC37M31 NEC-UPC37M31 Datasheet
86Kb / 11P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1225H NEC-UPC1225H Datasheet
391Kb / 17P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1270H NEC-UPC1270H Datasheet
729Kb / 16P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1883 NEC-UPC1883 Datasheet
229Kb / 4P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
California Eastern Labs
UPC3226TB CEL-UPC3226TB Datasheet
416Kb / 13P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
NEC
UPC1227V NEC-UPC1227V Datasheet
599Kb / 6P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
Renesas Technology Corp
PC1470 RENESAS-PC1470_15 Datasheet
183Kb / 8P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC2753GR RENESAS-UPC2753GR Datasheet
243Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
UPC2756TB RENESAS-UPC2756TB Datasheet
252Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
UPC3223TB RENESAS-UPC3223TB Datasheet
225Kb / 17P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2004
UPC1830 RENESAS-UPC1830 Datasheet
525Kb / 46P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com