Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VPX3226E Datasheet(PDF) 9 Page - Micronas

Part # VPX3226E
Description  Video Pixel Decoders
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VPX3226E Datasheet(HTML) 9 Page - Micronas

Back Button VPX3226E Datasheet HTML 5Page - Micronas VPX3226E Datasheet HTML 6Page - Micronas VPX3226E Datasheet HTML 7Page - Micronas VPX3226E Datasheet HTML 8Page - Micronas VPX3226E Datasheet HTML 9Page - Micronas VPX3226E Datasheet HTML 10Page - Micronas VPX3226E Datasheet HTML 11Page - Micronas VPX3226E Datasheet HTML 12Page - Micronas VPX3226E Datasheet HTML 13Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 92 page
background image
ADVANCE INFORMATION
VPX 322xE
MICRONAS INTERMETALL
9
Table 2–1: ADC input range for PAL input signal and corresponding output signal ranges
Signal
Input Level [mVpp]
ADC
Range
YCrCb
Output
Range
–6 dB
0 dB
+
4.5 dB
[steps]
[steps]
CVBS
100% CVBS
667
1333
2238
252
75% CVBS
500
1000
1679
213
video (luma)
350
700
1175
149
224
sync height
150
300
504
64
clamp level
68
16
Chroma
burst
300
64
100% Chroma
890
190
128
$112
75% Chroma
670
143
128
$84
bias level
128
128
255
192
128
0
black
white
217
video = 100 IRE
sync = 41 IRE
68
32
192
128
228
80
32
upper headroom = 38 steps = 1.4 dB = 25 IRE
lower headroom = 4 steps = 0.2 dB
headroom = 56 steps = 2.1 dB
= clamp
level
CVBS/Y
Chroma
Fig. 2–2: ADC ranges for CVBS/Luma and Chroma, PAL input signal


Similar Part No. - VPX3226E

ManufacturerPart #DatasheetDescription
logo
Micronas
VPX3226E MICRONAS-VPX3226E Datasheet
567Kb / 92P
   Video Pixel Decoders
More results

Similar Description - VPX3226E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VPX3220A ETC-VPX3220A Datasheet
752Kb / 80P
   Video Pixel Decoders
logo
Micronas
VPX322XE MICRONAS-VPX322XE Datasheet
567Kb / 92P
   Video Pixel Decoders
logo
List of Unclassifed Man...
VPX3225D ETC-VPX3225D Datasheet
672Kb / 92P
   Video Pixel Decoders
IBM39MPEGCS24 ETC1-IBM39MPEGCS24 Datasheet
69Kb / 4P
   CS24 Digital Audio/Video Decoders
logo
STMicroelectronics
TDA9210 STMICROELECTRONICS-TDA9210 Datasheet
206Kb / 19P
   150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS
logo
Renesas Technology Corp
TW2816 RENESAS-TW2816 Datasheet
2Mb / 65P
   4-Channel Video Decoders for Security Applications
May 19, 2017
logo
Intersil Corporation
TW2960 INTERSIL-TW2960 Datasheet
142Kb / 2P
   4-CH 960H Video Decoders and Audio Codecs
January 18, 2012
logo
Renesas Technology Corp
TW2960 RENESAS-TW2960 Datasheet
3Mb / 147P
   4-CH 960H Video Decoders and Audio Codecs
Sep 6, 2012
logo
Intersil Corporation
TW2964 INTERSIL-TW2964 Datasheet
221Kb / 2P
   4-CH WD1 (960H)/D1 Compatible Video Decoders
logo
Davicom Semiconductor, ...
DM5866 DAVICOM-DM5866 Datasheet
66Kb / 3P
   4-Channel 960H Video Decoders and Audio Codecs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com