Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFS192H Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS192H
Description  VI TELEFILTER Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS192H Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS192H Datasheet HTML 1Page - Vectron International, Inc TFS192H Datasheet HTML 2Page - Vectron International, Inc TFS192H Datasheet HTML 3Page - Vectron International, Inc TFS192H Datasheet HTML 4Page - Vectron International, Inc TFS192H Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Filename: tfs 192h.doc
Version 1.1
04.05.2010
Vectron International
Filter specification
TFS 192H
1/5
Vectron International GmbH & Co. KG
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail:
tft@vectron.com
Vectron International GmbH & Co. KG reserves the right to make changes to the product(s) and/or information contained herein without
notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such
product(s) or information.
Measurement condition
Ambient temperature:
23
°C
Input power level:
0
dBm
Terminating impedance: *
Input:
430 Ω || -7.1 pF
Output:
312 Ω || -9.6 pF
Characteristics
Remark:
The reference level for the relative attenuation arel of the TFS192H is the minimum of the pass band attenuation. This value is defined as the insertion loss
ae. The nominal frequency fN is fixed at 192,0 MHz without any tolerance. The values of relative attenuation arel are guaranteed for the whole operating
temperature range. The frequency shift of the filter in the operating temperature range is included in the production tolerance scheme.
D a t a
typ. value
tolerance / limit
Insertion loss
ae
10
dB
max.
11
dB
(reference level)
Nominal frequency
fN
192,0
MHz
Passband
PB
35
MHz
f
N
±
15
MHz
Pass band ripple
p-p
0,5
dB
max.
1,0
dB
Relative attenuation
arel
f
N
… f
N
±
15
MHz
0,5
dB
max.
1
dB
f
N
±
100
MHz … f
N
±
62
MHz
55
dB
min.
45
dB**
f
N
±
62
MHz … f
N
±
33
MHz
45
dB
min.
35
dB
f
N
±
33
MHz … f
N
±
22
MHz
10
dB
min.
3
dB
Operating temperature range
OTR
- 40 °C ... + 85 °C
Storage temperature range
- 40 °C ... + 85 °C
Temperature coefficient of frequency
TCf ***
-96
ppm/K
-
*) The terminating impedances depend on parasitics and q-values of matching elements and the board used, and are to be understood as reference
values only. Should there be additional questions do not hesitate to ask for an application note or contact our design team.
**) Exceptions for spurious responses possible
***)
∆f(Hz) = TCf(ppm/K) x (T-T0) x fcat(MHz).
Generated:
Checked / Approved:


Similar Part No. - TFS192H

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS192 VECTRON-TFS192 Datasheet
81Kb / 5P
   VI TELEFILTER Filter specification
TFS192A VECTRON-TFS192A Datasheet
84Kb / 5P
   VI TELEFILTER Filter specification
TFS192B VECTRON-TFS192B Datasheet
193Kb / 5P
   VI TELEFILTER Filter specification
TFS192C VECTRON-TFS192C Datasheet
193Kb / 5P
   VI TELEFILTER Filter specification
TFS192F VECTRON-TFS192F Datasheet
194Kb / 5P
   VI TELEFILTER Filter specification
More results

Similar Description - TFS192H

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS1900 VECTRON-TFS1900 Datasheet
178Kb / 5P
   VI TELEFILTER Filter specification
TFS2067A VECTRON-TFS2067A Datasheet
99Kb / 5P
   VI TELEFILTER Filter specification
TFS2100 VECTRON-TFS2100 Datasheet
125Kb / 5P
   VI TELEFILTER Filter specification
TFS192B VECTRON-TFS192B Datasheet
193Kb / 5P
   VI TELEFILTER Filter specification
TFS456AF VECTRON-TFS456AF Datasheet
208Kb / 5P
   VI TELEFILTER Filter specification
TFS1080D VECTRON-TFS1080D Datasheet
85Kb / 5P
   VI TELEFILTER Filter specification
TFS1176A VECTRON-TFS1176A Datasheet
170Kb / 5P
   VI TELEFILTER Filter specification
TFS480B VECTRON-TFS480B Datasheet
147Kb / 5P
   VI TELEFILTER Filter specification
TFS190U VECTRON-TFS190U Datasheet
119Kb / 5P
   VI TELEFILTER Filter specification
TFS1068A VECTRON-TFS1068A Datasheet
183Kb / 5P
   VI TELEFILTER Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com