Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QKT-3225SMD Datasheet(PDF) 1 Page - Kingtronics International Company

Part # QKT-3225SMD
Description  QUARTZ CRYSTAL
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGTRONICS [Kingtronics International Company]
Direct Link  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

QKT-3225SMD Datasheet(HTML) 1 Page - Kingtronics International Company

  QKT-3225SMD Datasheet HTML 1Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
Rugged AT-cut crystal construction: Embossed taping specification
Miniature 3.2×2.5mm ceramic package
Pb-free and RoHS/Green compliant
Designed for automatic mounting and reflow soldering
SPECIFICATIONS
Holder Type
3.2x2.5mm Ceramic Surface Mount
Frequency Range
12MHz to 54MHz
Frequency Tolerance(△F)(at25℃)
±10ppm to ±30ppm
Frequency Drift
±10ppm to ±30ppm※(See Notes)
Operating Temperature Range
-20℃ - +70℃ / -40℃ - +85℃
Storage Temperature Range
-40℃ - +85℃ /-55℃ - +125℃
Aging(25℃)
±3ppm/ year max.
Shunt Capacitance(C0)
3pF max.
Drive Level
10
μw (100μW max.)
Insulation Resistance(Rs)
500 Mega ohms Minimum at D.C100V
Load Capacitance(CL)
Suggested by customer
※Notes:±10,±20,±30ppm (-20℃ to +70℃)
±20,±30,±50ppm (-40℃ to +85℃) or depends on customer
EQUIVALENT SERIES RESISTANCE(ESR) AND MODE OF OPERATION
Frequency Range
ESR(
Ω)
Mode
12.000MHz
≤ f <16.000MHz
100
Ωmax
Fundamental
16.000MHz
≤ f <20.000MHz
80
Ωmax
Fundamental
20.000MHz
≤ f <24.000MHz
60
Ωmax
Fundamental
24.000MHz
≤ f <54.000MHz
40
Ωmax
Fundamental
MECHANICAL DIMENSIONS: Unit: mm
Note: Specifications are subject to change without notice.
Suggested solder pad layout
Note) #2, #4 is connected with a cover
(Please connect with a GND or a power supply)
QKT - 3225SMD
QUARTZ CRYSTAL
FEATURES
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
PICTURE


Similar Part No. - QKT-3225SMD

ManufacturerPart #DatasheetDescription
logo
Kingtronics Internation...
QKT-HC49S KINGTRONICS-QKT-HC49S Datasheet
403Kb / 1P
   QKT HC49S QUARTZ CRYSTAL
QKT-HC49SMD KINGTRONICS-QKT-HC49SMD Datasheet
492Kb / 1P
   QKT - HC49SMD QUARTZ CRYSTAL
QKT-HC49U KINGTRONICS-QKT-HC49U Datasheet
319Kb / 1P
   QKT ??HC49U QUARTZ CRYSTAL
QKT-OSC5032 KINGTRONICS-QKT-OSC5032 Datasheet
215Kb / 1P
   SMD OSCILLATOR
More results

Similar Description - QKT-3225SMD

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
JXE63 JAUCH-JXE63 Datasheet
67Kb / 2P
   Quartz Crystal
JXE115 JAUCH-JXE115 Datasheet
65Kb / 2P
   Quartz Crystal
SM26F JAUCH-SM26F Datasheet
79Kb / 1P
   Quartz Crystal
HC49-U-SMC JAUCH-HC49-U-SMC Datasheet
151Kb / 2P
   Quartz Crystal
logo
List of Unclassifed Man...
HC-49US ETC1-HC-49US Datasheet
216Kb / 1P
   QUARTZ CRYSTAL
logo
Jauch Quartz Gmbh
SMQ32 JAUCH-SMQ32 Datasheet
108Kb / 2P
   Quartz Crystal
logo
ECS, Inc.
CSM-3X ECS-CSM-3X Datasheet
601Kb / 2P
   Quartz Crystal
HC-49U ECS-HC-49U Datasheet
157Kb / 1P
   QUARTZ CRYSTAL
HC-49US ECS-HC-49US Datasheet
216Kb / 1P
   QUARTZ CRYSTAL
logo
IQD Frequency Products ...
LFXTAL032878 IQD-LFXTAL032878 Datasheet
268Kb / 1P
   Quartz Crystal
LFXTAL057623 IQD-LFXTAL057623 Datasheet
144Kb / 1P
   Quartz Crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com