Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS56C215RNNR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS56C215RNNR
Description  4.5-V to 17-V Input , 12-A Synchronous Step-Down SWIFT Converter
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS56C215RNNR Datasheet(HTML) 3 Page - Texas Instruments

  TPS56C215RNNR Datasheet HTML 1Page - Texas Instruments TPS56C215RNNR Datasheet HTML 2Page - Texas Instruments TPS56C215RNNR Datasheet HTML 3Page - Texas Instruments TPS56C215RNNR Datasheet HTML 4Page - Texas Instruments TPS56C215RNNR Datasheet HTML 5Page - Texas Instruments TPS56C215RNNR Datasheet HTML 6Page - Texas Instruments TPS56C215RNNR Datasheet HTML 7Page - Texas Instruments TPS56C215RNNR Datasheet HTML 8Page - Texas Instruments TPS56C215RNNR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
1 BOOT
2 VIN
3 PGND
4 PGND
5 PGND
AGND 12
VIN 11
PGND 10
PGND 9
PGND 8
BOTTOM VIEW
TOP VIEW
BOOT 1
VIN 2
PGND 3
PGND 4
PGND 5
12 AGND
11 VIN
10 PGND
9 PGND
8 PGND
7
6
SW
7
6
SW
3
TPS56C215
www.ti.com
SLVSD05A – MARCH 2016 – REVISED MARCH 2016
Product Folder Links: TPS56C215
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
RNN Package
18-Pin VQFN
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
BOOT
1
I
Supply input for the gate drive voltage of the high-side MOSFET. Connect a 0.1uF ceramic capacitor
between BOOT and SW.
VIN
2,11
P
Input voltage supply pin
PGND
3, 4, 5,
8, 9, 10
G
GND terminal for the controller circuit and the internal circuitry
SW
6, 7
O
Switch node
AGND
12
G
Ground of internal analog circuitry. Connect GND to PGND plane with a short trace.
FB
13
I
Converter feedback input. Connect to output voltage with resistor divider
SS
14
O
Connecting an external capacitor sets the SS time. If no external capacitor is connected the startup is with a
default of 1 ms
EN
15
I
Enable input control, floats high.
PGOOD
16
O
Open Drain Power Good Indicator, becomes low if output voltage is low due to thermal shutdown, OV, EN
shutdown or during SS.
VREG5
17
I/O
4.7-V LDO output that supplies internal circuitry and gate driver. Bypass it with a 4.7-µF capacitor. Can also
be driven externally with a 5V input
MODE
18
I
Connect this pin to a resistor divider between VREG5 and GND for different options


Similar Part No. - TPS56C215RNNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS56C20 TI1-TPS56C20 Datasheet
1Mb / 44P
[Old version datasheet]   Synchronous Step-Down Voltage Regulator with Voltage Scaling
TPS56C20PWP TI1-TPS56C20PWP Datasheet
1Mb / 44P
[Old version datasheet]   Synchronous Step-Down Voltage Regulator with Voltage Scaling
TPS56C20PWPR TI1-TPS56C20PWPR Datasheet
1Mb / 44P
[Old version datasheet]   Synchronous Step-Down Voltage Regulator with Voltage Scaling
TPS56C230 TI1-TPS56C230 Datasheet
1Mb / 29P
[Old version datasheet]   4.5-V to 18-V, 12-A synchronous step-down voltage regul
TPS56C230 TI1-TPS56C230 Datasheet
1Mb / 31P
[Old version datasheet]   TPS56C230 4.5-V to 18-V, 12-A Synchronous Step-Down Converter
More results

Similar Description - TPS56C215RNNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS568215 TI1-TPS568215 Datasheet
461Kb / 10P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
TPS568215OA TI1-TPS568215OA Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT Converter
TPS54A24 TI1-TPS54A24 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 17-V Input, 10-A Synchronous SWIFT Step-Down Converter
TPS54620 TI-TPS54620_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS54620 4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT??Converter
TPS54320 TI-TPS54320_15 Datasheet
1Mb / 42P
[Old version datasheet]   TPS54320 4.5- to 17-V Input, 3-A Synchronous Step Down SWIFT??Converter
TPS54824 TI1-TPS54824 Datasheet
2Mb / 38P
[Old version datasheet]   4.5-V to 17-V Input, Current Mode, 8-A Synchronous SWIFT Step-Down Converter
TPS54821 TI1-TPS54821 Datasheet
1Mb / 37P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
TPS54622 TI1-TPS54622_17 Datasheet
1Mb / 42P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step-Down SWIFT Converter With Hiccup Protection
TPS54821 TI1-TPS54821_16 Datasheet
1Mb / 42P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com