Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT72L13IQ Datasheet(PDF) 1 Page - Exar Corporation

Part # XRT72L13IQ
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
Download  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13IQ Datasheet(HTML) 1 Page - Exar Corporation

  XRT72L13IQ Datasheet HTML 1Page - Exar Corporation XRT72L13IQ Datasheet HTML 2Page - Exar Corporation XRT72L13IQ Datasheet HTML 3Page - Exar Corporation XRT72L13IQ Datasheet HTML 4Page - Exar Corporation XRT72L13IQ Datasheet HTML 5Page - Exar Corporation XRT72L13IQ Datasheet HTML 6Page - Exar Corporation XRT72L13IQ Datasheet HTML 7Page - Exar Corporation XRT72L13IQ Datasheet HTML 8Page - Exar Corporation XRT72L13IQ Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 370 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 (510) 668-7000 FAX (510) 668-7017 www.exar.com
áç
áç
áç
áç
PRELIMINARY
XRT72L13
M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
APRIL 2001
REV. P1.0.6
GENERAL DESCRIPTION
The XRT72L13 is a fully integrated, low power, Multi-
plexer/Framer IC which performs Multiplexing/De-
mutiplexing of 28 DS1or 21 E1 signals into/from a
DS3 signal with either M13 or C-bit parity frame for-
mat, performs Clear Channel DS3 Framing, and sup-
ports High speed HDLC/LAPD data linking.
The XRT72L13 also contains M12 and M23 bit-inter-
leaving multiplexing/demultiplexing functions with
necessary stuffing and destuffing control. Seven in-
ternal DS2/G.747 framers are included to support
Mux/Demux purposes.
The XRT72L13 contains an integral DS3 Framer
which provides Clear Channel DS3 Framing and Er-
ror Accumulation in accordance with ANSI/ITU-T
specifications.
The XRT72L13 provides the intelligent functions of
DS3/DS2 mode control, signaling control, error and
alarm reporting and handles the HDLC/LAPD data
link through internal registers accessible via an 8-bit
parallel, memory mapped, µProcessor interface.
FEATURES
• A fully integrated device that supports:
Multiplexing/Demultiplexing Mode
Clear Channel DS3 Framer Mode
High Speed HDLC Controller Mode
• Supports Multiple Loop-back modes
• Smooths gapped clock signals
• Supports Intel or Motorola PIO µP interfaces
• Available in a 208 pin PQFP package
• Single 3.3V Power Supply
• 5V Tolerant I/O
• Operates over the Industrial Temperature Range
APPLICATIONS
• M13 Multiplexer/Demuliplexer Applications.
• Frame Relay Systems
• Digital Access and Cross Connect Systems
• Local Digital Switch
• Add/Drop Multiplexers
• DS3 Data/Channel Service Units.
• Test Equipment
FIGURE 1. BLOCK DIAGRAM OF THE XRT72L13 MULTIPLEXER/FRAMER
TxHDLC
Controller
TxHDLC
Controller
RxDS1[0:27]
RxClk[0:27]
M23
DEMUX
M23
DEMUX
M23
MUX
M23
MUX
M12
MUX
M12
MUX
Clear Channel
DS3 Framer
Clear Channel
DS3 Framer
32/64 Bit
De-Jitter
FIFO
RxHDLC
Controller
RxHDLC
Controller
RxHdlc[0:7]
RxHDLCClk
RxIdle
Valid-FCS
TxDS1[0:27]
TxClk[0:27]
TxHDLC[0:7]
TxHDLCClk
Send_FCS
Microprocessor
Interface
Microprocessor
Interface
TxPOS
TxNEG
TxLine Clk
RxPOS
RxNEG
RxLine Clk
DS2 or G.747
Data Streams
M12
DEMUX


Similar Part No. - XRT72L13IQ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT72L50 EXAR-XRT72L50 Datasheet
2Mb / 471P
   SINGLE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L50IQ EXAR-XRT72L50IQ Datasheet
2Mb / 471P
   SINGLE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L52 EXAR-XRT72L52 Datasheet
2Mb / 480P
   TWO CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L52IQ EXAR-XRT72L52IQ Datasheet
6Mb / 480P
   TWO CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
XRT72L53 EXAR-XRT72L53 Datasheet
5Mb / 467P
   THREE CHANNEL DS3/E3 FRAMER IC WITH HDLC CONTROLLER
More results

Similar Description - XRT72L13IQ

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TE3-MUX INFINEON-TE3-MUX Datasheet
2Mb / 211P
   TE3-MUX M13 Multiplexer and DS3 Framer
June 2001 V2.1
logo
Exar Corporation
XRT72L71 EXAR-XRT72L71 Datasheet
1Mb / 102P
   DS3 ATM UNI/CLEAR CHANNEL FRAMER
XRT79L71 EXAR-XRT79L71_1 Datasheet
5Mb / 434P
   1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC -
XRT7250 EXAR-XRT7250 Datasheet
5Mb / 463P
   DS3/E3 FRAMER IC
XRT79L71 EXAR-XRT79L71_07 Datasheet
1Mb / 109P
   1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
logo
Infineon Technologies A...
PEB3456E INFINEON-PEB3456E Datasheet
5Mb / 424P
   Channelized T3 Termination with DS3 Framer, M13 Multiplexer, T1/ E1 Framers and 256 Channel HDLC/PPP controller
Version 2.1 May 2001
logo
PMC-Sierra, Inc
PM8313D3MX PMC-PM8313D3MX Datasheet
582Kb / 192P
   M13 MULTIPLEXER
PM4328 PMC-PM4328 Datasheet
50Kb / 4P
   High Density T1/E1 Framer with Integrated M13 Multiplexer
PM4328-1 PMC-PM4328-1 Datasheet
47Kb / 2P
   High Density T1/E1 Framer with Integrated M13 Multiplexer
PM4328 PMC-PM4328 Datasheet
1Mb / 250P
   HIGH DENSITY T1/E1 FRAMER WITH INTEGRATED M13 MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com