Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS715A01DRBR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS715A01DRBR
Description  24-V High Input Voltage, Micropower, 80-mA LDO Voltage Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS715A01DRBR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS715A01DRBR Datasheet HTML 6Page - Texas Instruments TPS715A01DRBR Datasheet HTML 7Page - Texas Instruments TPS715A01DRBR Datasheet HTML 8Page - Texas Instruments TPS715A01DRBR Datasheet HTML 9Page - Texas Instruments TPS715A01DRBR Datasheet HTML 10Page - Texas Instruments TPS715A01DRBR Datasheet HTML 11Page - Texas Instruments TPS715A01DRBR Datasheet HTML 12Page - Texas Instruments TPS715A01DRBR Datasheet HTML 13Page - Texas Instruments TPS715A01DRBR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
TPS715A33
IN
OUT
V
IN
V
OUT
C1
0.1 mF
0.47 mF
GND
10
TPS715A
SBVS047H – MAY 2004 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TPS715A
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The TPS715A family of LDO regulators is optimized for ultralow-power applications such as the MSP430
microcontroller. The ultralow-supply current of the TPS715A device maximizes efficiency at light loads, and its
high input voltage range makes the device suitable for supplies such as unconditioned solar panels.
8.2 Typical Applications
8.2.1 Typical Application (Fixed-Voltage Version)
Figure 16. Typical Application Circuit (Fixed-Voltage Version)
8.2.1.1 Design Requirements
8.2.1.1.1
Power the MSP430 Microcontroller
Several versions of the TPS715A are ideal for powering the MSP430 microcontroller. Table 2 shows potential
applications of some voltage versions.
Table 2. Typical MSP430 Applications
DEVICE
VOUT (TYP)
APPLICATION
TPS715A19
1.9 V
VOUT(min) > 1.8 V required by many MSP430s. Allows lowest power consumption operation.
TPS715A23
2.3 V
VOUT(min) > 2.2 V required by some MSP430s flash operation.
TPS715A30
3 V
VOUT(min) > 2.7 V required by some MSP430s flash operation.
TPS715A345
3.45 V
VOUT(max) < 3.6 V required by some MSP430s. Allows highest speed operation.
The TPS715A family of devices offers many output voltage versions to allow the supply voltage to be optimized
for the MSP430, thereby minimizing the supply current consumed by the MSP430.
8.2.1.2 Detailed Design Procedure
8.2.1.2.1
External Capacitor Requirements
Although not required, a 0.047-
μF or larger input bypass capacitor, connected between IN and GND and located
close to the device, is recommended to improve transient response and noise rejection of the power supply as a
whole. A higher-value input capacitor may be necessary if large, fast-rise-time load transients are anticipated and
the device is located several inches from the power source.
The TPS715A device requires an output capacitor connected between OUT and GND to stabilize the internal
control loop. Any capacitor (including ceramic and tantalum) greater than or equal to 0.47
μF properly stabilizes
this loop. The X7R- or X5R-type capacitors are recommended because these capacitors have a wider
temperature specification and lower temperature coefficient, but other types of capacitors can be used.


Similar Part No. - TPS715A01DRBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS715A01DRBR TI1-TPS715A01DRBR Datasheet
820Kb / 20P
[Old version datasheet]   HIGH INPUT VOLTAGE, MICROPOWER SON PACKAGED, 80mA LDO LINEAR REGULATORS
TPS715A01DRBR TI-TPS715A01DRBR Datasheet
920Kb / 20P
[Old version datasheet]   HIGH INPUT VOLTAGE, MICROPOWER SON PACKAGED, 80mA
TPS715A01DRBR TI1-TPS715A01DRBR Datasheet
6Mb / 39P
[Old version datasheet]   TPS715A 80-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED NOVEMBER 2023
TPS715A01DRBRG4 TI1-TPS715A01DRBRG4 Datasheet
820Kb / 20P
[Old version datasheet]   HIGH INPUT VOLTAGE, MICROPOWER SON PACKAGED, 80mA LDO LINEAR REGULATORS
TPS715A01DRBRG4 TI-TPS715A01DRBRG4 Datasheet
920Kb / 20P
[Old version datasheet]   HIGH INPUT VOLTAGE, MICROPOWER SON PACKAGED, 80mA
More results

Similar Description - TPS715A01DRBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS715A-NM TI1-TPS715A-NM Datasheet
466Kb / 20P
[Old version datasheet]   24-V High Input Voltage, Micropower, 80-mA LDO Voltage Regulator
TPS715A TI-TPS715A_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS715A, 24-V High Input Voltage, Micropower, 80-mA LDO Voltage Regulator
TPS715A01 TI-TPS715A01 Datasheet
285Kb / 11P
[Old version datasheet]   HIGH INPUT VOLTAGE, MICROPOWER SON PACKAGED 80-mA LDO LINEAR REGULATORS
logo
List of Unclassifed Man...
MAS9162 ETC1-MAS9162 Datasheet
89Kb / 8P
   80 mA LDO VOLTAGE REGULATOR IC
logo
RICOH electronics devic...
R1155 RICOH-R1155 Datasheet
563Kb / 26P
   150 mA 24 V Input High Voltage Regulator
logo
Nisshinbo Micro Devices...
R1155X NISSHINBO-R1155X Datasheet
1Mb / 30P
   150 mA 24 V Input High Voltage Regulator
logo
Microchip Technology
MCP1799 MICROCHIP-MCP1799 Datasheet
1Mb / 25P
   80 mA High-Voltage Automotive LDO
05/14/19
logo
STMicroelectronics
ST715XX STMICROELECTRONICS-ST715XX Datasheet
382Kb / 19P
   High input voltage - 85 mA LDO linear regulator
ST715 STMICROELECTRONICS-ST715_V01 Datasheet
604Kb / 24P
   High input voltage, 85 mA LDO linear regulator
October 2020 Rev 15
LDK715 STMICROELECTRONICS-LDK715 Datasheet
542Kb / 18P
   High input voltage 85 mA LDO linear regulator
July 2014 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com