Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS72030QDRVRQ1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS72030QDRVRQ1
Description  RF Low-Dropout Linear Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS72030QDRVRQ1 Datasheet(HTML) 5 Page - Texas Instruments

  TPS72030QDRVRQ1 Datasheet HTML 1Page - Texas Instruments TPS72030QDRVRQ1 Datasheet HTML 2Page - Texas Instruments TPS72030QDRVRQ1 Datasheet HTML 3Page - Texas Instruments TPS72030QDRVRQ1 Datasheet HTML 4Page - Texas Instruments TPS72030QDRVRQ1 Datasheet HTML 5Page - Texas Instruments TPS72030QDRVRQ1 Datasheet HTML 6Page - Texas Instruments TPS72030QDRVRQ1 Datasheet HTML 7Page - Texas Instruments TPS72030QDRVRQ1 Datasheet HTML 8Page - Texas Instruments TPS72030QDRVRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5
TPS720-Q1
www.ti.com
SBVS278 – FEBRUARY 2016
Product Folder Links: TPS720-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Performance specifications are ensured to a minimum VIN = VOUT + 0.5 V.
(2)
Whichever is less.
(3)
Minimum VBIAS = (VOUT + 1.4 V) or 2.6 V (whichever is greater) and VIN= VOUT + 0.5 V.
(4)
VO nominal value is factory programmable through the onchip EEPROM.
(5)
Measured for devices with VOUT(NOM) ≥ 1.2 V.
(6)
VBIAS – VOUT with VOUT = VOUT(NOM) – 0.1 V. Measured for devices with VOUT(NOM) ≥ 1.8 V.
6.5 Electrical Characteristics
over operating temperature range (TJ = –40°C to +125°C), VBIAS = (VOUT + 1.4 V ) or 2.6 V (whichever is greater), VIN ≥ VOUT
+ 0.5 V, IOUT = 1 mA, VEN = 1.1 V, and COUT = 2.2 μF (unless otherwise noted); typical values are at TJ = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage
1.1(1)
VBIAS or 4.5
(2)
V
VBIAS
Bias voltage
2.6
5.5
V
VOUT
(3)
Output voltage(4)
0.9
3
V
Output
accuracy
Over VBIAS, VIN, IOUT,
TJ = –40°C to +125°C
VOUT + 1.4 V ≤ VBIAS ≤ 5.5 V,
VOUT + 0.5 V ≤ VIN ≤ 4.5 V,
0 mA
≤ IOUT ≤ 350 mA
–2%
2%
Over VBIAS, VIN, IOUT,
TJ = –40°C to +125°C
VOUT + 1.4 V ≤ VBIAS ≤ 5.5 V,
VOUT + 0.5 V ≤ VIN ≤ 4.5 V,
0 mA
≤ IOUT ≤ 350 mA, VOUT < 1.2 V
–25
25
mV
VIN floating
VOUT + 1.4 V ≤ VBIAS ≤ 5.5 V,
0
μA ≤ IOUT ≤ 500 μA
±1%
ΔVOUT/ΔVIN
VIN line regulation
VIN = (VOUT + 0.5 V) to 4.5 V, IOUT = 1 mA
16
μV/V
ΔVOUT/ΔVBIAS VBIAS line regulation
VBIAS = (VOUT + 1.4 V) or 2.6 V (whichever is
greater) to 5.5 V, IOUT = 1 mA
16
μV/V
VIN line transient
ΔVIN = 400 mV, tRISE = tFALL = 1 μs
±200
μV
VBIAS line transient
ΔVBIAS = 600 mV, tRISE = tFALL = 1 μs
±0.8
mV
ΔVOUT/ΔIOUT
Load regulation
0 mA
≤ IOUT ≤ 350 mA (no load to full load)
–15
μV/mA
Load transient
0 mA
≤ IOUT ≤ 350 mA, tRISE = tFALL = 1 μs
±15
mV
VDO_IN
VIN dropout voltage
(5)
VIN = VOUT(NOM) – 0.1 V,
(VBIAS – VOUT(NOM)) = 1.4 V,
IOUT = 350 mA
110
200
mV
VDO_BIAS
VBIAS dropout voltage
(6)
VIN = VOUT(NOM) + 0.3 V, IOUT = 350 mA
1.09
1.4
V
ICL
Output current limit
VOUT = 0.9 × VOUT(NOM)
420
600
800
mA
IGND
Ground pin current
IOUT = 100 μA
38
μA
IOUT = 0 mA to 350 mA
54
80
ISHDN
Shutdown current (IGND)
VEN ≤ 0.4 V
0.5
2.5
μA
PSRR
VIN power-supply rejection ratio
VIN – VOUT ≥ 0.5 V,
VBIAS = VOUT + 1.4 V,
IOUT = 350 mA
f = 10 Hz
85
dB
f = 100 Hz
85
f = 1 kHz
85
f = 10 kHz
80
f = 100 kHz
70
f = 1 MHz
50
PSRR
VBIAS power-supply rejection ratio
VIN – VOUT ≥ 0.5 V,
VBIAS = VOUT + 1.4 V,
IOUT = 350 mA
f = 10 Hz
80
dB
f = 100 Hz
80
f = 1 kHz
75
f = 10 kHz
65
f = 100 kHz
55
f = 1 MHz
35
VN
Output noise voltage
BW = 10 Hz to 100 kHz, VBIAS ≥ 2.6 V,
VIN = VOUT + 0.5 V
48
μVRMS
IVIN_INRUSH
Inrush current on VIN
VBIAS = (VOUT +1.4 V) or 2.6 V (whichever is
greater), VIN = VOUT + 0.5 V
100 + ILOAD
mA
VEN(HI)
Enable pin high (enabled)
1.1
V
VEN(LO)
Enable pin low (disabled)
0
0.4
V


Similar Part No. - TPS72030QDRVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS720 TI-TPS720 Datasheet
552Kb / 19P
[Old version datasheet]   350mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator with Bias Pin
TPS720 TI1-TPS720 Datasheet
1Mb / 33P
[Old version datasheet]   350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
TPS720 TI1-TPS720 Datasheet
983Kb / 28P
[Old version datasheet]   350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
TPS720-Q1 TI1-TPS720-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
TPS720-Q1 TI1-TPS720-Q1 Datasheet
983Kb / 28P
[Old version datasheet]   350 mA, Ultra-Low VIN, RF Low-Dropout Linear Regulator With Bias Pin
More results

Similar Description - TPS72030QDRVRQ1

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
AMS1117 HMSEMI-AMS1117 Datasheet
675Kb / 10P
   low-dropout linear regulator.
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_V01 Datasheet
527Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
logo
Texas Instruments
TPS71525-DIE TI1-TPS71525-DIE Datasheet
62Kb / 4P
[Old version datasheet]   LOW-DROPOUT LINEAR REGULATOR
logo
Ceramate Technical
CP1117 CERAMATE-CP1117 Datasheet
444Kb / 12P
   Low Dropout Linear Regulator
logo
Diodes Incorporated
AZ1117C DIODES-AZ1117C Datasheet
839Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
AZ2117 DIODES-AZ2117 Datasheet
355Kb / 9P
   LOW DROPOUT LINEAR REGULATOR
July 2017
logo
ON Semiconductor
NCV8674 ONSEMI-NCV8674_11 Datasheet
157Kb / 11P
   Low Dropout Linear Regulator
October, 2011 ??Rev. 3
logo
DONGGUAN YOU FENG WEI E...
AMS1117-X.X YFWDIODE-AMS1117-X.X Datasheet
820Kb / 4P
   Low Dropout Linear Regulator
logo
Guangdong Kexin Industr...
KS1117 KEXIN-KS1117 Datasheet
1,018Kb / 3P
   Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC2951 AIC-AIC2951 Datasheet
153Kb / 10P
   Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com