Electronic Components Datasheet Search |
|
TPS22960DCNR Datasheet(PDF) 3 Page - Texas Instruments |
|
|
TPS22960DCNR Datasheet(HTML) 3 Page - Texas Instruments |
3 / 28 page 8 1 6 3 7 2 V IN1 ON2 ON1 V IN2 5 4 V OUT1 GND SR V OUT2 V IN2 V OUT1 V IN1 ON1 SR ON2 GND V OUT2 7 1 6 2 8 5 3 4 3 TPS22960 www.ti.com SLVS914D – APRIL 2009 – REVISED FEBRUARY 2016 Product Folder Links: TPS22960 Submit Documentation Feedback Copyright © 2009–2016, Texas Instruments Incorporated 5 Pin Configuration and Functions DCN PACKAGE 8-PIN SOT TOP VIEW RSE PACKAGE 8-PIN UQFN TOP VIEW Pin Functions PIN I/O DESCRIPTION NAME SOT UQFN VIN1 1 1 I Switch 1 input; bypass this input with a ceramic capacitor to GND ON1 2 2 I Switch 1 control input, active high. Do not leave floating. ON2 3 7 I Switch 2 control input, active high. Do not leave floating. VIN2 4 8 I Switch 2 input; bypass this input with a ceramic capacitor to GND VOUT2 5 5 O Switch 2 output GND 6 6 — Ground SR 7 3 I Slew rate control pin. SR = GND translates into a 75- μs rise time; SR = high translates into a 660- μs rise time VOUT1 8 4 O Switch 1 output (1) Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. 6 Specifications 6.1 Absolute Maximum Ratings (see (1)) MIN MAX UNIT VIN Input voltage –0.3 6 V VOUT Output voltage VIN + 0.3 V VON Input voltage –0.3 6 V IMAX Maximum continuous switch current 0.5 A TA Operating free-air temperature –40 85 °C TJ Maximum junction temperature 125 °C Tstg Storage temperature –65 150 °C (1) JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. (2) JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. 6.2 ESD Ratings VALUE UNIT V(ESD) Electrostatic discharge Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1) 2000 V Charged-device model (CDM), per JEDEC specification JESD22- C101(2) 1000 |
Similar Part No. - TPS22960DCNR |
|
Similar Description - TPS22960DCNR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |