Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22968NQDMGTQ1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22968NQDMGTQ1
Description  5.5-V, 4-A, 27Ohm On-Resistance Load Switch
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22968NQDMGTQ1 Datasheet(HTML) 2 Page - Texas Instruments

  TPS22968NQDMGTQ1 Datasheet HTML 1Page - Texas Instruments TPS22968NQDMGTQ1 Datasheet HTML 2Page - Texas Instruments TPS22968NQDMGTQ1 Datasheet HTML 3Page - Texas Instruments TPS22968NQDMGTQ1 Datasheet HTML 4Page - Texas Instruments TPS22968NQDMGTQ1 Datasheet HTML 5Page - Texas Instruments TPS22968NQDMGTQ1 Datasheet HTML 6Page - Texas Instruments TPS22968NQDMGTQ1 Datasheet HTML 7Page - Texas Instruments TPS22968NQDMGTQ1 Datasheet HTML 8Page - Texas Instruments TPS22968NQDMGTQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
2
TPS22968-Q1
SLVSCP7B – NOVEMBER 2014 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TPS22968-Q1
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 3
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 4
7.1
Absolute Maximum Ratings ...................................... 4
7.2
ESD Ratings.............................................................. 4
7.3
Recommended Operating Conditions ....................... 4
7.4
Thermal Information .................................................. 4
7.5
Electrical Characteristics (VBIAS = 5 V) ..................... 5
7.6
Electrical Characteristics (VBIAS = 3.3 V) .................. 6
7.7
Electrical Characteristics (VBIAS = 2.5 V) .................. 7
7.8
Switching Characteristics .......................................... 8
7.9
Typical Characteristics .............................................. 9
8
Parameter Measurement Information ................ 14
9
Detailed Description ............................................ 15
9.1
Overview ................................................................. 15
9.2
Functional Block Diagram ....................................... 15
9.3
Feature Description................................................. 16
9.4
Device Functional Modes........................................ 16
10
Application and Implementation........................ 17
10.1
Application Information.......................................... 17
10.2
Typical Application ................................................ 20
11
Power Supply Recommendations ..................... 22
12
Layout................................................................... 22
12.1
Layout Guidelines ................................................. 22
12.2
Layout Example .................................................... 23
12.3
Thermal Considerations ........................................ 24
13
Device and Documentation Support ................. 25
13.1
Device Support...................................................... 25
13.2
Documentation Support ....................................... 25
13.3
Community Resources.......................................... 25
13.4
Trademarks ........................................................... 25
13.5
Electrostatic Discharge Caution ............................ 25
13.6
Glossary ................................................................ 25
14
Mechanical, Packaging, and Orderable
Information ........................................................... 25
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (February 2015) to Revision B
Page
Added new Device TPS22968N-Q1 ...................................................................................................................................... 1
Changes from Original (November 2014) to Revision A
Page
Changed device status fromProduct Preview to Production Data ........................................................................................ 1


Similar Part No. - TPS22968NQDMGTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22968NDPUR TI1-TPS22968NDPUR Datasheet
1Mb / 33P
[Old version datasheet]   Dual Channel, Ultra-Low Resistance Load Switch
TPS22968NDPUT TI1-TPS22968NDPUT Datasheet
1Mb / 33P
[Old version datasheet]   Dual Channel, Ultra-Low Resistance Load Switch
More results

Similar Description - TPS22968NQDMGTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22998 TI-TPS22998 Datasheet
1Mb / 21P
[Old version datasheet]   TPS22998 5.5-V, 10-A, 4-m廓 On-Resistance Load Switch
OCTOBER 2021
TPS22998 TI-TPS22998_V01 Datasheet
1Mb / 22P
[Old version datasheet]   TPS22998 5.5-V, 10-A, 4-m廓 On-Resistance Load Switch
DECEMBER 2021
TPS22914B TI1-TPS22914B Datasheet
1Mb / 26P
[Old version datasheet]   5.5-V, 2-A, 37m(ohm) On-Resistance Load Switch
TPS22996 TI1-TPS22996 Datasheet
1Mb / 29P
[Old version datasheet]   TPS22996 5.5-V, 4-A, 14-mΩ On-Resistance Dual-Channel Load Switch
DECEMBER 2023
TPS22990 TI1-TPS22990 Datasheet
4Mb / 34P
[Old version datasheet]   5.5-V, 10-A, 3.9-m廓 On-Resistance Load Switch
TPS22959 TI1-TPS22959 Datasheet
7Mb / 29P
[Old version datasheet]   5.5-V, 15-A, 4.4-m(ohm) On-Resistance Load Switch
TPS22962 TI1-TPS22962 Datasheet
7Mb / 29P
[Old version datasheet]   5.5-V, 10-A, 4.4-m(ohm) On-Resistance Load Switch
TPS22918 TI1-TPS22918_16 Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22969 TI1-TPS22969 Datasheet
1Mb / 29P
[Old version datasheet]   5.5-V, 6-A, 4.4-m廓 On-Resistance Load Switch
TPS22918-Q1 TI1-TPS22918-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com