Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54427DRCT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54427DRCT
Description  4.5-V to 18-V Input, 4-A Output Single Synchronous Step-Down Switcher
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54427DRCT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS54427DRCT Datasheet HTML 6Page - Texas Instruments TPS54427DRCT Datasheet HTML 7Page - Texas Instruments TPS54427DRCT Datasheet HTML 8Page - Texas Instruments TPS54427DRCT Datasheet HTML 9Page - Texas Instruments TPS54427DRCT Datasheet HTML 10Page - Texas Instruments TPS54427DRCT Datasheet HTML 11Page - Texas Instruments TPS54427DRCT Datasheet HTML 12Page - Texas Instruments TPS54427DRCT Datasheet HTML 13Page - Texas Instruments TPS54427DRCT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
10
TPS54427
SLVSB43C – NOVEMBER 2011 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: TPS54427
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
7.4 Device Functional Modes
7.4.1 Normal Operation
When the input voltage is above the UVLO threshold and the EN voltage is above the enable threshold, the
TPS54427 operates in normal switching mode. Normal continuous conduction mode(CCM) occurs when the
minimum switch current is above 0 A. In CM the TPS54427 operates at a quasi-fixed frequency of 650 kHz.
7.4.2 Forced CCM Operation
When the TPS54427 is in normal CCM operating mode and switch current falls below 0 A, the device begins
operating in forced CCM.


Similar Part No. - TPS54427DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54427DDA TI1-TPS54427DDA Datasheet
964Kb / 21P
[Old version datasheet]   4.5V to 18 V Input, 4-A Output Single Synchronous Step-Down Switcher with Integrated FET (SWIFT??
TPS54427DDAR TI1-TPS54427DDAR Datasheet
964Kb / 21P
[Old version datasheet]   4.5V to 18 V Input, 4-A Output Single Synchronous Step-Down Switcher with Integrated FET (SWIFT??
More results

Similar Description - TPS54427DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS566235 TI1-TPS566235 Datasheet
1Mb / 27P
[Old version datasheet]   4.5-V to 18-V input, 6-A synchronous step-down converter
TPS566235 TI1-TPS566235_19 Datasheet
1Mb / 28P
[Old version datasheet]   4.5-V to 18-V input, 6-A synchronous step-down converter
TPS54325 TI-TPS54325_10 Datasheet
970Kb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54325 TI-TPS54325 Datasheet
1Mb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54325-Q1 TI-TPS54325-Q1_15 Datasheet
656Kb / 21P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS54325 TI-TPS54325_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS54325 4.5-V to 18-V, 3-A Output Synchronous Step Down Switcher with Integrated FET
TPS54325-Q1 TI1-TPS54325-Q1 Datasheet
669Kb / 18P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS53511 TI-TPS53511_15 Datasheet
940Kb / 24P
[Old version datasheet]   4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
TPS53511 TI1-TPS53511_17 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
TPS53511 TI-TPS53511 Datasheet
916Kb / 21P
[Old version datasheet]   4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com