Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54821RHLR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54821RHLR
Description  4.5 V to 17 V Input, 8 A Synchronous Step Down Converter
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54821RHLR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS54821RHLR Datasheet HTML 3Page - Texas Instruments TPS54821RHLR Datasheet HTML 4Page - Texas Instruments TPS54821RHLR Datasheet HTML 5Page - Texas Instruments TPS54821RHLR Datasheet HTML 6Page - Texas Instruments TPS54821RHLR Datasheet HTML 7Page - Texas Instruments TPS54821RHLR Datasheet HTML 8Page - Texas Instruments TPS54821RHLR Datasheet HTML 9Page - Texas Instruments TPS54821RHLR Datasheet HTML 10Page - Texas Instruments TPS54821RHLR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
1.2
1.205
1.21
1.215
1.22
VIN = 12 V
-50
-25
0
25
50
75
100
125
T - Junction Temperature - °C
J
3.3
3.35
3.4
3.45
3.5
-50
-25
0
25
50
75
100
125
T - Junction Temperature - °C
J
VIN = 12 V
0.594
0.596
0.598
0.6
0.602
0.604
0.606
-50
-25
0
25
50
75
100
125
T - Junction Temperature - °C
J
465
470
475
480
485
-50
-25
0
25
50
75
100
125
T - Junction Temperature - °C
J
15
18
21
24
27
30
-50
-25
0
25
50
75
100
125
Tj - Junction Temperature - Deg
VIN = 12 V
20
25
30
35
40
-50
-25
0
25
50
75
100
125
T - Junction Temperature - °C
J
VIN = 12 V
7
TPS54821
www.ti.com
SLVSB14B – OCTOBER 2011 – REVISED FEBRUARY 2016
Product Folder Links: TPS54821
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
6.6 Typical Characteristics
Figure 1. High-side MOSFET on Resistance
vs Junction Temperature
Figure 2. Low-side MOSFET on Resistance
vs Junction Temperature
Figure 3. Voltage Reference vs Junction Temperature
Figure 4. Oscillator Frequency vs Junction Temperature
Figure 5. EN Pin UVLO Threshold
vs Junction Temperature
Figure 6. EN Pin Hysteresis Current
vs Junction Temperature


Similar Part No. - TPS54821RHLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54821RHLR TI1-TPS54821RHLR Datasheet
1Mb / 37P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
More results

Similar Description - TPS54821RHLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS568215 TI1-TPS568215 Datasheet
461Kb / 10P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
TPS568215OA TI1-TPS568215OA Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT Converter
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
TPS56C215 TI1-TPS56C215 Datasheet
1Mb / 35P
[Old version datasheet]   4.5-V to 17-V Input , 12-A Synchronous Step-Down SWIFT Converter
TPS54A24 TI1-TPS54A24 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 17-V Input, 10-A Synchronous SWIFT Step-Down Converter
TPS54824 TI1-TPS54824 Datasheet
2Mb / 38P
[Old version datasheet]   4.5-V to 17-V Input, Current Mode, 8-A Synchronous SWIFT Step-Down Converter
TPS54821 TI1-TPS54821 Datasheet
1Mb / 37P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
TPS560200 TI1-TPS560200_16 Datasheet
992Kb / 22P
[Old version datasheet]   4.5-V to 17-V Input, 500-mA Synchronous Step-Down Converter
TPS54821 TI-TPS54821_15 Datasheet
1Mb / 42P
[Old version datasheet]   TPS54821 4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
TPS54620 TI-TPS54620_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS54620 4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT??Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com