Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54821RHLT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54821RHLT
Description  4.5 V to 17 V Input, 8 A Synchronous Step Down Converter
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54821RHLT Datasheet(HTML) 4 Page - Texas Instruments

  TPS54821RHLT Datasheet HTML 1Page - Texas Instruments TPS54821RHLT Datasheet HTML 2Page - Texas Instruments TPS54821RHLT Datasheet HTML 3Page - Texas Instruments TPS54821RHLT Datasheet HTML 4Page - Texas Instruments TPS54821RHLT Datasheet HTML 5Page - Texas Instruments TPS54821RHLT Datasheet HTML 6Page - Texas Instruments TPS54821RHLT Datasheet HTML 7Page - Texas Instruments TPS54821RHLT Datasheet HTML 8Page - Texas Instruments TPS54821RHLT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
4
TPS54821
SLVSB14B – OCTOBER 2011 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: TPS54821
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Input Voltage
VIN
–0.3
20
V
PVIN
–0.3
20
EN
–0.3
6
BOOT
–0.3
27
VSENSE
–0.3
3
COMP
–0.3
3
PWRGD
–0.3
6
SS/TR
–0.3
3
RT/CLK
–0.3
6
Output Voltage
BOOT-PH
0
7.5
V
PH
–1
20
PH 10ns Transient
–3
20
Vdiff (GND to exposed thermal pad)
–0.2
0.2
V
Source Current
RT/CLK
±100
µA
PH
Current Limit
A
Sink Current
PH
Current Limit
A
PVIN
Current Limit
COMP
±200
µA
PWRGD
–0.1
5
mA
Operating Junction Temperature
IOUT = 8 A
–40
125
°C
IOUT = 6 A
–40
150
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±2000
V
Charged device model (CDM), per JEDEC specification JESD22-C101,
all pins(2)
±500
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Input voltage range
VIN
4.5
17
V
Power stage input voltage range
PVIN
1.6
17
V
Output current
TJ = –40°C to 125°C
0
8
A
Operating junction temperature, TJ
IOUT = 6 A
–40
150
°C
IOUT = 8 A
–40
125
°C


Similar Part No. - TPS54821RHLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54821RHLT TI1-TPS54821RHLT Datasheet
1Mb / 37P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
More results

Similar Description - TPS54821RHLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS568215 TI1-TPS568215 Datasheet
461Kb / 10P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
TPS568215OA TI1-TPS568215OA Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT Converter
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
TPS56C215 TI1-TPS56C215 Datasheet
1Mb / 35P
[Old version datasheet]   4.5-V to 17-V Input , 12-A Synchronous Step-Down SWIFT Converter
TPS54A24 TI1-TPS54A24 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 17-V Input, 10-A Synchronous SWIFT Step-Down Converter
TPS54824 TI1-TPS54824 Datasheet
2Mb / 38P
[Old version datasheet]   4.5-V to 17-V Input, Current Mode, 8-A Synchronous SWIFT Step-Down Converter
TPS54821 TI1-TPS54821 Datasheet
1Mb / 37P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
TPS560200 TI1-TPS560200_16 Datasheet
992Kb / 22P
[Old version datasheet]   4.5-V to 17-V Input, 500-mA Synchronous Step-Down Converter
TPS54821 TI-TPS54821_15 Datasheet
1Mb / 42P
[Old version datasheet]   TPS54821 4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
TPS54620 TI-TPS54620_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS54620 4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT??Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com