Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL50233QCC Datasheet(PDF) 9 Page - Zarlink Semiconductor Inc

Part # ZL50233QCC
Description  4 Channel Voice Echo Cancellor
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50233QCC Datasheet(HTML) 9 Page - Zarlink Semiconductor Inc

Back Button ZL50233QCC Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL50233QCC Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL50233QCC Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL50233QCC Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL50233QCC Datasheet HTML 9Page - Zarlink Semiconductor Inc ZL50233QCC Datasheet HTML 10Page - Zarlink Semiconductor Inc ZL50233QCC Datasheet HTML 11Page - Zarlink Semiconductor Inc ZL50233QCC Datasheet HTML 12Page - Zarlink Semiconductor Inc ZL50233QCC Datasheet HTML 13Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
Data Sheet
ZL50233
9
Zarlink Semiconductor Inc.
1.4
Non-Linear Processor (NLP)
After echo cancellation, there is always a small amount of residual echo which may still be audible. The ZL50233
uses Zarlink’s patented Advanced NLP to remove residual echo signals which have a level lower than the
Adaptive Suppression Threshold (TSUP in G.168). This threshold depends upon the level of the Rin (Lrin)
reference signal as well as the programmed value of the Non-Linear Processor Threshold register (NLPTHR).
TSUP can be calculated by the following equation:
TSUP = Lrin + 20log10(NLPTHR)
where NLPTHR is the Non-Linear Processor Threshold register value and Lrin is the relative power level expressed
in dBm0. The NLPTHR register is 16 bits wide. The register value in hexadecimal can be calculated with the
following equation:
NLPTHR(hex) = hex(NLPTHR(dec) * 32768)
where 0 < NLPTHR(dec) < 1
When the level of residual error signal falls below TSUP, the NLP is activated further attenuating the residual signal
by an additional 30 dB. To prevent a perceived decrease in background noise due to the activation of the NLP, a
spectrally-shaped comfort noise, equivalent in power level to the background noise, is injected. This keeps the
perceived noise level constant. Consequently, the user does not hear the activation and de-activation of the NLP.
The NLP processor can be disabled by setting the NLPDis bit to “1” in Control Register 2.
The comfort noise injector can be disabled by setting the INJDis bit to “1” in Control Register 1. It should be noted
that the NLPTHR is valid and the comfort noise injection is active only when the NLP is enabled.
The patented Advanced NLP provides a number of new and improved features over the original NLP found in
previous generation devices. Differences between the Advanced NLP and the original NLP are summarized in
Table 1.
The NLPSel bit in Control Register 3 selects which NLP is used. A “1” will select the Advanced NLP, “0” selects the
original NLP. ( See page 23 for Control Register 3 bit description)
The Advanced NLP uses a new noise ramping scheme to quickly and more accurately estimate the background
noise level. The noise ramping method of the original NLP can also be used. The InjCtrl bit in Control Register 3
selects the ramping scheme.
Feature
Register or Bit(s)
Advanced
NLP Default
Value
Original NLP
Default Value
NLP Selection
NLPSel (Control Register 3)
1
0 (feature
not supported)
Reject uncanceled echo as noise
NLRun1 (Control Register 3)
1
0 (feature
not supported)
Reject double-talk as noise
NLRun2 (Control Register 3)
1
0 (feature
not supported)
Noise level estimator ramping scheme
InjCtrl (Control Register 3)
1
0 (feature
not supported)
Noise level ramping rate
NLInc (Noise Control)
5(hex)
C(hex)
Noise level scaling
Noise Scaling
16(hex)
74(hex)
Table 1 - Comparison of NLP Types


Similar Part No. - ZL50233QCC

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50233QCC ZARLINK-ZL50233QCC Datasheet
547Kb / 38P
   4 Channel Voice Echo Cancellor
More results

Similar Description - ZL50233QCC

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50233 ZARLINK-ZL50233_06 Datasheet
547Kb / 38P
   4 Channel Voice Echo Cancellor
logo
Holtek Semiconductor In...
HT8955A HOLTEK-HT8955A Datasheet
589Kb / 7P
   Voice Echo
HT8970 HOLTEK-HT8970 Datasheet
100Kb / 9P
   Voice Echo
logo
Zarlink Semiconductor I...
ZL50235 ZARLINK-ZL50235_06 Datasheet
658Kb / 43P
   16 Channel Voice Echo Canceller
ZL38065 ZARLINK-ZL38065_06 Datasheet
657Kb / 48P
   32 Channel Voice Echo Canceller
logo
Holtek Semiconductor In...
HT8972 HOLTEK-HT8972 Datasheet
139Kb / 13P
   Voice Echo
HT8970 HOLTEK-HT8970_08 Datasheet
116Kb / 11P
   Voice Echo
logo
Zarlink Semiconductor I...
ZL50234 ZARLINK-ZL50234_06 Datasheet
658Kb / 44P
   8 Channel Voice Echo Canceller
MT93L00A ZARLINK-MT93L00A Datasheet
639Kb / 39P
   Multi-Channel Voice Echo Canceller
ZL50234 ZARLINK-ZL50234 Datasheet
620Kb / 41P
   8 Channel Voice Echo Canceller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com