Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62231-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS62231-Q1
Description  3-MHz Ultra-Small Step-Down Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62231-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS62231-Q1_16 Datasheet HTML 5Page - Texas Instruments TPS62231-Q1_16 Datasheet HTML 6Page - Texas Instruments TPS62231-Q1_16 Datasheet HTML 7Page - Texas Instruments TPS62231-Q1_16 Datasheet HTML 8Page - Texas Instruments TPS62231-Q1_16 Datasheet HTML 9Page - Texas Instruments TPS62231-Q1_16 Datasheet HTML 10Page - Texas Instruments TPS62231-Q1_16 Datasheet HTML 11Page - Texas Instruments TPS62231-Q1_16 Datasheet HTML 12Page - Texas Instruments TPS62231-Q1_16 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
(
)
IN
OUT
OUT
DS(on)
L
V min = V
max + I
max
R
max+ R
´
I
= 0.5 x I
OUT_PFM/PWM
LPFMpeak
IN
OUT
LPFMpeak
ONmin
(V
V
)
I
=
t
L
-
´
9
TPS62231-Q1, TPS622314-Q1
www.ti.com
SLVSB63A – DECEMBER 2011 – REVISED MARCH 2016
Product Folder Links: TPS62231-Q1 TPS622314-Q1
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Device Functional Modes (continued)
VIN= Input voltage (V)
(1)
Therefore, use Equation 2 to calculate the approximate peak inductor current in PFM mode.
where
ILPFMpeak = PFM inductor peak current (mA)
L = Inductance (µH)
(2)
Use Equation 3 to estimate the transition from PFM into PWM mode and from PWM into PFM.
where
IOUT_PFM/PWM = Output current for transition from PFM to PWM mode and transition from PWM to PFM mode
(mA)
(3)
7.4.3 Forced PWM Mode
Pulling the MODE pin high forces the converter to operate in a continuous-conduction PWM mode even at light
load currents. The advantage is that the converter operates with a quasi-fixed frequency that allows simple
filtering of the switching frequency for noise-sensitive applications. In this mode, the efficiency is lower compared
to the power save mode during light loads.
For additional flexibility, switch from power save mode to forced PWM mode during operation. This switching
allows for efficient power management by adjusting the operation of the converter to the specific system
requirements.
7.4.4 100% Duty-Cycle Low-Dropout Operation
The device starts to enter 100% duty-cycle mode when the input voltage comes close to the nominal output
voltage. To maintain the output voltage, the high-side switch is turned on 100% for one or more cycles.
With further decreasing VIN, the high-side MOSFET switch is turned on completely. In this case the converter
offers a low input-to-output voltage difference which is particularly useful in battery-powered applications to
achieve the longest operation time by taking full advantage of the whole battery voltage range.
Use Equation 4 to calculate the minimum input voltage to maintain regulation which is dependent on the load
current and output voltage.
where
VOUTmax = nominal output voltage plus maximum output-voltage tolerance
IOUTmax = maximum output current plus inductor ripple current
RDS(on)max = maximum P-channel switch RDSon
RL = DC resistance of the inductor
(4)
7.4.5 Short-Circuit Protection
The device integrates a high-side and low-side MOSFET current limit to protect the device against heavy load or
short circuit. The current in the switches is monitored by current-limit comparators. When the current in the P-
channel MOSFET reaches the current limit, the P-channel MOSFET is turned off and the N-channel MOSFET is
turned on to ramp down the current in the inductor. The high-side MOSFET switch can only turn on again when
the current in the low-side MOSFET switch has decreased below the threshold of the current-limit comparator.


Similar Part No. - TPS62231-Q1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62231-Q1 TI1-TPS62231-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
More results

Similar Description - TPS62231-Q1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62231-Q1 TI1-TPS62231-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI-TPS62230 Datasheet
1Mb / 28P
[Old version datasheet]   3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI-TPS62230_1 Datasheet
1Mb / 31P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI1-TPS62230_14 Datasheet
1Mb / 36P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI-TPS62230_10 Datasheet
1Mb / 32P
[Old version datasheet]   2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62230 TI1-TPS62230_16 Datasheet
2Mb / 40P
[Old version datasheet]   2-MHz and 3-MHz Ultra Small Step-Down Converter in 1 x 1.5 USON Package
TPS62230 TI-TPS62230_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS6223xx 2-MHz and 3-MHz Ultra Small Step-Down Converter in 1 x 1.5 USON Package
TPS65000-Q1 TI1-TPS65000-Q1_15 Datasheet
2Mb / 29P
[Old version datasheet]   2.25-MHz Step-Down Converter
logo
Monolithic Power System...
MP28114 MPS-MP28114 Datasheet
505Kb / 11P
   Ultra-small 1.7MHz, 600mA, Low-Voltage Synchronous Step-Down Converter
MP28119 MPS-MP28119 Datasheet
287Kb / 12P
   Ultra-small 1.7MHz, 600mA, Low-Voltage Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com