Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62770YFPT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62770YFPT
Description  Multi-Rail DC/DC Converter For Wearable Applications
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62770YFPT Datasheet(HTML) 1 Page - Texas Instruments

  TPS62770YFPT Datasheet HTML 1Page - Texas Instruments TPS62770YFPT Datasheet HTML 2Page - Texas Instruments TPS62770YFPT Datasheet HTML 3Page - Texas Instruments TPS62770YFPT Datasheet HTML 4Page - Texas Instruments TPS62770YFPT Datasheet HTML 5Page - Texas Instruments TPS62770YFPT Datasheet HTML 6Page - Texas Instruments TPS62770YFPT Datasheet HTML 7Page - Texas Instruments TPS62770YFPT Datasheet HTML 8Page - Texas Instruments TPS62770YFPT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
SW2
VIN
EN2/PWM
VO2
L2 = 10 H
m
C
OUT2
10 F
m
C
10
IN
mF
TPS62770
GND1
DC/DC 2
Step up converter
EN1
SW1
VO1
L1 = 2.2 H
m
C
10 F
OUT1
m
VOUT1 = 1.8V/300mA
DC/DC 1
Step Down Converter
CTRL
LOAD
Load Output = 1.8V
Load Switch
GND2
VSEL1
VSEL2
VSEL3
BM
ON/OFF
MCU / BLE
Sensors
FB
VOUT2 = 12V / 30mA
PMOLED
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS62770
SLVSCX0A – FEBRUARY 2016 – REVISED MARCH 2016
TPS62770 Multi-Rail DC/DC Converter For Wearable Applications
1
1 Features
1
VIN Range 2.5 V to 5.5 V
370 nA Iq Step-Down Converter
8 Selectable Output Voltages (1.0V to 3.0V)
300 mA Output Current
Output Discharge Function
Slew Rate Controlled Load Switch with Discharge
Function
Dual Mode Step-Up Converter
Load Disconnect
Constant Output Voltage Adjustable up to 15 V
(VFB 0.8 V) / 12 V Fixed
LED Current Driver with PWM to Current
Conversion (max VFB Voltage 200 mV @ D =
100%)
Tiny 16pin 1.58 x 1.58mm WCSP Package 0.4mm
pitch
2 Applications
Wearable and Personal Electronics
Fitness Accessories
Health Monitoring and Medical Accessories
3 Description
The TPS62770 is a tiny power solution for wearable
applications including a 370nA ultra low Iq step-down
converter, a slew rate controlled load switch and a
dual mode step-up converter. The output voltage of
the step-down converter can be selected with three
VSEL pins between 1.0 V, 1.05 V, 1.1 V, 1.2 V, 1.8
V, 1.9 V, 2.0 V and 3.0 V. The output voltage can be
changed during operation. In shutdown mode, the
output of the step-down converter is pulled to GND.
The integrated load switch is internally connected to
the output of the step-down converter and features
slew rate control during turn on phase. Once turned
off, its output is connected to GND.
The dual mode step-up converter can generate a
constant output voltage up to 15 V, such as PMOLED
supply; or, a constant output current, such as LED
back light supply. The output voltage can be adjusted
up to 15 V with external resistors, or set to fixed 12 V
by connecting the FB pin to VIN. The device features
an internal over voltage protection of 17.7 V in case
the FB node is left open or tight to GND. It includes
an internal rectifier and load disconnect function.
When used as constant output current driver, the
device offers a PWM to analog converter to scale
down the reference voltage according to the duty
cycle of the PWM signal.
The device is available in a small 16pin 0.4mm pitch
WCSP package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS62770
DSBGA (16)
1.58mm x 1.58mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Schematic


Similar Part No. - TPS62770YFPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62700 TI-TPS62700 Datasheet
877Kb / 25P
[Old version datasheet]   2 MHz 650 mA Step Down Converter for RF Power Amplifiers in Tiny 8-pin WCSP Package
TPS62700 TI-TPS62700 Datasheet
885Kb / 25P
[Old version datasheet]   2 MHz 650 mA Step Down Converter for RF Power Amplifiers in Tiny 8-pin WCSP Package
TPS62700 TI1-TPS62700 Datasheet
1Mb / 25P
[Old version datasheet]   2 MHz 650 mA Step Down Converter for RF Power Amplifiers in Tiny 8-pin WCSP Package
TPS62700YZF TI-TPS62700YZF Datasheet
877Kb / 25P
[Old version datasheet]   2 MHz 650 mA Step Down Converter for RF Power Amplifiers in Tiny 8-pin WCSP Package
TPS62700YZF TI-TPS62700YZF Datasheet
885Kb / 25P
[Old version datasheet]   2 MHz 650 mA Step Down Converter for RF Power Amplifiers in Tiny 8-pin WCSP Package
More results

Similar Description - TPS62770YFPT

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
FDSD0518 TOKO-FDSD0518 Datasheet
274Kb / 1P
   Ideal for DC-DC converter applications
FDSD0420 TOKO-FDSD0420 Datasheet
261Kb / 1P
   Ideal for DC-DC converter applications
FCUL0530 TOKO-FCUL0530 Datasheet
205Kb / 1P
   Ideal for DC-DC converter applications
FDSD0515 TOKO-FDSD0515 Datasheet
247Kb / 1P
   Ideal for DC-DC converter applications
logo
Power Mate Technology C...
DFEC15W P-DUKE-DFEC15W_14 Datasheet
284Kb / 3P
   DIN RAIL DC-DC CONVERTER
DFED20 P-DUKE-DFED20_14 Datasheet
371Kb / 3P
   DIN RAIL DC-DC CONVERTER
DFEC30 P-DUKE-DFEC30_14 Datasheet
370Kb / 3P
   DIN RAIL DC-DC CONVERTER
DFED20W P-DUKE-DFED20W_14 Datasheet
369Kb / 3P
   DIN RAIL DC-DC CONVERTER
logo
Sanyo Semicon Device
FP302 SANYO-FP302 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FP303 SANYO-FP303 Datasheet
124Kb / 4P
   DC-DC Converter Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com