Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65100-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS65100-Q1
Description  Triple-Output LCD Supply With Linear Regulator
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65100-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS65100-Q1_16 Datasheet HTML 3Page - Texas Instruments TPS65100-Q1_16 Datasheet HTML 4Page - Texas Instruments TPS65100-Q1_16 Datasheet HTML 5Page - Texas Instruments TPS65100-Q1_16 Datasheet HTML 6Page - Texas Instruments TPS65100-Q1_16 Datasheet HTML 7Page - Texas Instruments TPS65100-Q1_16 Datasheet HTML 8Page - Texas Instruments TPS65100-Q1_16 Datasheet HTML 9Page - Texas Instruments TPS65100-Q1_16 Datasheet HTML 10Page - Texas Instruments TPS65100-Q1_16 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
7
TPS65100-Q1
www.ti.com
SLVS849B – JULY 2008 – REVISED MARCH 2016
Product Folder Links: TPS65100-Q1
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
VI = 3.3 V, EN = VIN, VO1 = 10 V, TA = –40°C to 125°C, typical values are at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FAULT PROTECTION THRESHOLDS
V(th, Vo1)
Shutdown threshold
VO1 Rising
–12 –8.75% VO1
–6
V
V(th, Vo2)
VO2 Rising
–13
–9% VO2
–5
V
V(th, Vo3)
VO3 Rising
–11
–8% VO3
–5
V
6.6 Typical Characteristics
Table 1. Table Of Graphs
FIGURE
Main Boost Converter
Efficiency, main boost converter VO1
vs Load current
Figure 1
Efficiency, main boost converter VO1
vs Load current
Figure 2
Efficiency
vs Input voltage
Figure 3
Switching frequency
vs Free-air temperature
Figure 4
rDS(ON) N-channel main switch Q1
vs Free-air temperature
Figure 5
PWM operation, continuous mode
Figure 6
PWM operation at light load
Figure 7
Load transient response, CO = 22 μF
Figure 8
Load transient response, CO = 2 × 22 μF
Figure 9
Power-up sequencing
Figure 10
Soft start VO1
Figure 11
Negative Charge Pump
VO2 Maximum load current
vs Output voltage VO1
Figure 12
Positive Charge Pump
VO3 Maximum load current
vs Output voltage VO1 (doubler mode)
Figure 13
VO3 Maximum load current
vs Output voltage VO1 (tripler mode)
Figure 14


Similar Part No. - TPS65100-Q1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65100-Q1 TI1-TPS65100-Q1 Datasheet
594Kb / 27P
[Old version datasheet]   TRIPLE-OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
More results

Similar Description - TPS65100-Q1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65145 TI-TPS65145 Datasheet
865Kb / 24P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140-Q1 TI1-TPS65140-Q1_16 Datasheet
592Kb / 26P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65100 TI-TPS65100_07 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
TPS65140 TI-TPS65140 Datasheet
1Mb / 31P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65100-Q1 TI1-TPS65100-Q1 Datasheet
594Kb / 27P
[Old version datasheet]   TRIPLE-OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
TPS65141PWPR TI-TPS65141PWPR Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65100 TI-TPS65100 Datasheet
816Kb / 25P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
TPS65140PWPRG4 TI-TPS65140PWPRG4 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140-Q1 TI1-TPS65140-Q1 Datasheet
630Kb / 25P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
logo
Analog Intergrations Co...
AIC1533 AIC-AIC1533 Datasheet
397Kb / 17P
   Triple-Output LCD Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com