Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65290BMRHFR Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS65290BMRHFR
Description  Low-Quiescent-Current, Multi-Mode PMIC
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65290BMRHFR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS65290BMRHFR Datasheet HTML 2Page - Texas Instruments TPS65290BMRHFR Datasheet HTML 3Page - Texas Instruments TPS65290BMRHFR Datasheet HTML 4Page - Texas Instruments TPS65290BMRHFR Datasheet HTML 5Page - Texas Instruments TPS65290BMRHFR Datasheet HTML 6Page - Texas Instruments TPS65290BMRHFR Datasheet HTML 7Page - Texas Instruments TPS65290BMRHFR Datasheet HTML 8Page - Texas Instruments TPS65290BMRHFR Datasheet HTML 9Page - Texas Instruments TPS65290BMRHFR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
6
TPS65290
SLVSBY5C – APRIL 2013 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TPS65290
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
TJ = –40°C to 125°C, VBAT = 3.6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VBB
DC output accuracy (PWM mode)
TJ = 25°C
–3%
3%
Maximum line regulation
VI = 3 V to 3.6 V, IO = 300 mA
0.5%
Maximum load regulation
IO = 100 mA to 500 mA
0.5%
VBBOUTRANGE
Output voltage range
29 steps of 0.1 V from 1 V to 5 V
1
5
V
DUTYBUCK_MIN
Minimum duty cycle in buck mode
25%
30%
ISW
Average high-side switch-current limit
VI = 3.6 V, TA = 25°C
2400
mA
VBB(RDSON_HIGH)
High-side switch on-resistance
VI = 3.6 V, TA = 25°C
120
m
VBB(RDSON_LOW)
Low-side switch on-resistance
VI = 3.6 V, TA = 25°C
120
m
LDO
VLDO_OUT_RANGE
Output voltage range
32 steps of 0.1 V from 1 V to 4 V
1
4
V
VLDO_OUT_ACCURACY DC output accuracy
VI = 3.6 V, VO = 2.8 V, TJ = –40°C to 125°C,
ILoad = 5 mA
–4%
4%
LDOLINE_REG
Line regulation
VI = 3.3 V to 6 V, VO = 2.8 V, IO = 5 mA
–1%
1%
LDOLOAD_REG
Load regulation
VI = 2.2 V to 5 V, IO = 0 mA to 110 mA
–2%
2%
VDROOP
Dropout voltage
Allows for 5% output voltage droop,
VI = 3.6 V to 6 V, IO = 0 mA to 150 mA
300
mV
ICL
Output current limit
VLDO_OUT = 2.8 V, output voltage shorted
300
mA
PSRR
Power-supply rejection ratio at 10 kHz
VLDO_OUT = 2.8 V, VI = 3.1 V, 150-mA
loading
28
dB
MICRO BIAS CIRCUIT (Different options)
Zero Leak Adjustable Bias (TPS65290ZB)
VMICRO_MIN
Minimum output voltage
1.3
V
VBIAS_DROP
Voltage difference between VIN (pin#4)
and VMICRO
Nine 200-mV steps from 0.6 V to 2 V
0.6
2.0
V
VOUT
DC output accuracy measured by
VBIAS_DROP.
TJ = 25°C, IO = 1 µA, BAT = 3.6 V
–10%
10%
ZEROLOAD_REG
Load regulation
IO = 100 nA–10 mA , TJ = 25°C, BAT = 3.6
V,
VMICRO[3:0] = 0000
15%
LDOMINI (TPS65290LM)
VLDO_RANGE
16 steps of 0.2 V from 1.8 V to 3.3 V
1.8
3.3
V
VOUT
DC output accuracy
TJ = 25°C, VI = 3.6 V, IO = 1 µA
–5%
5%
LDOLOAD_REG
Load regulation
1 µA
≤ IO ≤ 10 mA
–5%
5%
VDROOP
Dropout voltage– allow for 5% output
voltage drop at VDROOP.
VO = 2.2 V, IO = 10 mA
300
mV
ICL
Output current limit
VLDO_OUT = 2.8 V
20
50
mA
BUCKMINI Internal Hysteretic Converter (TPS65290BM)
ILoad_BM
Output load range
0
30
mA
fSW_BM
BuckMINI switching frequency
LBM = 33 µH, CBM = 1 µF, ESR_CBM = 1 Ω,
No load
5
Hz
IPK_IND
Peak inductor current
TJ = 25°C , LBM = 33 µH, CBM = 1 µF,
ESR_CBM = 1 Ω, VI = 3.6 V, VO = 2.5 V,
IO = 30 mA in high-power mode
80
mA
IPK_IND_STARTUP
Peak inductor current during start-up
TJ = 25°C , LBM = 33 µH, CBM = 1 µF,
ESR_CBM = 1 Ω, VI = 3.6 V, VO = 2.5 V,
IO = 30 mA in high-power mode
140
mA
VBM_RIPPLE
Ripple voltage
TJ = 25°C , VI = 3.6 V, VO = 2.5 V),
LBM = 33 µH, CBM = 1 µF, ESR_CBM = 1 Ω
5%
POWER SWITCHES
PWR_BB1
Distribution switch on-resistance from
BB_OUT pin to PWR_BB1 pin
(single P MOSFET)
VI = 3.6 V, VBB = 4.5 V, TA = 25°C
100
m
PWR_VMAX_
VMAX
Distribution switch on-resistance from
VMAX pin to PWR_VMAX pin
(single P MOSFET)
VI = 3.6 V, VBB = 4.5 V, TA = 25°C
600
m


Similar Part No. - TPS65290BMRHFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65290BMRHFR TI-TPS65290BMRHFR Datasheet
4Mb / 59P
[Old version datasheet]   LOW QUIESCENT CURRENT, MULTI-MODE PMIC FOR BATTERY POWERED
More results

Similar Description - TPS65290BMRHFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65290 TI-TPS65290 Datasheet
4Mb / 59P
[Old version datasheet]   LOW QUIESCENT CURRENT, MULTI-MODE PMIC FOR BATTERY POWERED
logo
Dialog Semiconductor
DA9070 DIALOG-DA9070 Datasheet
2Mb / 130P
   Ultra-Low Quiescent Current PMIC
DA9072 DIALOG-DA9072 Datasheet
2Mb / 113P
   Ultra-Low Quiescent Current PMIC
logo
Renesas Technology Corp
DA9073 RENESAS-DA9073 Datasheet
3Mb / 131P
   Ultra-Low Quiescent Current PMIC
13-Oct-2020
logo
Dialog Semiconductor
DA9073 DIALOG-DA9073 Datasheet
3Mb / 130P
   Ultra-Low Quiescent Current PMIC
logo
Renesas Technology Corp
DA9070 RENESAS-DA9070 Datasheet
3Mb / 133P
   Ultra-Low Quiescent Current PMIC
21-Feb-2022
DA9072 RENESAS-DA9072 Datasheet
2Mb / 115P
   Ultra-Low Quiescent Current PMIC
21-Feb-2022
logo
Texas Instruments
TPS65290 TI1-TPS65290_14 Datasheet
4Mb / 60P
[Old version datasheet]   LOW QUIESCENT CURRENT, MULTI-MODE PMIC FOR BATTERY POWERED, ENERGY HARVESTING APPLICATIONS
logo
Maxim Integrated Produc...
MAX20310 MAXIM-MAX20310 Datasheet
849Kb / 30P
   Ultra-Low Quiescent Current PMIC with SIMO Buck-Boost for Wearable Applications
Rev 2; 3/18
logo
STMicroelectronics
L5150BN STMICROELECTRONICS-L5150BN Datasheet
457Kb / 20P
   Low quiescent current
June 2015 Rev 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com