Electronic Components Datasheet Search |
|
ICPLM611 Datasheet(PDF) 2 Page - ISOCOM COMPONENTS |
|
ICPLM611 Datasheet(HTML) 2 Page - ISOCOM COMPONENTS |
2 / 13 page 2 24/02/2016 ICPLM600, ICPLM601, ICPLM611 ISOCOM COMPONENTS DC93193 Truth Table (Positive Logic) ELECTRICAL CHARACTERISTICS (TA = -40°C to 85°C unless otherwise specified) INPUT OUTPUT COUPLED * Typical values at TA = 25°C Parameter Symbol Test Condition Min Typ.* Max Unit Forward Voltage VF IF = 10mA 1.45 1.8 V Reverse Voltage VR IR = 10µA, TA = 25°C 5.0 V Temperature Coefficient of VF ΔVF/ΔTA IF = 10mA -1.9 mV/°C Input Capacitance CIN VF = 0V, f = 1MHz 70 pF Parameter Symbol Test Condition Min Typ.* Max Unit High Level Supply Current ICCH IF = 0mA, VCC = 5.5V 6.0 9 mA Low Level Supply Current ICCL IF = 10mA, VCC = 5.5V 7.5 10 mA Input Output H L L H Parameter Symbol Test Condition Min Typ.* Max Unit High Level Output Current IOH VCC = 5.5V, VO = 5.5V IF = 250μA 2.1 30 μA Low Level Output Voltage VOL VCC = 5.5V, IF = 5mA, IOL = 13mA 0.4 0.6 V Input Threshold Current IFT VCC = 5.5V, VO = 0.6V, IOL = 13mA 2.4 5 mA |
Similar Part No. - ICPLM611 |
|
Similar Description - ICPLM611 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |