Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL50234GD Datasheet(PDF) 6 Page - Zarlink Semiconductor Inc

Part # ZL50234GD
Description  8 Channel Voice Echo Canceller
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50234GD Datasheet(HTML) 6 Page - Zarlink Semiconductor Inc

Back Button ZL50234GD Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL50234GD Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL50234GD Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL50234GD Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL50234GD Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL50234GD Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL50234GD Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL50234GD Datasheet HTML 9Page - Zarlink Semiconductor Inc ZL50234GD Datasheet HTML 10Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
ZL50234
Data Sheet
6
Zarlink Semiconductor Inc.
1.0
Device Overview
The ZL50234 architecture contains 8 echo cancellers divided into 4 groups. Each group has two echo cancellers,
Echo Canceller A and Echo Canceller B. Each group can be configured in Normal, Extended Delay or Back-to-
Back configurations. In Normal configuration, a group of echo cancellers provides two channels of 64ms echo
cancellation, which run independently on different channels. In Extended Delay configuration, a group of echo
cancellers achieves 128ms of echo cancellation by cascading the two echo cancellers (A & B). In Back-to-Back
configuration, the two echo cancellers from the same group are positioned to cancel echo coming from both
directions in a single channel, providing full-duplex 64ms echo cancellation.
Fsel
H2
92
Frequency select (Input). This input selects the Master Clock
frequency operation. When Fsel pin is low, nominal 20 MHz
Master Clock input must be applied. When Fsel pin is high,
nominal 10 MHz Master Clock input must be applied.
PLLVss1
PLLVss2
K3
97, 95
PLL Ground. Must be connected to VSS
PLLVDD
K4
96
PLL Power Supply. Must be connected to VDD2 = 1.8V
TMS
M2
1
Test Mode Select (3.3V Input). JTAG signal that controls the
state transitions of the TAP controller. This pin is pulled high by
an internal pull-up when not driven.
TDI
M1
2
Test Serial Data In (3.3V Input). JTAG serial test instructions
and data are shifted in on this pin. This pin is pulled high by an
internal pull-up when not driven.
TDO
N1
3
Test Serial Data Out (Output). JTAG serial data is output on this
pin on the falling edge of TCK. This pin is held in high impedance
state when JTAG scan is not enabled.
TCK
P1
4
Test Clock (3.3V Input). Provides the clock to the JTAG test
logic.
TRST
N2
6
Test Reset (3.3V Input). Asynchronously initializes the JTAG
TAP controller by putting it in the Test-Logic-Reset state. This pin
should be pulsed low on power-up or held low, to ensure that the
ZL50234 is in the normal functional mode. This pin is pulled by
an internal pull-down when not driven.
RESET
R3
8
Device Reset (Schmitt Trigger Input). An active low resets the
device and puts the ZL50234 into a low-power stand-by mode.
When the RESET pin is returned to logic high and a clock is
applied to the MCLK pin, the device will automatically execute
initialization routines, which preset all the Control and Status
Registers to their default power-up values.
Pin Description (continued)
PIN
Name
PIN #
Description
208-Ball LBGA
100 PIN
LQFP


Similar Part No. - ZL50234GD

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50234GDC ZARLINK-ZL50234GDC Datasheet
658Kb / 44P
   8 Channel Voice Echo Canceller
More results

Similar Description - ZL50234GD

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50234 ZARLINK-ZL50234_06 Datasheet
658Kb / 44P
   8 Channel Voice Echo Canceller
ZL50235 ZARLINK-ZL50235_06 Datasheet
658Kb / 43P
   16 Channel Voice Echo Canceller
ZL38065 ZARLINK-ZL38065_06 Datasheet
657Kb / 48P
   32 Channel Voice Echo Canceller
MT93L00A ZARLINK-MT93L00A Datasheet
639Kb / 39P
   Multi-Channel Voice Echo Canceller
ZL50232 ZARLINK-ZL50232 Datasheet
551Kb / 41P
   32 Channel Voice Echo Canceller
ZL50211 ZARLINK-ZL50211 Datasheet
2Mb / 42P
   256 Channel Voice Echo Canceller
MT9300B ZARLINK-MT9300B Datasheet
629Kb / 39P
   Multi-Channel Voice Echo Canceller
ZL38065 ZARLINK-ZL38065 Datasheet
658Kb / 48P
   32 Channel Voice Echo Canceller
ZL50212 ZARLINK-ZL50212 Datasheet
803Kb / 42P
   288 Channel Voice Echo Canceller
ZL38070 ZARLINK-ZL38070_06 Datasheet
835Kb / 51P
   256 Channel Voice Echo Canceller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com