Electronic Components Datasheet Search
Selected language     English  ▼

Delete All
ON OFF

Advanced Search

              





TLE4726G Datasheet(PDF) 1 Page - Infineon Technologies AG

Part No. TLE4726G
Description  2-Phase Stepper-Motor Driver
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

 
 1 page
background image
Data Sheet
1
1999-09-15
2-Phase Stepper-Motor Driver
Bipolar IC
TLE 4726
Overview
Features
•2
× 0.75 A / 50 V outputs
• Integrated driver, control logic and
current control (chopper)
• Fast free-wheeling diodes
• Low standby-current drain
• Full, half, quarter, mini step
P-DSO-24-3
Description
TLE 4726 is a bipolar, monolithic IC for driving bipolar stepper motors, DC motors and
other inductive loads that operate on constant current. The control logic and power
output stages for two bipolar windings are integrated on a single chip which permits
switched current control of motors with 0.75 A per phase at operating voltages up to
50 V.
The direction and value of current are programmed for each phase via separate control
inputs. A common oscillator generates the timing for the current control and turn-on with
phase offset of the two output stages. The two output stages in a full-bridge configuration
have integrated, fast free-wheeling diodes and are free of crossover current. The logic
is supplied either separately with 5 V or taken from the motor supply voltage by way of
a series resistor and an integrated Z-diode. The device can be driven directly by a
microprocessor with the possibility of all modes from full step through half step to mini
step.
Type
Ordering Code
Package
TLE 4726 G
Q67006-A9297
P-DSO-24-3




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TLE4728G2-Phase Stepper-Motor Driver 1 2 3 4 5 MoreInfineon Technologies AG
TLE47272-Phase Stepper-Motor Driver 1 2 3 4 5 MoreSiemens Semiconductor Group
TCA37272-Phase Stepper-Motor Driver 1 2 3 4 5 MoreSiemens Semiconductor Group
TLE4729-G2-Phase Stepper-Motor Driver Bipolar-IC 1 2 3 4 5 MoreInfineon Technologies AG
BA6817F2-Phase Half-Wave Pre Driver for Fan Motor 1 2 3 4 5 MoreRohm
LB16692-Phase Unipolar Brushless Motor Driver 1 2 3 4 5 Sanyo Semicon Device
M54646AP2-PHASE STEPPER MOTOR DRIVER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
BA6825FS2-phase motor driver for VCR cylinder motors 1 2 3 4 5 MoreRohm
LB1960MFan Motor 2-Phase Half-Wave Driver 1 2 3 4 Sanyo Semicon Device
M54670P2-PHASE STEPPER MOTOR DRIVER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl