Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS564208DDCT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS564208DDCT
Description  4.5-V to 17-V Input, 4-A Synchronous Step-Down Voltage Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS564208DDCT Datasheet(HTML) 4 Page - Texas Instruments

  TPS564208DDCT Datasheet HTML 1Page - Texas Instruments TPS564208DDCT Datasheet HTML 2Page - Texas Instruments TPS564208DDCT Datasheet HTML 3Page - Texas Instruments TPS564208DDCT Datasheet HTML 4Page - Texas Instruments TPS564208DDCT Datasheet HTML 5Page - Texas Instruments TPS564208DDCT Datasheet HTML 6Page - Texas Instruments TPS564208DDCT Datasheet HTML 7Page - Texas Instruments TPS564208DDCT Datasheet HTML 8Page - Texas Instruments TPS564208DDCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
TPS564208
SLVSDG0 – MARCH 2016
www.ti.com
Product Folder Links: TPS564208
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Supply input voltage range
4.5
17
V
VI
Input voltage range
VBST
–0.1
23
V
VBST (10 ns transient)
–0.1
26
VBST (vs SW)
–0.1
6.0
EN
–0.1
17
VFB
–0.1
5.5
SW
–1.8
17
SW (10 ns transient)
–3.5
20
TJ
Operating junction temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
TPS564208
UNIT
DDC (SOT)
6 PINS
RθJA
Junction-to-ambient thermal resistance
86.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
39.4
°C/W
RθJB
Junction-to-board thermal resistance
13.3
°C/W
ψJT
Junction-to-top characterization parameter
1.8
°C/W
ψJB
Junction-to-board characterization parameter
13.3
°C/W


Similar Part No. - TPS564208DDCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS564201 TI1-TPS564201 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 17-V Input, 4-A Synchronous Step-Down Voltage Regulator in SOT-23
TPS564201DDCR TI1-TPS564201DDCR Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 17-V Input, 4-A Synchronous Step-Down Voltage Regulator in SOT-23
TPS564201DDCT TI1-TPS564201DDCT Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 17-V Input, 4-A Synchronous Step-Down Voltage Regulator in SOT-23
More results

Similar Description - TPS564208DDCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS565201 TI1-TPS565201 Datasheet
3Mb / 25P
[Old version datasheet]   4.5-V to 17-V Input, 5-A Synchronous Step-Down Voltage Regulator
TPS564201 TI1-TPS564201 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 17-V Input, 4-A Synchronous Step-Down Voltage Regulator in SOT-23
TPS563231 TI1-TPS563231_19 Datasheet
551Kb / 21P
[Old version datasheet]   4.5-V to 17-V input, 3-A synchronous step-down voltage regulator in SOT563
TPS563231 TI1-TPS563231 Datasheet
559Kb / 21P
[Old version datasheet]   4.5-V to 17-V Input, 3-A Synchronous Step-Down Voltage Regulator in SOT563
TPS563231_1902 TI1-TPS563231_1902 Datasheet
729Kb / 25P
[Old version datasheet]   4.5-V to 17-V input, 3-A synchronous step-down voltage regulator in SOT563
TPS54821 TI1-TPS54821_16 Datasheet
1Mb / 42P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down Converter
TPS565208 TI1-TPS565208 Datasheet
2Mb / 26P
[Old version datasheet]   4.5-V to 17-V Input, 5-A Synchronous Step-Down Voltage Regulator in SOT-23
TPS568230 TI1-TPS568230 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 18-V input, 8-A synchronous step-down voltage regulator
TPS563201 TI-TPS563201 Datasheet
987Kb / 27P
[Old version datasheet]   TPS56320x 4.5-V to 17-V Input, 3-A Synchronous Step-Down Voltage Regulator in SOT-23
DECEMBER 2015
TPS568215 TI1-TPS568215 Datasheet
461Kb / 10P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com