Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS659114A2ZRCT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS659114A2ZRCT
Description  Integrated Power Management Unit Top Specification
Download  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS659114A2ZRCT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS659114A2ZRCT Datasheet HTML 5Page - Texas Instruments TPS659114A2ZRCT Datasheet HTML 6Page - Texas Instruments TPS659114A2ZRCT Datasheet HTML 7Page - Texas Instruments TPS659114A2ZRCT Datasheet HTML 8Page - Texas Instruments TPS659114A2ZRCT Datasheet HTML 9Page - Texas Instruments TPS659114A2ZRCT Datasheet HTML 10Page - Texas Instruments TPS659114A2ZRCT Datasheet HTML 11Page - Texas Instruments TPS659114A2ZRCT Datasheet HTML 12Page - Texas Instruments TPS659114A2ZRCT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 119 page
background image
9
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
www.ti.com
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
Submit Documentation Feedback
Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133
Pin Configuration and Functions
Copyright © 2010–2016, Texas Instruments Incorporated
Table 4-1. Pin Functions
NAME
BGA PIN
SUPPLIES
TYPE
I/O
DESCRIPTION
PU / PD
AGND
D6, E5, E6,
F5, G4, H5,
H6, J3, J4,
J6, K3
AGND
Power
I/O
Analog ground
No
AGND2
M8, N8
AGND
Power
I/O
Analog ground
No
BOOT1
J5
VRTC, DGND
Digital
I
Power-up sequence selection
No
CLK32KOUT
F4
VDDIO, DGND
Digital
O
32-kHz clock output
PD disable in ACTIVE or
SLEEP state
DGND
A1, B1, B2
DGND
Power
I/O
Digital ground
No
DRVH
A3
VBST, GNDC
Analog
O
VDDCtrl, High-side FET driver
output
DRVL
A6
V5IN, GNDC
Analog
O
VDDCtrl, FET driver output
EN
D5
VCC7, GNDC
Analog
I
Internal functional pin, leave
floating
EN1
M7
VDDIO, DGND
Digital
I/O
Enable for supplies or
voltage scaling dedicated I2C
clock
External PU
EN2
M6
VDDIO, DGND
Digital
I/O
Enable for supplies or
voltage scaling dedicated I2C
data
External PU
GNDC
A7, A8
GNDC
Power
I/O
VDDCtrl, Controller ground
GNDIO
J7, J8
VCCIO, GNDIO
Power
I/O
VIO DCDC Power ground
No
GND1
C1, C2, D3
VCC1, GND1
Power
I/O
VDD1 DCDC Power ground
No
GND2
J1, J2
VCC2, GND2
Power
I/O
VDD2 DCDC Power ground
No
GPIO0
L5
VCC7, DGND
Digital
I/O
GPIO, push-pull or OD as output
OD: external PU
GPIO1
F6
VRTC, DGND
Digital
I/O, OD GPIO or LED1 output
OD: External PU
GPIO2
L2
VRTC, DGND
Digital
I/O, OD
GPIO or DCDC clock
synchronization
OD: External PU
GPIO3
B7
VRTC, DGND
Digital
I/O, OD GPIO or LED2 output
OD: External PU
GPIO4
H7
VRTC, DGND
Digital
I/O, OD GPIO
OD: External PU
GPIO5
G6
VRTC, DGND
Digital
I/O, OD GPIO
OD: external PU
GPIO6
G3
VRTC, DGND
Digital
I/O; OD GPIO
OD: External PU
GPIO7
L4
VRTC, DGND
Digital
I/O, OD GPIO
OD: External PU
GPIO8
K5
VRTC, DGND
Digital
I/O, OD GPIO
OD: External PU
HDRST
L6
VRTC, DGND
Digital
I
Cold reset
PD
INT1
L3
VDDIO, DGND
Digital
O
Interrupt flag
No
LDO1
N6
VCC6, REFGND
Power
O
LDO Regulator output
No
LDO2
N4
VCC6, REFGND
Power
O
LDO Regulator output
No
LDO3
E7
VCC5, REFGND
Power
O
LDO Regulator output
PD 5 µA
LDO4
C8
VCC5, REFGND
Power
O
LDO Regulator output
PD 5 µA
LDO5
K1
VCC4, REFGND
Power
O
LDO Regulator output
PD 5 µA
LDO6
M2
VCC3, REFGND
Power
O
LDO Regulator output
PD 5 µA
LDO7
M3
VCC3, REFGND
Power
O
LDO Regulator output
PD 5 µA
LDO8
M1
VCC3, REFGND
Power
O
LDO Regulator output
PD 5 µA
NRESPWRON
H4
VDDIO, DGND
Digital
O
Power off reset
PD active during device
OFF state
NRESPWRON2
C7
VRTC, DGND
Digital
O, OD
Second NRESPWRON output
PD active during device
OFF state. External pullup
in ACTIVE state.
OSC32KIN
F8
VRTC, REFGND
Analog
I
32-kHz crystal oscillator
No
OSC32KOUT
F7
VRTC, REFGND
Analog
I
32-kHz crystal oscillator
No


Similar Part No. - TPS659114A2ZRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS659114A2ZRCT TI1-TPS659114A2ZRCT Datasheet
2Mb / 143P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS659114A2ZRCT TI-TPS659114A2ZRCT Datasheet
2Mb / 144P
[Old version datasheet]   TPS65911 Integrated Power Management Unit Top Specification
AUGUST 2018
More results

Similar Description - TPS659114A2ZRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65910 TI1-TPS65910 Datasheet
1Mb / 96P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS65910 TI1-TPS65910_13 Datasheet
1Mb / 96P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS65910 TI1-TPS65910_14 Datasheet
1Mb / 97P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS65911 TI1-TPS65911 Datasheet
2Mb / 143P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS65911 TI-TPS65911_V02 Datasheet
2Mb / 143P
[Old version datasheet]   TPS65911 Integrated Power Management Unit Top Specification
TPS65911 TI-TPS65911_V03 Datasheet
2Mb / 144P
[Old version datasheet]   TPS65911 Integrated Power Management Unit Top Specification
AUGUST 2018
TPS65911 TI-TPS65911_V01 Datasheet
2Mb / 142P
[Old version datasheet]   TPS65911 Integrated Power Management Unit Top Specification
TPS65911 TI-TPS65911_V04 Datasheet
2Mb / 145P
[Old version datasheet]   TPS65911 Integrated Power Management Unit Top Specification
REVISED AUGUST 2018
TPS659119-Q1 TI1-TPS659119-Q1 Datasheet
1Mb / 132P
[Old version datasheet]   Automotive Integrated Power-Management Unit
logo
National Semiconductor ...
LM26484 NSC-LM26484 Datasheet
1Mb / 18P
   Power Management Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com