Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22925 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22925
Description  3.6-V, 3-A, 9Ohm On-Resistance Load Switch
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22925 Datasheet(HTML) 3 Page - Texas Instruments

  TPS22925 Datasheet HTML 1Page - Texas Instruments TPS22925 Datasheet HTML 2Page - Texas Instruments TPS22925 Datasheet HTML 3Page - Texas Instruments TPS22925 Datasheet HTML 4Page - Texas Instruments TPS22925 Datasheet HTML 5Page - Texas Instruments TPS22925 Datasheet HTML 6Page - Texas Instruments TPS22925 Datasheet HTML 7Page - Texas Instruments TPS22925 Datasheet HTML 8Page - Texas Instruments TPS22925 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
C
B
A
Laser Marking View
C
B
A
2
1
1
2
Bump View
3
TPS22925
www.ti.com
SLVS840C – NOVEMBER 2015 – REVISED FEBRUARY 2016
Product Folder Links: TPS22925
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
5 Device Comparison Table
DEVICE
QOD
RON (mΩ)
at VIN = 3.6 V
tR (µs) at
VIN = 3.6 V
MAXIMUM OUTPUT
CURRENT
IMAX (A)
ENABLE
(ON PIN)
TPS22925B
Yes
9.2
97
3
Active High
TPS22925BN
No
TPS22925C
Yes
810
TPS22925CN
No
6 Pin Configuration and Functions
YPH Package
6–Pin DSBGA
Top View
Pin Assignments
C
GND
ON
B
VOUT
VIN
A
VOUT
VIN
1
2
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
GND
C1
GND
Ground
ON
C2
I
Switch control input. Active high. Do not leave floating.
VIN
A2
I
Switch input; bypass this input with a ceramic capacitor to ground. See Application
Information section for more detail.
B2
VOUT
A1
O
Switch output
B1


Similar Part No. - TPS22925

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22920 TI1-TPS22920 Datasheet
353Kb / 16P
[Old version datasheet]   Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
TPS22920 TI1-TPS22920 Datasheet
878Kb / 21P
[Old version datasheet]   Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
TPS22920L TI1-TPS22920L Datasheet
899Kb / 19P
[Old version datasheet]   Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
TPS22920LYZPR TI1-TPS22920LYZPR Datasheet
899Kb / 19P
[Old version datasheet]   Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
TPS22920LYZPR TI1-TPS22920LYZPR Datasheet
1Mb / 26P
[Old version datasheet]   On-Resistance, Integrated Load Switch
More results

Similar Description - TPS22925

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22970 TI1-TPS22970 Datasheet
856Kb / 22P
[Old version datasheet]   3.6-V, 4-A, 5.3-m(ohm) On-Resistance Load Switch
TPS22968-Q1 TI1-TPS22968-Q1 Datasheet
2Mb / 32P
[Old version datasheet]   5.5-V, 4-A, 27Ohm On-Resistance Load Switch
TPS22971 TI1-TPS22971 Datasheet
427Kb / 20P
[Old version datasheet]   3.6-V, 3-A, 7.5-m(ohm) On-Resistance Load Switch With Adjustable Fast Turnon and Power Good
TPS22924B TI1-TPS22924B_15 Datasheet
2Mb / 28P
[Old version datasheet]   On-Resistance Load Switch
TPS22924D TI1-TPS22924D_15 Datasheet
1Mb / 24P
[Old version datasheet]   On-Resistance Load Switch
TPS22965-Q1 TI1-TPS22965-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   On-Resistance Load Switch
TPS22914B TI1-TPS22914B Datasheet
1Mb / 26P
[Old version datasheet]   5.5-V, 2-A, 37m(ohm) On-Resistance Load Switch
TPS22995H-Q1 TI-TPS22995H-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   TPS22995H-Q1 5.5-V, 3-A, 16-mΩ On-Resistance Automotive Load Switch
JUNE 2022
TPS22995H-Q1 TI-TPS22995H-Q1_V01 Datasheet
898Kb / 24P
[Old version datasheet]   TPS22995H-Q1 5.5-V, 3-A, 19-mΩ On-Resistance Automotive Load Switch
REVISED DECEMBER 2022
TPS22920 TI1-TPS22920_16 Datasheet
1Mb / 26P
[Old version datasheet]   On-Resistance, Integrated Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com