Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22930 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS22930
Description  Ultra Small, Low On-Resistance Load Switch With Controlled Turn-on
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22930 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS22930_16 Datasheet HTML 7Page - Texas Instruments TPS22930_16 Datasheet HTML 8Page - Texas Instruments TPS22930_16 Datasheet HTML 9Page - Texas Instruments TPS22930_16 Datasheet HTML 10Page - Texas Instruments TPS22930_16 Datasheet HTML 11Page - Texas Instruments TPS22930_16 Datasheet HTML 12Page - Texas Instruments TPS22930_16 Datasheet HTML 13Page - Texas Instruments TPS22930_16 Datasheet HTML 14Page - Texas Instruments TPS22930_16 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
+
-
OFF
ON
TPS22930
VIN
VOUT
RL
CL
TEST CIRCUIT
GND
(A)
GND
tR
tF
tON
tOFF
90%
90%
10%
10%
tON/tOFF WAVEFORMS
(A) Rise and fall times of the control signal are 100ns.
VON
VOUT
VOUT
ON
GND
50%
50%
50%
50%
CIN = 10µF
11
TPS22930
www.ti.com
SLVSBL3B – NOVEMBER 2012 – REVISED FEBRUARY 2016
Product Folder Links: TPS22930
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Typical AC Scope Captures at TA = 25ºC (continued)
Figure 24. Turn-Off Response Time
(VIN = 5.5 V, CIN = 10 µF, CL = 0.1 µF, RL = 10 Ω)
Figure 25. Turn-Off Response Time
(VIN = 1.4 V, CIN = 10 µF, CL = 0.1 µF, RL = 10 Ω)
8 Parameter Measurement Information
Figure 26. Test Circuit and tON/tOFF Waveforms


Similar Part No. - TPS22930_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22930AYZVR TI-TPS22930AYZVR Datasheet
895Kb / 19P
[Old version datasheet]   ULTRA SMALL, LOW RESISTANCE LOAD SWITCH
TPS22930AYZVT TI-TPS22930AYZVT Datasheet
895Kb / 19P
[Old version datasheet]   ULTRA SMALL, LOW RESISTANCE LOAD SWITCH
More results

Similar Description - TPS22930_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22910A TI1-TPS22910A Datasheet
729Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22913 TI1-TPS22913 Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22913B TI1-TPS22913B Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22929D TI1-TPS22929D Datasheet
746Kb / 21P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22912 TI1-TPS22912 Datasheet
744Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
logo
Global Mixed-mode Techn...
G5016 GMT-G5016 Datasheet
107Kb / 1P
   Dual Ultra-Low On-Resistance Load Switch with Controlled Turn-On
logo
Advanced Power Electron...
APE8998A A-POWER-APE8998A Datasheet
702Kb / 8P
   ULTRA LOW ON RESISTANCE 3A LOAD SWITCH WITH CONTROLLED TURN ON
APE8937 A-POWER-APE8937_16 Datasheet
1Mb / 14P
   ULTRA LOW ON RESISTANCE 6A LOAD SWITCH WITH CONTROLLED TURN ON
APE8998B A-POWER-APE8998B_16 Datasheet
575Kb / 8P
   ULTRA LOW ON RESISTANCE 4A LOAD SWITCH WITH CONTROLLED TURN ON
APE8991A A-POWER-APE8991A Datasheet
1Mb / 11P
   ULTRA- LOW ON RESISTANCE, 4A LOAD SWITCH WITH CONTROLLED TURN-ON
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com