Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22930AYZVR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22930AYZVR
Description  Ultra Small, Low On-Resistance Load Switch With Controlled Turn-on
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22930AYZVR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS22930AYZVR Datasheet HTML 3Page - Texas Instruments TPS22930AYZVR Datasheet HTML 4Page - Texas Instruments TPS22930AYZVR Datasheet HTML 5Page - Texas Instruments TPS22930AYZVR Datasheet HTML 6Page - Texas Instruments TPS22930AYZVR Datasheet HTML 7Page - Texas Instruments TPS22930AYZVR Datasheet HTML 8Page - Texas Instruments TPS22930AYZVR Datasheet HTML 9Page - Texas Instruments TPS22930AYZVR Datasheet HTML 10Page - Texas Instruments TPS22930AYZVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
3
4
5
6
7
8
−40
−15
10
35
60
85
Temperature (°C)
VIN = 5.5V, CIN = 10uF, CL = 0.1uF, RL = 10Ohm
G022
2
2.4
2.8
3.2
3.6
4
−40
−15
10
35
60
85
Temperature (°C)
VIN = 5.5V, CIN = 10uF, CL = 0.1uF, RL = 10Ohm
G013
−2.5
−2
−1.5
−1
−0.5
0
0.5
1
2
3
4
5
6
VOUT (V)
−40C
25C
85C
VIN=VON=GND
G006
0
2
4
6
8
10
1
2
3
4
5
6
VOUT (V)
−40C
25C
85C
VIN=VON=GND
G007
20
30
40
50
60
70
−40
−15
10
35
60
85
Temperature (°C)
Vin = 1.4V
Vin = 1.5V
Vin = 1.8V
Vin = 2.5V
Vin = 3.3V
Vin = 3.6V
Vin = 4.2V
Vin = 5V
Vin = 5.25V
Vin = 5.5V
IOUT = −200mA
G002
0
0.1
0.2
0.3
0.4
0.5
0.6
1
2
3
4
5
6
VIN (V)
−40C
25C
85C
VON=GND, VOUT = Open
G005
7
TPS22930
www.ti.com
SLVSBL3B – NOVEMBER 2012 – REVISED FEBRUARY 2016
Product Folder Links: TPS22930
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 5. Temperature vs RON
Figure 6. IIN(off) vs VIN
Figure 7. IRCP(leak) vs VOUT
(Measured On VIN)
Figure 8. IRCP(leak) vs VOUT
(Measured on VOUT)
Figure 9. tR vs Temperature
(VIN = 5.5 V)
Figure 10. tF vs Temperature
(VIN = 5.5 V)


Similar Part No. - TPS22930AYZVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22930AYZVR TI-TPS22930AYZVR Datasheet
895Kb / 19P
[Old version datasheet]   ULTRA SMALL, LOW RESISTANCE LOAD SWITCH
More results

Similar Description - TPS22930AYZVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22910A TI1-TPS22910A Datasheet
729Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22913 TI1-TPS22913 Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22913B TI1-TPS22913B Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22929D TI1-TPS22929D Datasheet
746Kb / 21P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22912 TI1-TPS22912 Datasheet
744Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
logo
Global Mixed-mode Techn...
G5016 GMT-G5016 Datasheet
107Kb / 1P
   Dual Ultra-Low On-Resistance Load Switch with Controlled Turn-On
logo
Advanced Power Electron...
APE8998A A-POWER-APE8998A Datasheet
702Kb / 8P
   ULTRA LOW ON RESISTANCE 3A LOAD SWITCH WITH CONTROLLED TURN ON
APE8937 A-POWER-APE8937_16 Datasheet
1Mb / 14P
   ULTRA LOW ON RESISTANCE 6A LOAD SWITCH WITH CONTROLLED TURN ON
APE8998B A-POWER-APE8998B_16 Datasheet
575Kb / 8P
   ULTRA LOW ON RESISTANCE 4A LOAD SWITCH WITH CONTROLLED TURN ON
APE8991A A-POWER-APE8991A Datasheet
1Mb / 11P
   ULTRA- LOW ON RESISTANCE, 4A LOAD SWITCH WITH CONTROLLED TURN-ON
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com