Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22925BYPHR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22925BYPHR
Description  3.6-V, 3-A, 9Ohm On-Resistance Load Switch
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22925BYPHR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS22925BYPHR Datasheet HTML 7Page - Texas Instruments TPS22925BYPHR Datasheet HTML 8Page - Texas Instruments TPS22925BYPHR Datasheet HTML 9Page - Texas Instruments TPS22925BYPHR Datasheet HTML 10Page - Texas Instruments TPS22925BYPHR Datasheet HTML 11Page - Texas Instruments TPS22925BYPHR Datasheet HTML 12Page - Texas Instruments TPS22925BYPHR Datasheet HTML 13Page - Texas Instruments TPS22925BYPHR Datasheet HTML 14Page - Texas Instruments TPS22925BYPHR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
11
TPS22925
www.ti.com
SLVS840C – NOVEMBER 2015 – REVISED FEBRUARY 2016
Product Folder Links: TPS22925
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
7.8 Typical Characteristics
CIN = 1 μF, CL = 0.1 μF, RL = 10 Ω, TA = 25°C
VIN = 3.6 V
Figure 21. Turn-On Response (TPS22925Bx)
VIN = 1.8 V
Figure 22. Turn-On Response (TPS22925Bx)
VIN = 0.65 V
Figure 23. Turn-On Response (TPS22925Bx)
VIN = 3.6 V
Figure 24. Turn-On Response (TPS22925Cx)
VIN = 1.8 V
Figure 25. Turn-On Response (TPS22925Cx)
VIN = 0.65 V
Figure 26. Turn-On Response (TPS22925Cx)


Similar Part No. - TPS22925BYPHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22920 TI1-TPS22920 Datasheet
353Kb / 16P
[Old version datasheet]   Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
TPS22920 TI1-TPS22920 Datasheet
878Kb / 21P
[Old version datasheet]   Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
TPS22920L TI1-TPS22920L Datasheet
899Kb / 19P
[Old version datasheet]   Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
TPS22920LYZPR TI1-TPS22920LYZPR Datasheet
899Kb / 19P
[Old version datasheet]   Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
TPS22920LYZPR TI1-TPS22920LYZPR Datasheet
1Mb / 26P
[Old version datasheet]   On-Resistance, Integrated Load Switch
More results

Similar Description - TPS22925BYPHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22970 TI1-TPS22970 Datasheet
856Kb / 22P
[Old version datasheet]   3.6-V, 4-A, 5.3-m(ohm) On-Resistance Load Switch
TPS22968-Q1 TI1-TPS22968-Q1 Datasheet
2Mb / 32P
[Old version datasheet]   5.5-V, 4-A, 27Ohm On-Resistance Load Switch
TPS22971 TI1-TPS22971 Datasheet
427Kb / 20P
[Old version datasheet]   3.6-V, 3-A, 7.5-m(ohm) On-Resistance Load Switch With Adjustable Fast Turnon and Power Good
TPS22924B TI1-TPS22924B_15 Datasheet
2Mb / 28P
[Old version datasheet]   On-Resistance Load Switch
TPS22924D TI1-TPS22924D_15 Datasheet
1Mb / 24P
[Old version datasheet]   On-Resistance Load Switch
TPS22965-Q1 TI1-TPS22965-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   On-Resistance Load Switch
TPS22914B TI1-TPS22914B Datasheet
1Mb / 26P
[Old version datasheet]   5.5-V, 2-A, 37m(ohm) On-Resistance Load Switch
TPS22995H-Q1 TI-TPS22995H-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   TPS22995H-Q1 5.5-V, 3-A, 16-mΩ On-Resistance Automotive Load Switch
JUNE 2022
TPS22995H-Q1 TI-TPS22995H-Q1_V01 Datasheet
898Kb / 24P
[Old version datasheet]   TPS22995H-Q1 5.5-V, 3-A, 19-mΩ On-Resistance Automotive Load Switch
REVISED DECEMBER 2022
TPS22920 TI1-TPS22920_16 Datasheet
1Mb / 26P
[Old version datasheet]   On-Resistance, Integrated Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com