Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAV-551 Datasheet(PDF) 2 Page - Mini-Circuits

Part # SAV-551
Description  E-PHEMT 0.45-6GHz
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SAV-551 Datasheet(HTML) 2 Page - Mini-Circuits

  SAV-551 Datasheet HTML 1Page - Mini-Circuits SAV-551 Datasheet HTML 2Page - Mini-Circuits SAV-551 Datasheet HTML 3Page - Mini-Circuits SAV-551 Datasheet HTML 4Page - Mini-Circuits SAV-551 Datasheet HTML 5Page - Mini-Circuits SAV-551 Datasheet HTML 6Page - Mini-Circuits SAV-551 Datasheet HTML 7Page - Mini-Circuits SAV-551 Datasheet HTML 8Page - Mini-Circuits SAV-551 Datasheet HTML 9Page - Mini-Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
E-PHEMT
SAV-551+
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 2 of 13
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
DC Specifications
V
GS
Operational Gate Voltage
V
DS=3V, IDS=15 mA
0.22
0.34
0.46
V
V
TH
Threshold Voltage
V
DS=3V, IDS=4 mA
0.18
0.26
0.38
V
I
DSS
Saturated Drain Current
V
DS=3V, VGS=0 V
1.0
5.0
µA
G
M
Transconductance
V
DS=3V, Gm=∆ IDS/∆VGS
∆V
GS=VGS1-VGS2
V
GS1=VGS at IDS=15 mA
V
GS2=VGS1+0.05V
215
251
285
mS
I
GSS
Gate leakage Current
V
GD=VGS=-3V
95
µA
RF Specifications, Z
0=50 Ohms (Figure 1)
NF(1)
Noise Figure
V
DS=3V, IDS=15 mA
f=0.9 GHz
0.5
dB
f=2.0 GHz
0.6
0.9
f=3.9 GHz
1.0
f=5.8 GHz
1.8
V
DS=4V, IDS=15 mA
f=2.0 GHz
0.6
Gain
Gain
V
DS=3V, IDS=15 mA
f=0.9 GHz
20.9
dB
f=2.0 GHz
14.4
15.9
17.5
f=3.9 GHz
11.2
f=5.8 GHz
7.6
V
DS=4V, IDS=15 mA
f=2.0 GHz
16.0
OIP3
Output IP3
V
DS=3V, IDS=15 mA
f=0.9 GHz
22.4
dBm
f=2.0 GHz
20.0
24.3
f=3.9 GHz
26.9
f=5.8 GHz
28.5
V
DS=4V, IDS=15 mA
f=2.0 GHz
24.4
P1dB(2)
Power output at 1 dB
Compression
V
DS=3V, IDS=15 mA
f=0.9 GHz
17.2
dBm
f=2.0 GHz
16.0
17.5
f=3.9 GHz
18.5
f=5.8 GHz
17.5
V
DS=4V, IDS=15 mA
f=2.0 GHz
20.0
Notes:
(1) Includes test board loss (tested on Mini-Circuits TB-471+ test board)
(2) Drain current was allowed to increase during compression measurements.
(3) Operation of this device above any one of these parameters may cause permanent damage.
(4) Assumes DC quiescent conditions.
(5) I
GS is limited to 2 mA during test.
Absolute Maximum Ratings(3)
Symbol
Parameter
Max.
Units
VDS(4)
Drain-Source Voltage
5
V
VGS(4)
Gate-Source Voltage
-5 to 0.7
V
VGD(4)
Gate-Drain Voltage
-5 to 0.7
V
IDS(4)
Drain Current
100
mA
IGS
Gate Current
2
mA
PDISS
Total Dissipated Power
360
mW
PIN(5)
RF Input Power
17
dBm
TCH
Channel Temperature
150
°C
TOP
Operating Temperature
-40 to 85
°C
TSTG
Storage Temperature
-65 to 150
°C
ΘJC
Thermal Resistance
160
°C/W
Electrical Specifications at T
AMB=25°C, Frequency 0.45 to 6 GHz


Similar Part No. - SAV-551

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SAV-541 MINI-SAV-541 Datasheet
586Kb / 13P
   E-PHEMT 0.45-6GHz
SAV-541-D MINI-SAV-541-D Datasheet
321Kb / 5P
   E-PHEMT Die
SAV-541-D++ MINI-SAV-541-D+ Datasheet
321Kb / 5P
   E-PHEMT Die
SAV-581 MINI-SAV-581 Datasheet
542Kb / 11P
   E-PHEMT 0.45-6GHz
More results

Similar Description - SAV-551

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TAV-551 MINI-TAV-551 Datasheet
590Kb / 13P
   E-PHEMT 0.45-6GHz
SAV-541 MINI-SAV-541 Datasheet
586Kb / 13P
   E-PHEMT 0.45-6GHz
SAV-581 MINI-SAV-581 Datasheet
542Kb / 11P
   E-PHEMT 0.45-6GHz
TAV-581 MINI-TAV-581 Datasheet
570Kb / 11P
   E-PHEMT 0.45-6GHz
TAV-541 MINI-TAV-541 Datasheet
596Kb / 13P
   E-PHEMT 0.45-6GHz
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-2103 AVAGO-VMMK-2103 Datasheet
222Kb / 2P
   E-pHEMT Amplifier in a Wafer Scale Package (0.5 - 6GHz)
logo
RFHIC
AE663 RFHIC-AE663 Datasheet
630Kb / 8P
   E-pHEMT
AE308 RFHIC-AE308 Datasheet
308Kb / 3P
   E-pHEMT
AE608 RFHIC-AE608 Datasheet
447Kb / 8P
   E-pHEMT
AE616 RFHIC-AE616 Datasheet
352Kb / 8P
   E-pHEMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com