Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAV-581 Datasheet(PDF) 10 Page - Mini-Circuits

Part # SAV-581
Description  E-PHEMT 0.45-6GHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SAV-581 Datasheet(HTML) 10 Page - Mini-Circuits

Back Button SAV-581 Datasheet HTML 3Page - Mini-Circuits SAV-581 Datasheet HTML 4Page - Mini-Circuits SAV-581 Datasheet HTML 5Page - Mini-Circuits SAV-581 Datasheet HTML 6Page - Mini-Circuits SAV-581 Datasheet HTML 7Page - Mini-Circuits SAV-581 Datasheet HTML 8Page - Mini-Circuits SAV-581 Datasheet HTML 9Page - Mini-Circuits SAV-581 Datasheet HTML 10Page - Mini-Circuits SAV-581 Datasheet HTML 11Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
E-PHEMT
SAV-581+
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 10 of 11
Product Marking
58
ESD Rating
Human Body Model (HBM): Class 1A (250 V to < 500 V) in accordance with ANSI/ESD STM 5.1 - 2001
Machine Model (MM): Class M1 (40 V) in accordance with ANSI/ESD STM 5.2 - 1999
MSL Rating
Moisture Sensitivity: MSL1 in accordance with IPC/JEDECJ-STD-020D
Visual
Inspection
Electrical Test
SAM Analysis
Reflow 3 cycles,
260°C
Soak
85°C/85RH
168 hours
Bake at 125°C,
24 hours
Visual
Inspection
Electrical Test
SAM Analysis
Start
MSL Test Flow Chart
Additional Detailed Technical Information
Additional information is available on our web site www.minicircuits.com. To access this information
enter the model number on our web site home page.
Performance data, graphs, s-parameter data set (.zip file)
Case Style: MMM1362
Plastic molded SOT-343 (SC-70) style package, lead finish: matte tin
Suggested Layout for PCB Design: PL-300
Tape & Reel: F90
Standard quantities availabe on reel: 7” reels with 20, 50, 100, 200, 500, 1K, 2K, or 3K devices.
Characterization Test Board: TB-471+
Environmental Ratings: ENV08T2


Similar Part No. - SAV-581

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SAV-541 MINI-SAV-541 Datasheet
586Kb / 13P
   E-PHEMT 0.45-6GHz
SAV-541-D MINI-SAV-541-D Datasheet
321Kb / 5P
   E-PHEMT Die
SAV-541-D++ MINI-SAV-541-D+ Datasheet
321Kb / 5P
   E-PHEMT Die
SAV-551 MINI-SAV-551 Datasheet
582Kb / 13P
   E-PHEMT 0.45-6GHz
More results

Similar Description - SAV-581

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SAV-551 MINI-SAV-551 Datasheet
582Kb / 13P
   E-PHEMT 0.45-6GHz
TAV-551 MINI-TAV-551 Datasheet
590Kb / 13P
   E-PHEMT 0.45-6GHz
SAV-541 MINI-SAV-541 Datasheet
586Kb / 13P
   E-PHEMT 0.45-6GHz
TAV-581 MINI-TAV-581 Datasheet
570Kb / 11P
   E-PHEMT 0.45-6GHz
TAV-541 MINI-TAV-541 Datasheet
596Kb / 13P
   E-PHEMT 0.45-6GHz
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-2103 AVAGO-VMMK-2103 Datasheet
222Kb / 2P
   E-pHEMT Amplifier in a Wafer Scale Package (0.5 - 6GHz)
logo
RFHIC
AE663 RFHIC-AE663 Datasheet
630Kb / 8P
   E-pHEMT
AE308 RFHIC-AE308 Datasheet
308Kb / 3P
   E-pHEMT
AE608 RFHIC-AE608 Datasheet
447Kb / 8P
   E-pHEMT
AE616 RFHIC-AE616 Datasheet
352Kb / 8P
   E-pHEMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com