Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAV-551 Datasheet(PDF) 2 Page - Mini-Circuits

Part # TAV-551
Description  E-PHEMT 0.45-6GHz
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

TAV-551 Datasheet(HTML) 2 Page - Mini-Circuits

  TAV-551 Datasheet HTML 1Page - Mini-Circuits TAV-551 Datasheet HTML 2Page - Mini-Circuits TAV-551 Datasheet HTML 3Page - Mini-Circuits TAV-551 Datasheet HTML 4Page - Mini-Circuits TAV-551 Datasheet HTML 5Page - Mini-Circuits TAV-551 Datasheet HTML 6Page - Mini-Circuits TAV-551 Datasheet HTML 7Page - Mini-Circuits TAV-551 Datasheet HTML 8Page - Mini-Circuits TAV-551 Datasheet HTML 9Page - Mini-Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
E-PHEMT
TAV-551+
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 2 of 13
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
DC Specifications
V
GS
Operational Gate Voltage
V
DS=3V, IDS=15 mA
0.22
0.34
0.46
V
V
TH
Threshold Voltage
V
DS=3V, IDS=4 mA
0.18
0.26
0.38
V
I
DSS
Saturated Drain Current
V
DS=3V, VGS=0 V
1.0
5.0
µA
G
M
Transconductance
V
DS=3V, Gm=∆ IDS/∆VGS
∆V
GS=VGS1-VGS2
V
GS1=VGS at IDS=15 mA
V
GS2=VGS1+0.05V
215
251
285
mS
I
GSS
Gate leakage Current
V
GD=VGS=-3V
95
µA
RF Specifications, Z
0=50 Ohms (Figure 1)
NF(1)
Noise Figure
V
DS=3V, IDS=15 mA
f=0.9 GHz
0.4
dB
f=2.0 GHz
0.5
0.9
f=3.9 GHz
0.95
f=5.8 GHz
1.7
V
DS=4V, IDS=15 mA
f=2.0 GHz
0.4
Gain
Gain
V
DS=3V, IDS=15 mA
f=0.9 GHz
21.3
dB
f=2.0 GHz
15.0
16.3
17.3
f=3.9 GHz
11.3
f=5.8 GHz
8.4
V
DS=4V, IDS=15 mA
f=2.0 GHz
16.3
OIP3
Output IP3
V
DS=3V, IDS=15 mA
f=0.9 GHz
22.1
dBm
f=2.0 GHz
23.5
f=3.9 GHz
25.0
f=5.8 GHz
26.0
V
DS=4V, IDS=15 mA
f=2.0 GHz
24.0
P1dB(2)
Power output at 1 dB
Compression
V
DS=3V, IDS=15 mA
f=0.9 GHz
17.0
dBm
f=2.0 GHz
17.5
f=3.9 GHz
18.7
f=5.8 GHz
19.2
V
DS=4V, IDS=15 mA
f=2.0 GHz
20.1
Notes:
(1) Includes test board loss (measured in Mini-Circuits test board TB-154).
(2) Drain current was allowed to increase during compression measurements.
(3) Operation of this device above any one of these parameters may cause permanent damage.
(4) Assumes DC quiescent conditions.
(5) I
GS is limited to 2 mA during test.
Absolute Maximum Ratings(3)
Symbol
Parameter
Max.
Units
VDS(4)
Drain-Source Voltage
5
V
VGS(4)
Gate-Source Voltage
-5 to 0.7
V
VGD(4)
Gate-Drain Voltage
-5 to 0.7
V
IDS(4)
Drain Current
100
mA
IGS
Gate Current
2
mA
PDISS
Total Dissipated Power
550
mW
PIN(5)
RF Input Power
17
dBm
TCH
Channel Temperature
150
°C
TOP
Operating Temperature
-40 to 85
°C
TSTD
Storage Temperature
-65 to 150
°C
ΘJC
Thermal Resistance
112
°C/W
Electrical Specifications at T
AMB=25°C, Frequency 0.45 to 6 GHz


Similar Part No. - TAV-551

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TAV-541 MINI-TAV-541 Datasheet
596Kb / 13P
   E-PHEMT 0.45-6GHz
TAV-581 MINI-TAV-581 Datasheet
570Kb / 11P
   E-PHEMT 0.45-6GHz
More results

Similar Description - TAV-551

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SAV-551 MINI-SAV-551 Datasheet
582Kb / 13P
   E-PHEMT 0.45-6GHz
SAV-541 MINI-SAV-541 Datasheet
586Kb / 13P
   E-PHEMT 0.45-6GHz
SAV-581 MINI-SAV-581 Datasheet
542Kb / 11P
   E-PHEMT 0.45-6GHz
TAV-581 MINI-TAV-581 Datasheet
570Kb / 11P
   E-PHEMT 0.45-6GHz
TAV-541 MINI-TAV-541 Datasheet
596Kb / 13P
   E-PHEMT 0.45-6GHz
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-2103 AVAGO-VMMK-2103 Datasheet
222Kb / 2P
   E-pHEMT Amplifier in a Wafer Scale Package (0.5 - 6GHz)
logo
RFHIC
AE663 RFHIC-AE663 Datasheet
630Kb / 8P
   E-pHEMT
AE308 RFHIC-AE308 Datasheet
308Kb / 3P
   E-pHEMT
AE608 RFHIC-AE608 Datasheet
447Kb / 8P
   E-pHEMT
AE616 RFHIC-AE616 Datasheet
352Kb / 8P
   E-pHEMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com