Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE1V11002 Datasheet(PDF) 7 Page - Pasternack Enterprises, Inc.

Part # PE1V11002
Description  Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 25 MHz to 50 MHz, Phase Noise of -120 dBc/Hz and 0.5 inch Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE1V11002 Datasheet(HTML) 7 Page - Pasternack Enterprises, Inc.

  PE1V11002_16 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE1V11002_16 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE1V11002_16 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE1V11002_16 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE1V11002_16 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE1V11002_16 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE1V11002_16 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PE1V11002_16 Datasheet HTML 8Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
PE1V11002 REV 1.0
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 25 MHz
to 50 MHz, Phase Noise of -120 dBc/Hz and 0.5 inch Package
PE1V11002 CAD Drawing


Similar Part No. - PE1V11002_16

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1V11002 PASTERNACK-PE1V11002 Datasheet
657Kb / 8P
   0.5 inch Commercial Surface Mount Voltage
More results

Similar Description - PE1V11002_16

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1V11007 PASTERNACK-PE1V11007_16 Datasheet
977Kb / 8P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 60 MHz to 120 MHz, Phase Noise of -114 dBc/Hz and 0.5 inch Package
PE1V12002 PASTERNACK-PE1V12002 Datasheet
898Kb / 7P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 243 MHz to 270 MHz, Phase Noise of -120 dBc/Hz and 0.5 inch Package
PE1V11000 PASTERNACK-PE1V11000_16 Datasheet
975Kb / 8P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 10 MHz to 20 MHz, Phase Noise of -120 dBc/Hz and 0.5 inch Package
PE1V11001 PASTERNACK-PE1V11001_16 Datasheet
974Kb / 8P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 18 MHz to 30 MHz, Phase Noise of -120 dBc/Hz and 0.5 inch Package
PE1V11006 PASTERNACK-PE1V11006_16 Datasheet
978Kb / 8P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 50 MHz to 100 MHz, Phase Noise of -115 dBc/Hz and 0.5 inch Package
PE1V13007 PASTERNACK-PE1V13007 Datasheet
555Kb / 7P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 60 MHz to 120 MHz, Phase Noise of -114 dBc/Hz and 0.5 inch Hermetic Package
PE1V13002 PASTERNACK-PE1V13002 Datasheet
564Kb / 7P
   0.5 inch Hermetic Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 25 MHz to 50 MHz With Phase Noise of -114 dBc/Hz
PE1V13006 PASTERNACK-PE1V13006 Datasheet
557Kb / 7P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 50 MHz to 100 MHz, Phase Noise of -115 dBc/Hz and 0.5 inch Hermetic Package
PE1V11008 PASTERNACK-PE1V11008_16 Datasheet
997Kb / 8P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 75 MHz to 150 MHz, Phase Noise of -110 dBc/Hz and 0.5 inch Package
PE1V12008 PASTERNACK-PE1V12008 Datasheet
968Kb / 8P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 650 MHz to 700 MHz, Phase Noise of -121 dBc/Hz and 0.5 inch Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com