Selected language     English  ▼


7-1462000-6 Datasheet(PDF) 5 Page - Tyco Electronics

Part No. 7-1462000-6
Description  2 pole telecom/signal relay Through Hole Type (THT) Non-polarized. non-latching 1 coil
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 5 page
background image
MT2 Relay
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
-60 -50 -40 -30 -20 -10 0
10 20 30 40 50 60 70 80 90 100 110 120
150 mW coil
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
-60 -50 -40 -30 -20 -10 0
10 20 30 40 50 60 70 80 90 100 110 120
200 mW coil
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
-60 -50 -40 -30 -20 -10 0
10 20 30 40 50 60 70 80 90 100 110 120
300 mW coil
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
-60 -50 -40 -30 -20 -10 0
10 20 30 40 50 60 70 80 90 100 110 120
400 mW coil
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
-60 -50 -40 -30 -20 -10 0
10 20 30 40 50 60 70 80 90 100 110 120
550 mW coil
U
nom =
Nominal coil voltage
U
max. =
Upper limit of the operative range of
the coil voltage (limiting voltage) when coils are
continously energized
U
op. min. =
Lower limit of the operative range of
the coil voltage (reliable operate voltage)
U
rel. min. =
Lower limit of the operative range of
the coil voltage (reliable release voltage)
Coil operating range
Page 5 (9)
108-98006 Rev. C
Umax. at 0 A
Umax. at 2 x 2 A
Umax. at 2 x 1 A
Unom. nominal coil voltage
Uop. min.
Urel. min.
Ambient Temperature [°C]
Umax. at 0 A
Umax. at 2 x 2 A
Umax. at 2 x 1 A
Uop. min.
Urel. min.
Ambient Temperature [°C]
Umax. at 0 A
Umax. at 2 x 2 A
Umax. at 2 x 1 A
Unom. nominal coil voltage
Uop. min.
Urel. min.
Umax. at 0 A
Umax. at 2 x 2 A
Umax. at 2 x 1 A
Unom. nominal coil voltage
Uop. min.
Urel. min.
Umax. at 0 A
Umax. at 2 x 2 A
Umax. at 2 x 1 A
Unom. nominal coil voltage
Uop. min.
Urel. min.
Ambient Temperature [°C]
Ambient Temperature [°C]
Ambient Temperature [°C]
150 mW
200 mW
300 mW
400 mW
550 mW
Unom. nominal coil voltage




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MT2RELAY2 POLE TELECOM SIGNAL RELAY THROUGH HOLE TYPE THT NON-POLARIZED NON-LATCHING 1 COIL 1 2 3 4 5 MoreTyco Electronics
FTR-F31 POLE 3A SsLIM TYPE RELAY 1 2 3 4 5 MoreFujitsu Component Limited.
ELKECoil type EMI Filters DNF 1 2 Panasonic Semiconductor
0559-6200-00ISDN TRANSFORMERS Through Hole - Dual Package 1 Bel Fuse Inc.
TMG3D60FTMG3D60F THROUGH HOLE / ISOLATED 1 2 SanRex Corporation
SMG8C60THYRISTOR Through Hole/Non-isolated 1 2 3 SanRex Corporation
8110-11-202.079 2mm Dual Row Through Hole Vertical Headers 1 List of Unclassifed Manufacturers
2741SHIGH FREQUENCY MAGNETICS T1/E1 Through Hole Shielded Transformers 1 2 Bel Fuse Inc.
OD-X8HXXXXXPrecision SC-cut OCXO in 20x20 mm Through Hole Package 1 2 3 Nel Frequency Controls,inc
LBA120DUAL POLE OptoMOS Relay 1 2 3 4 5 MoreClare, Inc.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl