Selected language     English  ā–¼


7-1462000-6 Datasheet(PDF) 6 Page - Tyco Electronics

Part No. 7-1462000-6
Description  2 pole telecom/signal relay Through Hole Type (THT) Non-polarized. non-latching 1 coil
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 6 page
background image
Contact Data
Number of contacts and type
Contact assembly
Contact material
Limiting continuous current at max. ambient temperature
Maximum switching current
Maximum swichting voltage
Maximum switching capacity
Thermoelectric potential
Minimum switching voltage
Initial contact resistance / measuring condition: 10 mA / 20 mV
Electrical endurance
Contact application 0 (30 mV/ 10 mA)
Cable load open end
Resistive load
150 V / 0.2 A - 30 W
24 V / 1.25 A - 30 W
Mechanical endurance
UL contact ratings
2 changeover contacts
Bifurcated contacts
Silver-nickel, gold-covered
2 A
2 A
220 Vdc
250 Vac
60 W, 62.5 VA
< 10 mV
100 mV
< 70 mW
min. 5 x 106 operations
min. 2.5 x 106 operations
min. 2.0 x 105 operations
min. 2.0 x 105 operations
typ. 108 operations
220 Vdc / 0.24 A - 60 W
125 Vdc / 0.24 A - 30 W
250 Vac / 0.25 A - 62.5 VA
125 Vac / 0.5 A - 62.5 VA
30 Vdc / 2 A - 60 W
MT2 Relay
Insulation
Insulation resistance at 500 Vdc
Dielectric test voltage (1 min)
between coil and contacts
between adjacent contact sets
between open contacts
Surge voltage resistance
according to FCC 68 (10 / 160 ms) and IEC (10 / 700 ms)
between coil and contacts
between adjacent contact sets
between open contacts
> 109 W
1050 Vrms
750 Vrms
750 Vrms
1500 V
1500 V
1500 V
Page 6 (9)
108-98006 Rev. C
Max. DC load breaking capacity
DC current [A]




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MT2RELAY2 POLE TELECOM SIGNAL RELAY THROUGH HOLE TYPE THT NON-POLARIZED NON-LATCHING 1 COIL 1 2 3 4 5 MoreTyco Electronics
FTR-F31 POLE 3A SsLIM TYPE RELAY 1 2 3 4 5 MoreFujitsu Component Limited.
ELKECoil type EMI Filters DNF 1 2 Panasonic Semiconductor
0559-6200-00ISDN TRANSFORMERS Through Hole - Dual Package 1 Bel Fuse Inc.
TMG3D60FTMG3D60F THROUGH HOLE / ISOLATED 1 2 SanRex Corporation
SMG8C60THYRISTOR Through Hole/Non-isolated 1 2 3 SanRex Corporation
8110-11-202.079 2mm Dual Row Through Hole Vertical Headers 1 List of Unclassifed Manufacturers
2741SHIGH FREQUENCY MAGNETICS T1/E1 Through Hole Shielded Transformers 1 2 Bel Fuse Inc.
OD-X8HXXXXXPrecision SC-cut OCXO in 20x20 mm Through Hole Package 1 2 3 Nel Frequency Controls,inc
LBA120DUAL POLE OptoMOS Relay 1 2 3 4 5 MoreClare, Inc.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl