Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE1V11014 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE1V11014
Description  Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 400 MHz to 800 MHz, Phase Noise of -96 dBc/Hz and 0.5 inch Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE1V11014 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE1V11014_16 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE1V11014_16 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE1V11014_16 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE1V11014_16 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE1V11014_16 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE1V11014_16 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE1V11014_16 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PE1V11014_16 Datasheet HTML 8Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Mechanical Specifications
Size
Length
0.5 in [12.7 mm]
Width
0.5 in [12.7 mm]
Height
0.13 in [3.3 mm]
.
Weight
0.01 lbs [4.54 g]
Body Material and Plating
Copper Clad, Nickel, Gold
Design
Commercial
Environmental Specifications
Temperature
Operating Range
-40 to +85 deg C
Storage Range
-55 to +125 deg C
Humidity
MIL-STD-202, Method 103, 90% RH, +65 C
Shock
MIL-STD-202, Method 213I
Vibration
MIL-STD-202, Method 204D
Temperature Cycle
MIL-STD-202, Method 107B
ESD Sensitivity
ESD Sensitive Material, Transport material in Approved
ESD bags. Handle only in ESD Workstation.
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2015
Plotted and Other Data
Notes:
PE1V11014 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 400 MHz to 800 MHz, Phase
Noise of -96 dBc/Hz and 0.5 inch Package PE1V11014
Voltage Control Oscillators Technical Data Sheet
PE1V11014
Surface Mount (SMT) Voltage Controlled Oscillator
(VCO) From 400 MHz to 800 MHz, Phase Noise
of -96 dBc/Hz and 0.5 inch Package


Similar Part No. - PE1V11014_16

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1V11014 PASTERNACK-PE1V11014 Datasheet
972Kb / 8P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 400 MHz to 800 MHz, Phase Noise of -96 dBc/Hz and 0.5 inch Package
More results

Similar Description - PE1V11014_16

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1V11014 PASTERNACK-PE1V11014 Datasheet
972Kb / 8P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 400 MHz to 800 MHz, Phase Noise of -96 dBc/Hz and 0.5 inch Package
PE1V13012 PASTERNACK-PE1V13012 Datasheet
560Kb / 7P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 400 MHz to 800 MHz, Phase Noise of -96 dBc/Hz and 0.5 inch Hermetic Package
PE1V11011 PASTERNACK-PE1V11011_16 Datasheet
975Kb / 8P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 200 MHz to 400 MHz, Phase Noise of -106 dBc/Hz and 0.5 inch Package
PE1V12004 PASTERNACK-PE1V12004 Datasheet
896Kb / 7P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 380 MHz to 400 MHz, Phase Noise of -124 dBc/Hz and 0.5 inch Package
PE1V12005 PASTERNACK-PE1V12005 Datasheet
900Kb / 7P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 400 MHz to 430 MHz, Phase Noise of -123 dBc/Hz and 0.5 inch Package
PE1V11011 PASTERNACK-PE1V11011 Datasheet
975Kb / 8P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 200 MHz to 400 MHz, Phase Noise of -106 dBc/Hz and 0.5 inch Package
PE1V11013 PASTERNACK-PE1V11013_16 Datasheet
976Kb / 8P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 400 MHz to 600 MHz, Phase Noise of -102 dBc/Hz and 0.5 inch Package
PE1V11012 PASTERNACK-PE1V11012_16 Datasheet
970Kb / 8P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 300 MHz to 400 MHz, Phase Noise of -102 dBc/Hz and 0.5 inch Package
PE1V13011 PASTERNACK-PE1V13011 Datasheet
489Kb / 6P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 200 MHz to 400 MHz, Phase Noise of -106 dBc/Hz and 0.5 inch Hermetic Package
PE1V11016 PASTERNACK-PE1V11016 Datasheet
665Kb / 8P
   0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 600 MHz to 1,000 MHz With Phase Noise of -96 dBc/Hz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com