Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE1V11016 Datasheet(PDF) 8 Page - Pasternack Enterprises, Inc.

Part # PE1V11016
Description  0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 600 MHz to 1,000 MHz With Phase Noise of -96 dBc/Hz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE1V11016 Datasheet(HTML) 8 Page - Pasternack Enterprises, Inc.

  PE1V11016_16 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE1V11016_16 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE1V11016_16 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE1V11016_16 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE1V11016_16 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE1V11016_16 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE1V11016_16 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PE1V11016_16 Datasheet HTML 8Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
PE1V11016 REV 1.0
0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator
(VCO) From 600 MHz to 1,000 MHz With Phase Noise of -96 dBc/Hz
PE1V11016 CAD Drawing


Similar Part No. - PE1V11016_16

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1V11016 PASTERNACK-PE1V11016 Datasheet
665Kb / 8P
   0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 600 MHz to 1,000 MHz With Phase Noise of -96 dBc/Hz
More results

Similar Description - PE1V11016_16

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1V11016 PASTERNACK-PE1V11016 Datasheet
665Kb / 8P
   0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 600 MHz to 1,000 MHz With Phase Noise of -96 dBc/Hz
PE1V11014 PASTERNACK-PE1V11014 Datasheet
972Kb / 8P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 400 MHz to 800 MHz, Phase Noise of -96 dBc/Hz and 0.5 inch Package
PE1V11014 PASTERNACK-PE1V11014_16 Datasheet
972Kb / 8P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 400 MHz to 800 MHz, Phase Noise of -96 dBc/Hz and 0.5 inch Package
PE1V11013 PASTERNACK-PE1V11013_16 Datasheet
976Kb / 8P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 400 MHz to 600 MHz, Phase Noise of -102 dBc/Hz and 0.5 inch Package
PE1V13012 PASTERNACK-PE1V13012 Datasheet
560Kb / 7P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 400 MHz to 800 MHz, Phase Noise of -96 dBc/Hz and 0.5 inch Hermetic Package
PE1V13004 PASTERNACK-PE1V13004 Datasheet
565Kb / 7P
   0.5 inch Hermetic Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 40 MHz to 80 MHz With Phase Noise of -117 dBc/Hz
PE1V11017 PASTERNACK-PE1V11017_16 Datasheet
670Kb / 8P
   0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 800 MHz to 1.2 GHz With Phase Noise of -95 dBc/Hz
PE1V11017 PASTERNACK-PE1V11017 Datasheet
670Kb / 8P
   0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 800 MHz to 1.2 GHz With Phase Noise of -95 dBc/Hz
PE1V13005 PASTERNACK-PE1V13005 Datasheet
553Kb / 7P
   0.5 inch Hermetic Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 40 MHz to 100 MHz With Phase Noise of -118 dBc/Hz
PE1V13001 PASTERNACK-PE1V13001 Datasheet
554Kb / 7P
   0.5 inch Hermetic Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 18 MHz to 30 MHz With Phase Noise of -120 dBc/Hz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com