Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFS730A Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TFS730A
Description  Vectron International Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS730A Datasheet(HTML) 2 Page - Vectron International, Inc

  TFS730A Datasheet HTML 1Page - Vectron International, Inc TFS730A Datasheet HTML 2Page - Vectron International, Inc TFS730A Datasheet HTML 3Page - Vectron International, Inc TFS730A Datasheet HTML 4Page - Vectron International, Inc TFS730A Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Filename: tfs 730a.doc
Version 2.1
07.01.2014
Vectron International
Filter specification
TFS 730A
2/5
Vectron International GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@vectron.com
Vectron International GmbH reserves the right to make changes to the product(s) and/or information contained herein without notice.
No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or
information.
Filter characteristic
Construction and pin connection
(All dimensions in mm)
50
Test circuit
L1
SAW
L2
2
6
1, 3, 4, 5, 7, 8
730A
E02
1
Ground
2
Input
3
Ground
4
Ground
5
Ground
6
Output
7
Ground
8
Ground
Date code:
Year + week
E
2014
F
2015
G
2016
...
1
121
241
361
481
601
721
841
961
1081
1201
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
frequency in MHz
700
706
712
718
724
730
736
742
748
754
760
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
frequency in MHz
700
706
712
718
724
730
736
742
748
754
760
-0.05
-0.005
0.04
0.085
0.13
0.175
0.22
0.265
0.31
0.355
0.4
frequency in MHz


Similar Part No. - TFS730A

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS733 VECTRON-TFS733 Datasheet
340Kb / 5P
   Vectron International Filter specification
TFS737 VECTRON-TFS737 Datasheet
86Kb / 5P
   Vectron International Filter specification
TFS737A VECTRON-TFS737A Datasheet
91Kb / 5P
   Vectron International Filter specification
More results

Similar Description - TFS730A

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS175K VECTRON-TFS175K Datasheet
94Kb / 5P
   Vectron International Filter specification
TFS1750C VECTRON-TFS1750C Datasheet
85Kb / 5P
   Vectron International Filter specification
TFS2040 VECTRON-TFS2040 Datasheet
199Kb / 5P
   Vectron International Filter specification
TFS2457 VECTRON-TFS2457 Datasheet
87Kb / 5P
   Vectron International Filter specification
TFS2570 VECTRON-TFS2570 Datasheet
71Kb / 5P
   Vectron International Filter specification
TFS180P VECTRON-TFS180P Datasheet
108Kb / 5P
   Vectron International Filter specification
TFS918A VECTRON-TFS918A Datasheet
169Kb / 5P
   Vectron International Filter specification
TFS1255A VECTRON-TFS1255A Datasheet
91Kb / 5P
   Vectron International Filter specification
TFS1370 VECTRON-TFS1370 Datasheet
83Kb / 5P
   Vectron International Filter specification
TFS1538 VECTRON-TFS1538 Datasheet
87Kb / 5P
   Vectron International Filter specification
TFS832A VECTRON-TFS832A Datasheet
85Kb / 5P
   Vectron International Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com