Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQP03TQ2N6B02D Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # LQP03TQ2N6B02D
Description  Inductor Data Sheet
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQP03TQ2N6B02D Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  LQP03TQ2N6B02D Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQP03TQ2N6B02D Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LQP03TQ2N6B02#
# indicates a package specification code.
< List of part numbers with package codes >
LQP03TQ2N6B02D , LQP03TQ2N6B02J , LQP03TQ2N6B02B
Shape
L size
0.6 ±0.03mm
W size
0.3 ±0.03mm
T size
0.3 ±0.02mm
Size code in inch (mm)
0201 (0603)
Specifications
Inductance
2.6nH ±0.1nH
Inductance test frequency
500MHz
Rated current (Itemp) (Based on Temperature rise)
550mA
Max. of DC resistance
0.15Ω
Q (min.)
17
Self resonance frequency (min.)
10000MHz
Operating temperature range
-55∼125℃
Class of magnetic shield
No magnetic shield
References
Packaging
code
Specifications
Minimum quantity
φ180mm Paper taping
15000
φ330mm Paper taping
50000
Packing in bulk
500
Mass (Typ.)
1 piece
0.0002g
1 of 2
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, its specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last updated: 2016/04/11


Similar Part No. - LQP03TQ2N6B02D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQP03TQ2N6C02 MURATA-LQP03TQ2N6C02 Datasheet
68Kb / 2P
   Inductor Data Sheet
LQP03TQ2N6C02B MURATA-LQP03TQ2N6C02B Datasheet
68Kb / 2P
   Inductor Data Sheet
LQP03TQ2N6C02D MURATA-LQP03TQ2N6C02D Datasheet
68Kb / 2P
   Inductor Data Sheet
LQP03TQ2N6C02J MURATA-LQP03TQ2N6C02J Datasheet
68Kb / 2P
   Inductor Data Sheet
More results

Similar Description - LQP03TQ2N6B02D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH3NPN101MME MURATA-LQH3NPN101MME Datasheet
90Kb / 2P
   Inductor Data Sheet
LQP03TQ1N0W02 MURATA-LQP03TQ1N0W02 Datasheet
70Kb / 2P
   Inductor Data Sheet
LQP03TQ13NJ02 MURATA-LQP03TQ13NJ02 Datasheet
69Kb / 2P
   Inductor Data Sheet
LQP03TQ1N5W02 MURATA-LQP03TQ1N5W02 Datasheet
69Kb / 2P
   Inductor Data Sheet
LQP03TQ1N8C02 MURATA-LQP03TQ1N8C02 Datasheet
68Kb / 2P
   Inductor Data Sheet
LQP03TQ2N7C02 MURATA-LQP03TQ2N7C02 Datasheet
68Kb / 2P
   Inductor Data Sheet
LQH3NPN3R3MME MURATA-LQH3NPN3R3MME Datasheet
91Kb / 2P
   Inductor Data Sheet
LQH3NPZ6R8MME MURATA-LQH3NPZ6R8MME Datasheet
92Kb / 2P
   Inductor Data Sheet
LQH3NPZ470MME MURATA-LQH3NPZ470MME Datasheet
91Kb / 2P
   Inductor Data Sheet
LQP03TQ0N6B02 MURATA-LQP03TQ0N6B02 Datasheet
70Kb / 2P
   Inductor Data Sheet
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com