Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-80718AL Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # S-80718AL
Description  HIGH-PRECISION VOLTAGE DETECTOR
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-80718AL Datasheet(HTML) 4 Page - Seiko Instruments Inc

  S-80718AL Datasheet HTML 1Page - Seiko Instruments Inc S-80718AL Datasheet HTML 2Page - Seiko Instruments Inc S-80718AL Datasheet HTML 3Page - Seiko Instruments Inc S-80718AL Datasheet HTML 4Page - Seiko Instruments Inc S-80718AL Datasheet HTML 5Page - Seiko Instruments Inc S-80718AL Datasheet HTML 6Page - Seiko Instruments Inc S-80718AL Datasheet HTML 7Page - Seiko Instruments Inc S-80718AL Datasheet HTML 8Page - Seiko Instruments Inc S-80718AL Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
HIGH-PRECISION VOLTAGE DETECTOR
S-807 Series
Seiko Instruments Inc.
3

 Selection Guide
Table 1
Detection
voltage
range (V)
Hysteresis
width
typ. (V)
CMOS output (Low)
CMOS output (High)
Nch open-drain
TO-92
SOT-89-3*
SOT-23-5*
TO-92
SOT-89-3*
TO-92
SOT-89-3*
SOT-23-5*
1.5 V
±2.4%
0.075
S-80715AL-AC-X
S-80715AN-DC-X
1.6 V
±2.4%
0.08
S-80716AL-AD-X
S-80716AN S-80716AN-DD-X
1.7 V
±2.4%
0.085
S-80717AL S-80717AL-AE-X
S-80717AN S-80717AN-DE-X S-80717SN-DE-X
1.8 V
±2.4%
0.09
S-80718AL S-80718AL-AF-X S-80718SL-AF-X
S-80718AH-BF-T1 S-80718AN S-80718AN-DF-X
1.9 V
±2.4%
0.095
S-80719AL S-80719AL-AG-X S-80719SL-AG-X
S-80719AN S-80719AN-DG-X S-80719SN-DG-X
2.0 V
±2.4%
0.1
S-80720AL-AH-X S-80720SL-AH-X
S-80720AN S-80720AN-DH-X S-80720SN-DH-X
2.1 V
±2.4%
0.105
S-80721AL S-80721AL-AJ-X
S-80721SL-AJ-X
S-80721AN S-80721AN-DJ-X
S-80721SN-DJ-X
2.2 V
±2.4%
0.11
S-80722AL S-80722AL-AK-X
S-80722AN S-80722AN-DK-X
2.3 V
±2.4%
0.115
S-80723AL S-80723AL-AL-X
S-80723SL-AL-X
S-80723AN S-80723AN-DL-X
S-80723SN-DL-X
2.4 V
±2.4%
0.12
S-80724AL S-80724AL-AM-X
S-80724AN S-80724AN-DM-X S-80724SN-DM-X
2.5 V
±2.4%
0.125
S-80725AL S-80725AL-AN-X S-80725SL-AN-X
S-80725AH-BN-X S-80725AN S-80725AN-DN-X S-80725SN-DN-X
2.6 V
±2.4%
0.13
S-80726AL-AP-X
S-80726AN S-80726AN-DP-X
2.7 V
±2.4%
0.135
S-80727AL S-80727AL-AQ-X S-80727SL-AQ-X
S-80727AN S-80727AN-DQ-X S-80727SN-DQ-X
2.8 V
±2.4%
0.14
S-80728AL-AR-X S-80728SL-AR-X
S-80728AN S-80728AN-DR-X S-80728SN-DR-X
2.9 V
±2.4%
0.145
S-80729AL S-80729AL-AS-X
S-80729AN-DS-X
3.0 V
±2.4%
0.15
S-80730AL S-80730AL-AT-X S-80730SL-AT-X
S-80730AN S-80730AN-DT-X S-80730SN-DT-X
3.1 V
±2.4%
0.155
S-80731AL S-80731AL-AV-X
S-80731AH S-80731AH-BV-X S-80731AN S-80731AN-DV-X
3.2 V
±2.4%
0.16
S-80732AL S-80732AL-AW-X S-80732SL-AW-X
S-80732AN S-80732AN-DW-X
3.3 V
±2.4%
0.165
S-80733AL S-80733AL-AX-X S-80733SL-AX-X S-80733AH
S-80733AN S-80733AN-DX-X S-80733SN-DX-X
3.4 V
±2.4%
0.17
S-80734AL S-80734AL-AY-X
S-80734AN S-80734AN-DY-X
3.5 V
±2.4%
0.175
S-80735AL S-80735AL-AZ-X S-80735SL-AZ-X
S-80735AN S-80735AN-DZ-X S-80735SN-DZ-X
3.6V
±2.4%
0.18
S-80736AL-A0-X
S-80736AN S-80736AN-D0-X
3.7V
±2.4%
0.185
S-80737AL S-80737AL-A1-X
S-80737AN S-80737AN-D1-X
3.8 V
±2.4%
0.19
S-80738AL S-80738AL-A2-X
S-80738AN S-80738AN-D2-X
3.9 V
±2.4%
0.195
S-80739AL S-80739AL-A3-X
S-80739AN S-80739AN-D3-X
4.0 V
±2.4%
0.2
S-80740AL S-80740AL-A4-X
S-80740SL-A4-X S-80740AH S-80740AH-B4-X S-80740AN S-80740AN-D4-X
S-80740SN-D4-X
4.1 V
±2.4%
0.205
S-80741AL S-80741AL-A5-X
S-80741AN S-80741AN-D5-X
4.2 V
±2.4%
0.21
S-80742AL S-80742AL-A6-X
S-80742SL-A6-X
S-80742AN S-80742AN-D6-X
S-80742SN-D6-X
4.3 V
±2.4%
0.215
S-80743AL S-80743AL-A7-X
S-80743AN S-80743AN-D7-X
4.4 V
±2.4%
0.22
S-80744AL S-80744AL-A8-X
S-80744AN S-80744AN-D8-X
S-80744SN-D8-X
4.295
to
4.605
Release
voltage
4.70 max.
S-80744HL S-80744HL-U8-X
4.5 V
±2.4%
0.225
S-80745AL S-80745AL-A9-X
S-80745SL-A9-X
S-80745AH-B9-X S-80745AN S-80745AN-D9-X
S-80745SN-D9-X
4.6 V
±2.4%
0.23
S-80746AL S-80746AL-EA-X
S-80746AN-JA-X
4.7 V
±2.4%
0.235
S-80747AL S-80747AL-EB-X
S-80747AN-JB-X
4.8 V
±2.4%
0.24
S-80748AL-EC-X
S-80748AN S-80748AN-JC-X
4.9 V
±2.4%
0.245
S-80749AL-ED-X
S-80749AN-JD-X
5.0 V
±2.4%
0.25
S-80750AL-EE-X S-80750SL-EE-X
S-80750AN S-80750AN-JE-X
S-80750SN-JE-X
5.1 V
±2.4%
0.255
S-80751AL
S-80751SL-EF-X
S-80751AN S-80751AN-JF-X
S-80751SN-JF-X
5.2 V
±2.4%
0.26
S-80752AL-EG-T1 S-80752SL-EG-T1
S-80752AN-JG-T1
5.3 V
±2.4%
0.265
S-80753AN
5.5 V
±2.4%
0.275
S-80755AL-EK-X
6.1 V
±2.4%
0.305
S-80761SL-ER-X
6.3 V
±2.4%
0.315
S-80763AN-JT-X
7.7V
±2.4%
0.385
S-80777SN-J8-X
*
The last digit of the model name changes depending upon the packing form when it is an SOT package product (S-807XXSX
Series is packed on tape).
S : Stick
T : Tape (T1 and T2 types are available depending on the direction of detectors on the tape.)
** Please ask our sales person if you need another detection voltage product.


Similar Part No. - S-80718AL

ManufacturerPart #DatasheetDescription
logo
DONGABESTECH.
S-80 DONGABESTECH-S-80 Datasheet
784Kb / 1P
   A2F CABLE GLAND
logo
Cooper Bussmann, Inc.
S-8000 COOPER-S-8000 Datasheet
129Kb / 2P
   1/4 x 11/4 Fuse Blocks
S-8000 COOPER-S-8000 Datasheet
120Kb / 2P
   S-8000 Series
S-8000 COOPER-S-8000 Datasheet
120Kb / 2P
   1/4" x 11/4" Fuse Blocks
logo
Copal Electronics
S-8000 COPAL-S-8000 Datasheet
1Mb / 4P
   ROTARY CODED SWITCHES
More results

Similar Description - S-80718AL

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6352 EMMICRO-EM6352 Datasheet
409Kb / 7P
   Voltage Detector, High-Precision
logo
Seiko Instruments Inc
S-808 SII-S-808 Datasheet
1Mb / 20P
   LOW-VOLTAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
ACE Technology Co., LTD...
ACE303 ACE-ACE303 Datasheet
1Mb / 12P
   High-precision Low Voltage Detector
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8506D BELLING-BL8506D Datasheet
211Kb / 12P
   High-precision Low Voltage Detector
logo
Lowpower Semiconductor ...
LP3808 POWER-LP3808 Datasheet
266Kb / 5P
   High-precision Low Voltage Detector
logo
SHANGHAI BELLING CO., L...
BL8504 BELLING-BL8504 Datasheet
383Kb / 10P
   High-Precision Low Voltage Detector
logo
ACE Technology Co., LTD...
ACE301 ACE-ACE301_1 Datasheet
399Kb / 19P
   High-precision Low Voltage Detector
VER 1.4
logo
Advanced Analog Technol...
AAT602 AAT-AAT602 Datasheet
275Kb / 8P
   HIGH-PRECISION RESET VOLTAGE DETECTOR
logo
ACE Technology Co., LTD...
ACE301 ACE-ACE301_12 Datasheet
900Kb / 19P
   High-precision Low Voltage Detector
VER 1.6
ACE301 ACE-ACE301 Datasheet
399Kb / 19P
   High-precision Low Voltage Detector
VER 1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com