Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE1V12005 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE1V12005
Description  Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 400 MHz to 430 MHz, Phase Noise of -123 dBc/Hz and 0.5 inch Package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE1V12005 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE1V12005 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE1V12005 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE1V12005 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE1V12005 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE1V12005 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE1V12005 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE1V12005 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Typical Performance Data
360
380
400
420
440
460
0
2
4
6
8
10
Tuning Voltage (V)
Frequency vs Tuning Voltage
Output Freq
-180
-150
-120
-90
-60
-30
0
0.1
1
10
100
1000
Offset Frequency (kHz)
Phase Noise
Phase Noise
PE1V12005 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 400 MHz to 430 MHz, Phase
Noise of -123 dBc/Hz and 0.5 inch Package PE1V12005
Voltage Control Oscillators Technical Data Sheet
PE1V12005
Surface Mount (SMT) Voltage Controlled Oscillator
(VCO) From 400 MHz to 430 MHz, Phase Noise
of -123 dBc/Hz and 0.5 inch Package


Similar Part No. - PE1V12005

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1V12000 PASTERNACK-PE1V12000 Datasheet
671Kb / 8P
   0.5 inch Commercial Surface Mount Voltage Controlled Oscillator (VCO) Operating From 130 MHz
PE1V12000 PASTERNACK-PE1V12000_16 Datasheet
989Kb / 8P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 130 MHz to 175 MHz, Phase Noise of -125 dBc/Hz and 0.5 inch Package
PE1V12001 PASTERNACK-PE1V12001 Datasheet
901Kb / 7P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 195 MHz to 240 MHz, Phase Noise of -125 dBc/Hz and 0.5 inch Package
PE1V12002 PASTERNACK-PE1V12002 Datasheet
898Kb / 7P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 243 MHz to 270 MHz, Phase Noise of -120 dBc/Hz and 0.5 inch Package
PE1V12003 PASTERNACK-PE1V12003 Datasheet
897Kb / 7P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 260 MHz to 280 MHz, Phase Noise of -123 dBc/Hz and 0.5 inch Package
More results

Similar Description - PE1V12005

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1V12006 PASTERNACK-PE1V12006 Datasheet
904Kb / 7P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 430 MHz to 470 MHz, Phase Noise of -122 dBc/Hz and 0.5 inch Package
PE1V12003 PASTERNACK-PE1V12003 Datasheet
897Kb / 7P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 260 MHz to 280 MHz, Phase Noise of -123 dBc/Hz and 0.5 inch Package
PE1V11011 PASTERNACK-PE1V11011_16 Datasheet
975Kb / 8P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 200 MHz to 400 MHz, Phase Noise of -106 dBc/Hz and 0.5 inch Package
PE1V12004 PASTERNACK-PE1V12004 Datasheet
896Kb / 7P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 380 MHz to 400 MHz, Phase Noise of -124 dBc/Hz and 0.5 inch Package
PE1V11014 PASTERNACK-PE1V11014 Datasheet
972Kb / 8P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 400 MHz to 800 MHz, Phase Noise of -96 dBc/Hz and 0.5 inch Package
PE1V11011 PASTERNACK-PE1V11011 Datasheet
975Kb / 8P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 200 MHz to 400 MHz, Phase Noise of -106 dBc/Hz and 0.5 inch Package
PE1V11014 PASTERNACK-PE1V11014_16 Datasheet
972Kb / 8P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 400 MHz to 800 MHz, Phase Noise of -96 dBc/Hz and 0.5 inch Package
PE1V11013 PASTERNACK-PE1V11013_16 Datasheet
976Kb / 8P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 400 MHz to 600 MHz, Phase Noise of -102 dBc/Hz and 0.5 inch Package
PE1V11012 PASTERNACK-PE1V11012_16 Datasheet
970Kb / 8P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 300 MHz to 400 MHz, Phase Noise of -102 dBc/Hz and 0.5 inch Package
PE1V13012 PASTERNACK-PE1V13012 Datasheet
560Kb / 7P
   Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 400 MHz to 800 MHz, Phase Noise of -96 dBc/Hz and 0.5 inch Hermetic Package
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com