Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2E-S-DC5V Datasheet(PDF) 6 Page - Nais(Matsushita Electric Works)

Part # DS2E-S-DC5V
Description  HIGHLY SENSITIVE 1500 V FCC SURGE WITHSTANDING MINIATURE RELAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

DS2E-S-DC5V Datasheet(HTML) 6 Page - Nais(Matsushita Electric Works)

  DS2E-S-DC5V Datasheet HTML 1Page - Nais(Matsushita Electric Works) DS2E-S-DC5V Datasheet HTML 2Page - Nais(Matsushita Electric Works) DS2E-S-DC5V Datasheet HTML 3Page - Nais(Matsushita Electric Works) DS2E-S-DC5V Datasheet HTML 4Page - Nais(Matsushita Electric Works) DS2E-S-DC5V Datasheet HTML 5Page - Nais(Matsushita Electric Works) DS2E-S-DC5V Datasheet HTML 6Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
DS
191
4-(1). Coil termperature rise
(2 Form C single side stable type)
Point measured: Inside the coil
Ambient temperature: 18
° to 19°C 64° to 66°F
4-(2). Coil tempeature rise
(4 Form C single side stable type)
Point measured: Inside the coil
Ambient temperature: 17
° to 18°C 63° to 64°F
4-(3). Coil temperature rise
(2 Form C 2 coil latching type)
Point measured: Inside the coil
Ambient temperature: 20
° to 21°C 68° to 70°F
10
20
30
40
50
60
0
100
110
3A
2A
0A
Coil applied voltage, %V
10
20
30
40
50
60
0
100
110
3A
2A
0A
Coil applied voltage, %V
10
20
30
40
50
60
0
100
110
3A
2A
0A
Coil applied voltage, %V
Reset coil
Set coil
4-(4). Coil temperature rise
(4 Form C 2 coil latching type)
Point measured: Inside the coil
Ambient temperature: 20
°C 68°F
5. Operate and release time characteristics
(2 Form C single side stable type)
Test condition: Without diode connected to coil in par-
allel
6-(1). Influence of adjuacent mounting
(1 Form C)
10
20
30
40
50
60
0
100
110
3A
2A
0A
Coil applied voltage, %V
Reset coil
Set coil
1
2
3
4
0
80
100
120
Release time (mean)
Operate time (mean)
Coil applied voltage, %
–10
0
10
–10
0
10
5
.197
10
.394
Inter-relay distance , mm inch
Pick-up voltage
Drop-out voltage
(1) (2) (3)
OFF
OFF
ON
ON
OFF
OFF
ON
ON
6-(2). Influence of adjacent mounting
(2 Form C)
6-(3). Influence of adjacent mounting
(4 Form C)
–10
0
10
–10
0
10
5
.197
10
.394
OFF
OFF
ON
ON
OFF
OFF
ON
ON
Inter-relay distance , mm inch
Pick-up voltage
Drop-out voltage
(1) (2) (3)
–80
–60
–40
–20
0
20
40
60
80
10
.394
20
.787
OFF
OFF
ON
ON
OFF
OFF
ON
ON
Inter-relay distance , mm inch
Pick-up voltage
(1) (2) (3)
–80
–60
–40
–20
0
20
40
60
80
10
.394
20
.787
OFF
OFF
ON
ON
OFF
OFF
ON
ON
Inter-relay distance , mm inch
Drop-out voltage
(1) (2) (3)
For Cautions for Use, see Relay Technical Information
9/1/2000
All Rights Reserved, © Copyright Matsushita Electric Works, Ltd.


Similar Part No. - DS2E-S-DC5V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DS2E-S-DC5V PANASONIC-DS2E-S-DC5V Datasheet
92Kb / 6P
   High Reliability Relay for Various Applications
DS2E-S-DC5V PANASONIC-DS2E-S-DC5V Datasheet
333Kb / 7P
   HIGHLY SENSITIVE 1500 V FCC SURGE BREAKDOWN VOLTAGE MINIATURE RELAY
August 31,2009
More results

Similar Description - DS2E-S-DC5V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AG252944 PANASONIC-AG252944 Datasheet
333Kb / 7P
   HIGHLY SENSITIVE 1500 V FCC SURGE BREAKDOWN VOLTAGE MINIATURE RELAY
August 31,2009
logo
Nais(Matsushita Electri...
DS2YE-S-DC5V NAIS-DS2YE-S-DC5V Datasheet
317Kb / 3P
   2 FORM C-200 mW SENSITIVE MINIATURE RELAY 1500 V FCC SURGE WITHSTAND
logo
Omron Electronics LLC
G5V1 OMRON-G5V1 Datasheet
314Kb / 4P
   Ultra-miniature, Highly Sensitive SPDT Relay for Signal Circuits
logo
MERITEK ELECTRONICS COR...
CRSW MERITEK-CRSW Datasheet
605Kb / 4P
   Surge Withstanding Chip Resistor
logo
New Jersey Semi-Conduct...
X0402MF NJSEMI-X0402MF Datasheet
82Kb / 1P
   Highly sensitive triggering levels
X0405MF NJSEMI-X0405MF Datasheet
47Kb / 1P
   Highly sensitive triggering levels
logo
Stackpole Electronics, ...
RPCA SEI-RPCA Datasheet
824Kb / 13P
   Automotive Grade Surge Withstanding Chip Resistor
8/11/2022
logo
ZETTLER Electronics
AZ6951 ZETTLER-AZ6951 Datasheet
381Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
logo
List of Unclassifed Man...
AZ699 ETC-AZ699 Datasheet
128Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
AZ695 ETC1-AZ695 Datasheet
45Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com