Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP70SL1K4AJB Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP70SL1K4AJB
Description  Fast Switching Characteristic
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP70SL1K4AJB Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP70SL1K4AJB Datasheet HTML 1Page - Advanced Power Electronics Corp. AP70SL1K4AJB Datasheet HTML 2Page - Advanced Power Electronics Corp. AP70SL1K4AJB Datasheet HTML 3Page - Advanced Power Electronics Corp. AP70SL1K4AJB Datasheet HTML 4Page - Advanced Power Electronics Corp. AP70SL1K4AJB Datasheet HTML 5Page - Advanced Power Electronics Corp. AP70SL1K4AJB Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AP70SL1K4AJB
Advanced Power
N-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
▼ 100% R
g & UIS Test
VDS @ Tj,max.
750V
▼ Fast Switching Characteristic
RDS(ON)
1.4Ω
▼ Simple Drive Requirement
ID
3
3.2A
▼ RoHS Compliant & Halogen-Free
Description
Absolute Maximum Ratings@Tj=25
oC(unless otherwise specified)
Symbol
Units
VDS
Drain-Source Voltage
V
VGS
Gate-Source Voltage
V
ID@TC=25℃
Drain Current, VGS @ 10V
3
A
ID@TC=100℃
Drain Current, VGS @ 10V
3
A
IDM
Pulsed Drain Current
1
A
dv/dt
MOSFET dv/dt Ruggedness (VDS = 0 …400V )
V/ns
PD@TC=25℃
Total Power Dissipation
W
PD@TA=25℃
Total Power Dissipation
W
EAS
Single Pulse Avalanche Energy
4
mJ
dv/dt
Peak Diode Recovery dv/dt
5
V/ns
TSTG
Storage Temperature Range
TJ
Operating Junction Temperature Range
Thermal Data
Symbol
Parameter
Value
Units
Rthj-c
Maximum Thermal Resistance, Junction-case
4.4
/W
Rthj-a
110
/W
Data & specifications subject to change without notice
28.4
700
+20
3.2
2.1
8.3
Halogen-Free Product
201507271
1.13
-55 to 150
-55 to 150
Maximum Thermal Resistance, Junction-ambient
1
Parameter
Rating
27
15
50
G
D
S
AP70SL1K4A series are from Advanced Power innovated design
and silicon process technology to achieve the lowest possible on-
resistance and fast switching performance. It provides the designer
with an extreme efficient device for use in a wide range of power
applications.
The TO-251S short lead package is preferred for all commercial-
industrial through-hole applications without lead-cutted.
TO-251S(JB)
GD
S
.


Similar Part No. - AP70SL1K4AJB

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP70SL1K4AH A-POWER-AP70SL1K4AH Datasheet
72Kb / 6P
   Simple Drive Requirement
AP70SL1K4AI A-POWER-AP70SL1K4AI Datasheet
69Kb / 5P
   Fast Switching Characteristic
More results

Similar Description - AP70SL1K4AJB

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP07S60H-A-HF A-POWER-AP07S60H-A-HF Datasheet
93Kb / 4P
   Fast Switching Characteristic
AP2340GN-HF A-POWER-AP2340GN-HF_14 Datasheet
62Kb / 4P
   Fast Switching Characteristic
AP2606AGY-HF A-POWER-AP2606AGY-HF_14 Datasheet
100Kb / 4P
   Fast Switching Characteristic
AP2606GY-HF A-POWER-AP2606GY-HF_14 Datasheet
94Kb / 5P
   Fast Switching Characteristic
AP2763W-A A-POWER-AP2763W-A_14 Datasheet
238Kb / 5P
   Fast Switching Characteristic
AP2864I-A-HF A-POWER-AP2864I-A-HF_14 Datasheet
99Kb / 4P
   Fast Switching Characteristic
AP3986P A-POWER-AP3986P_14 Datasheet
102Kb / 5P
   Fast Switching Characteristic
AP3988P-HF A-POWER-AP3988P-HF_14 Datasheet
123Kb / 4P
   Fast Switching Characteristic
AP03N90I-HF A-POWER-AP03N90I-HF_14 Datasheet
99Kb / 4P
   Fast Switching Characteristic
AP10N60W A-POWER-AP10N60W_14 Datasheet
191Kb / 5P
   Fast Switching Characteristic
AP2310GG-HF A-POWER-AP2310GG-HF_14 Datasheet
62Kb / 4P
   Fast Switching Characteristic
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com